Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4275QKVURQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLE4275QKVURQ1
Description  5-V LOW-DROPOUT VOLTAGE REGULATOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE4275QKVURQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLE4275QKVURQ1 Datasheet HTML 6Page - Texas Instruments TLE4275QKVURQ1 Datasheet HTML 7Page - Texas Instruments TLE4275QKVURQ1 Datasheet HTML 8Page - Texas Instruments TLE4275QKVURQ1 Datasheet HTML 9Page - Texas Instruments TLE4275QKVURQ1 Datasheet HTML 10Page - Texas Instruments TLE4275QKVURQ1 Datasheet HTML 11Page - Texas Instruments TLE4275QKVURQ1 Datasheet HTML 12Page - Texas Instruments TLE4275QKVURQ1 Datasheet HTML 13Page - Texas Instruments TLE4275QKVURQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Power-On
Reset
Thermal
Shutdown
Voltage Dip
at Input
Undervoltage
Secondary
Spike
Overload
at Output
d V
d
I
D,c
C
D
V
Q,rt
V
DU
V
DRL
V
RO
V
D
V
O
V
I
< t
rr
t
rr
t
t
t
t
t
rd
∆T
=
II
C
I1
1000 µF
C
I2
100 nF
IN
DELAY
2
5
1
4
OUT
RESET
I
RO
C
OUT
22 µF
R
ext
5 k
I
D,c
I
D,d
C
D
47 nF
I
GND
GND
V
RO
V
O
I
O
V
I
V
D
3
TLE4275-Q1
SLVS647H – AUGUST 2006 – REVISED MARCH 2013
www.ti.com
PARAMETER MEASUREMENT INFORMATION
Figure 1. Test Circuit
Figure 2. Reset Timing
10
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: TLE4275-Q1


Similar Part No. - TLE4275QKVURQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE4275QKTTRQ1 TI-TLE4275QKTTRQ1 Datasheet
314Kb / 12P
[Old version datasheet]   5-V LOW-DROPOUT VOLTAGE REGULATOR
More results

Similar Description - TLE4275QKVURQ1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5150CS STMICROELECTRONICS-L5150CS Datasheet
664Kb / 34P
   5 V low dropout voltage regulator
logo
Infineon Technologies A...
TLE7274-2 INFINEON-TLE7274-2 Datasheet
1Mb / 19P
   5-V Low Dropout Voltage Regulator
Rev. 1.01, 2011-11-30
logo
STMicroelectronics
L5150GJ STMICROELECTRONICS-L5150GJ Datasheet
554Kb / 29P
   5 V low dropout voltage regulator
L5150CJTR STMICROELECTRONICS-L5150CJTR Datasheet
664Kb / 34P
   5 V low dropout voltage regulator
logo
Texas Instruments
TLE4275-Q1 TI-TLE4275-Q1 Datasheet
314Kb / 12P
[Old version datasheet]   5-V LOW-DROPOUT VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE7272-2 INFINEON-TLE7272-2 Datasheet
450Kb / 21P
   5-V Low Dropout Voltage Regulator
Rev. 1.0, June 2009
TLE7270-2 INFINEON-TLE7270-2 Datasheet
477Kb / 20P
   5-V Low Dropout Voltage Regulator
Rev. 1.01, July 2009
logo
STMicroelectronics
L5150BNTR STMICROELECTRONICS-L5150BNTR Datasheet
500Kb / 20P
   5 V low dropout voltage regulator
logo
Infineon Technologies A...
TLE4263-2ES INFINEON-TLE4263-2ES Datasheet
486Kb / 22P
   5-V Low Dropout Voltage Regulator
Rev. 1.0, April 2008
logo
Texas Instruments
TLE4275-Q1 TI-TLE4275-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   TLE4275-Q1 5-V Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com