Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC32046IN Datasheet(PDF) 4 Page - Texas Instruments

Part # TLC32046IN
Description  Wide-Band Analog Interface Circuit
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC32046IN Datasheet(HTML) 4 Page - Texas Instruments

  TLC32046IN Datasheet HTML 1Page - Texas Instruments TLC32046IN Datasheet HTML 2Page - Texas Instruments TLC32046IN Datasheet HTML 3Page - Texas Instruments TLC32046IN Datasheet HTML 4Page - Texas Instruments TLC32046IN Datasheet HTML 5Page - Texas Instruments TLC32046IN Datasheet HTML 6Page - Texas Instruments TLC32046IN Datasheet HTML 7Page - Texas Instruments TLC32046IN Datasheet HTML 8Page - Texas Instruments TLC32046IN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
iv
Section
Title
Page
2.23 More than One Set of Primary and Secondary DX Serial Communications
Occurring Between Two Receive Frame Syncs – Asynchronous Operation
2–13
. . .
2.24 System Frequency Response Correction
2–14
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.25 (Sin x)/x Correction
2–14
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.26 (Sin x)/x Roll-Off for a Zero-Order Hold Function
2–14
. . . . . . . . . . . . . . . . . . . . . . . . . .
2.27 Correction Filter
2–15
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.28 Correction Results
2–15
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.29 TMS320 Software Requirements
2–16
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3
Specifications
3–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.1
Absolute Maximum Ratings Over Operating Free-Air Temperature Range
3–1
. . . .
3.2
Recommended Operating Conditions
3–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.3
Electrical Characteristics Over Recommended Operating Free-Air
Temperature Range, VCC+ = 5 V, VCC– = –5 V, VDD = 5 V
3–2
. . . . . . . . . . . . . . . . .
3.3.1
Total Device, MSTR CLK Frequency = 5.184 MHz
3–2
. . . . . . . . . . . . . . . . .
3.3.2
Power Supply Rejection and Crosstalk Attenuation
3–2
. . . . . . . . . . . . . . . . .
3.3.3
Serial Port
3–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.3.4
Receive Amplifier Input
3–3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.3.5
Transmit Filter Output
3–3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.3.6
Receive and Transmit Channel System Distortion, SCF Clock
Frequency = 288 kHz
3–3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.3.7
Receive Channel Signal-to-Distortion Ratio
3–4
. . . . . . . . . . . . . . . . . . . . . . .
3.3.8
Transmit Channel Signal-to-Distortion Ratio
3–4
. . . . . . . . . . . . . . . . . . . . . . .
3.3.9
Receive and Transmit Gain and Dynamic Range
3–4
. . . . . . . . . . . . . . . . . . .
3.3.10 Receive Channel Band-Pass Filter Transfer Function,
SCF fclock = 288 kHz, Input (IN+ – IN–) Is A +3-V Sine Wave
3–5
. . . . . . .
3.3.11 Receive and Transmit Channel Low-Pass Filter Transfer Function,
SCF fclock = 288 kHz
3–5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.4
Operating Characteristics Over Recommended Operating Free-Air
Temperature Range, VCC+ = 5 V, VCC– = –5 V, VDD = 5 V
3–6
. . . . . . . . . . . . . . . . .
3.4.1 Receive and Transmit Noise
3–6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.5
Timing Requirements
3–6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.5.1
Serial Port Recommended Input Signals
3–6
. . . . . . . . . . . . . . . . . . . . . . . . . .
3.5.2
Serial Port – AIC Output Signals, CL = 30 pF for SHIFT CLK Output,
CL = 15 pF For All Other Outputs
3–7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4
Parameter Measurement Information
4–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5
Typical Characteristics
5–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6
Application Information
6–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .


Similar Part No. - TLC32046IN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC32046I TI-TLC32046I Datasheet
297Kb / 57P
[Old version datasheet]   Wide-Band Analog Interface Circuit
More results

Similar Description - TLC32046IN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC32047C TI-TLC32047C Datasheet
303Kb / 61P
[Old version datasheet]   Wide-Band Analog Interface Circuit
TLC32046 TI1-TLC32046 Datasheet
273Kb / 56P
[Old version datasheet]   Wide-Band Analog Interface Circuit
TLC32046C TI-TLC32046C Datasheet
297Kb / 57P
[Old version datasheet]   Wide-Band Analog Interface Circuit
logo
Mitsubishi Electric Sem...
M52755FP MITSUBISHI-M52755FP Datasheet
69Kb / 9P
   WIDE BAND ANALOG SWITCH
logo
Renesas Technology Corp
M52758SP RENESAS-M52758SP Datasheet
156Kb / 17P
   Wide Band Analog Switch
Mar 31, 2008
logo
Mitsubishi Electric Sem...
M52758SP MITSUBISHI-M52758SP Datasheet
178Kb / 10P
   WIDE BAND ANALOG SWITCH
M52757FP MITSUBISHI-M52757FP Datasheet
229Kb / 5P
   WIDE BAND ANALOG SWITCH
logo
Renesas Technology Corp
M52757FP RENESAS-M52757FP Datasheet
196Kb / 7P
   Wide Band Analog Switch
logo
Mitsubishi Electric Sem...
M52756SP MITSUBISHI-M52756SP Datasheet
585Kb / 19P
   WIDE BAND ANALOG SWITCH
logo
Renesas Technology Corp
M61323SP RENESAS-M61323SP Datasheet
295Kb / 20P
   Wide Frequency Band Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com