Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9310-38-RC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 9310-38-RC
Description  Molded Axial Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

9310-38-RC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  9310-38-RC Datasheet HTML 1Page - Bourns Electronic Solutions 9310-38-RC Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Formerly
model
High Q value
Inductance range: 0.15
μH to 33 μH
RoHS compliant*
Applications
Filters
Output chokes
9310 Series Molded Axial Inductor
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Specifications
General Specifications
Temperature Rise ................ 35 °C at Idc
Operating Temperature
................................ -55 °C to +105 °C
Storage Temperature
................................ -55 °C to +105 °C
Dielectric Strength ................. 1000 Vrms
Materials
Core.............................................. Ferrite
Wire ............................ Enameled copper
Terminal Coating................................. Sn
Packaging
Standard..................1000 pcs. per bag
Optional......1000 pcs. per 14-inch reel
Electrical Schematic
How to Order
9310 - 02 - __ - RC
Model
Value Code
Two-digit code from table
(Example: -02 = 0.22
μH)
Packaging Code
Blank = 1000 pcs./bag
TR = 1000 pcs./14-inch reel
Compliance Code
RC = RoHS compliant*
Examples:
• 9310-00-RC = 0.15
μH packaged
1000 pcs./bag.
• 9310-18-TR-RC = 1.8
μH packaged
1000 pcs./14-inch reel.
Bourns Part No.
Inductance
Q
Min.
Test
Frequency
(MHz)
SRF
(MHz)
Min.
DCR
(
Ω)
Max.
Idc
(mA)
(
μH)
Tol. (%)
9310-00-RC
0.15
±20
50
25
525
0.030
2450
9310-02-RC
0.22
±20
50
25
450
0.055
1900
9310-04-RC
0.33
±20
45
25
360
0.090
1400
9310-06-RC
0.47
±20
45
25
310
0.120
1225
9310-07-RC
0.56
±10
50
25
280
0.135
1220
9310-08-RC
0.68
±10
50
25
250
0.15
1100
9310-10-RC
0.82
±10
50
25
220
0.22
900
9310-12-RC
1.0
±10
50
25
200
0.29
830
9310-14-RC
1.2
±10
33
7.9
180
0.42
650
9310-16-RC
1.5
±10
33
7.9
160
0.50
600
9310-18-RC
1.8
±10
33
7.9
150
0.65
525
9310-20-RC
2.2
±10
33
7.9
135
0.95
435
9310-22-RC
2.7
±10
33
7.9
120
1.20
385
9310-24-RC
3.3
±10
33
7.9
110
2.00
300
9310-26-RC
3.9
±10
33
7.9
100
2.30
280
9310-28-RC
4.7
±10
33
7.9
90
2.60
260
9310-30-RC
5.6
±10
45
7.9
60
0.32
750
9310-32-RC
6.8
±10
50
7.9
55
0.50
600
9310-34-RC
8.2
±10
50
7.9
50
0.60
545
9310-36-RC
10
±10
55
7.9
45
0.90
445
9310-38-RC
12
±10
65
2.5
42
1.1
404
9310-40-RC
15
±10
65
2.5
40
1.4
370
9310-42-RC
18
±10
75
2.5
34
2.3
280
9310-44-RC
22
±10
75
2.5
30
2.5
265
9310-46-RC
24
±10
60
2.5
26
2.5
265
9310-48-RC
27
±10
60
2.5
25
2.6
260
9310-50-RC
30
±10
65
2.5
19
2.8
255
9310-52-RC
33
±10
65
2.5
19
3.0
250
DIMENSIONS:
MM
(INCHES)
Product Dimensions
9.53 ± 0.25
(.375 ± 0.01)
25.4
(1.00)
MIN.
0.64
(0.025)
3.96 ± 0.25
(0.156 ± 0.01)


Similar Part No. - 9310-38-RC

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9310-0101000 BELDEN-9310-0101000 Datasheet
157Kb / 3P
   50 Ohm, RG58, 20 AWG
12-19-2022
9310-010500 BELDEN-9310-010500 Datasheet
157Kb / 3P
   50 Ohm, RG58, 20 AWG
12-19-2022
9310-010U1000 BELDEN-9310-010U1000 Datasheet
157Kb / 3P
   50 Ohm, RG58, 20 AWG
12-19-2022
More results

Similar Description - 9310-38-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
9220-00-RC BOURNS-9220-00-RC Datasheet
211Kb / 1P
   Molded Axial Inductor
logo
List of Unclassifed Man...
LAM-1641 ETC2-LAM-1641 Datasheet
28Kb / 1P
   Axial Molded Inductor
logo
Caliber Electronics Inc...
LAM-1025 CALIBER-LAM-1025 Datasheet
30Kb / 1P
   Axial Molded Inductor
logo
Bourns Electronic Solut...
9230-94-RC BOURNS-9230-94-RC Datasheet
228Kb / 2P
   Molded Axial Inductor
9250A-101-RC BOURNS-9250A-101-RC Datasheet
246Kb / 3P
   Molded Axial Inductor
logo
Caliber Electronics Inc...
LAM-1641 CALIBER-LAM-1641 Datasheet
29Kb / 1P
   Axial Molded Inductor
logo
Bourns Electronic Solut...
9250A BOURNS-9250A Datasheet
248Kb / 2P
   Molded Axial Inductor
logo
List of Unclassifed Man...
LAM-1025 ETC2-LAM-1025 Datasheet
29Kb / 1P
   Axial Molded Inductor
logo
ABC Taiwan Electronics ...
AA0307R10ML ABC-AA0307R10ML Datasheet
132Kb / 6P
   AXIAL INDUCTOR
20091221-C
AA0205R10ML ABC-AA0205R10ML Datasheet
128Kb / 6P
   AXIAL INDUCTOR
20080714-A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com