Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC10IGQER Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV320AIC10IGQER
Description  General-Purpose 3 V to 5.5V 16-Bit 22-KSPS DSP CODEC
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC10IGQER Datasheet(HTML) 4 Page - Texas Instruments

  TLV320AIC10IGQER Datasheet HTML 1Page - Texas Instruments TLV320AIC10IGQER Datasheet HTML 2Page - Texas Instruments TLV320AIC10IGQER Datasheet HTML 3Page - Texas Instruments TLV320AIC10IGQER Datasheet HTML 4Page - Texas Instruments TLV320AIC10IGQER Datasheet HTML 5Page - Texas Instruments TLV320AIC10IGQER Datasheet HTML 6Page - Texas Instruments TLV320AIC10IGQER Datasheet HTML 7Page - Texas Instruments TLV320AIC10IGQER Datasheet HTML 8Page - Texas Instruments TLV320AIC10IGQER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
iv
2.7.3
Frame-Sync (FS) Function—Master Mode
2–9
. . . . . . . . . . . . .
2.7.4
Frame-Sync (FS) Function—Slave Mode
2–10
. . . . . . . . . . . . . .
2.7.5
Frame-Sync Delayed (FSD) Function, Cascade Mode
2–10
. . .
2.8
Multiplexed Analog Input and Output
2–11
. . . . . . . . . . . . . . . . . . . . . . . . . . .
2.8.1
Multiplexed Analog Input
2–11
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.8.2
Analog Output
2–12
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.8.3
Single-Ended Analog Input
2–12
. . . . . . . . . . . . . . . . . . . . . . . . . . .
2.8.4
Single-Ended Analog Output
2–12
. . . . . . . . . . . . . . . . . . . . . . . . .
3
Serial Communications
3–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.1
Primary Serial Communication
3–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.2
Secondary Serial Communication
3–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.2.1
Register Programming
3–3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.2.2
Hardware Secondary Serial Communication Request
3–4
. . . .
3.2.3
Software Secondary Serial Communication Request
3–5
. . . .
3.3
Direct Configuration Mode
3–5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.4
Continuous Data Transfer Mode
3–7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.5
DIN and DOUT Data Format
3–8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.5.1
Primary Serial Communication DIN and
DOUT Data Format
3–8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.5.2
Secondary Serial Communication DIN and
DOUT Data Format
3–8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.5.3
Direct Configuration DCSI Data Format
3–8
. . . . . . . . . . . . . . . .
4
Specifications
4–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.1
Absolute Maximum Ratings Over Operating Free-Air
Temperature Range
4–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.2
Recommended Operating Conditions
4–1
. . . . . . . . . . . . . . . . . . . . . . . . . .
4.3
Electrical Characteristics Over Recommended Operating Free-Air
Temperature Range, AVDD = 5 V/3.3 V, DVDD = 5 V/3.3 V
4–1
. . . . . . . .
4.3.1
Digital Inputs and Outputs, Fs = 8 kHz,
Output Not Loaded
4–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.3.2
ADC Path Filter, Fs = 8 kHz
4–2
. . . . . . . . . . . . . . . . . . . . . . . . . .
4.3.3
ADC Dynamic Performance, Fs = 8 kHz
4–2
. . . . . . . . . . . . . . .
4.3.4
ADC Channel Characteristics
4–3
. . . . . . . . . . . . . . . . . . . . . . . .
4.3.5
DAC Path Filter, Fs= 8 kHz
4–3
. . . . . . . . . . . . . . . . . . . . . . . . . . .
4.3.6
DAC Dynamic Performance
4–3
. . . . . . . . . . . . . . . . . . . . . . . . . .
4.3.7
DAC Channel Characteristics
4–4
. . . . . . . . . . . . . . . . . . . . . . . .
4.3.8
Op-Amp Interface (A1, A3, A4)
4–4
. . . . . . . . . . . . . . . . . . . . . . .
4.3.9
Power-Supply Rejection
4–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.3.10
Power Supply
4–5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.4
Timing Requirements
4–5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.4.1
Master Mode Timing Requirements
4–5
. . . . . . . . . . . . . . . . . . .


Similar Part No. - TLV320AIC10IGQER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC10I TI-TLV320AIC10I Datasheet
273Kb / 57P
[Old version datasheet]   General-Purpose 3V to 5.5V 16-bit 22-KSPS DSP CODEC
TLV320AIC10IPFB TI-TLV320AIC10IPFB Datasheet
273Kb / 57P
[Old version datasheet]   General-Purpose 3V to 5.5V 16-bit 22-KSPS DSP CODEC
More results

Similar Description - TLV320AIC10IGQER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC10 TI-TLV320AIC10 Datasheet
273Kb / 57P
[Old version datasheet]   General-Purpose 3V to 5.5V 16-bit 22-KSPS DSP CODEC
TLV320AIC11 TI-TLV320AIC11 Datasheet
249Kb / 55P
[Old version datasheet]   General-Purpose Low-Voltage 1.1V to 3.6V/0 16-bit 22-KSPS DSP CODEC
TLV320AIC12 TI-TLV320AIC12_07 Datasheet
1Mb / 63P
[Old version datasheet]   LOW-POWER, HIGHLY-INTEGRATED, PROGRAMMABLE 16-Bit, 26-KSPS MONO CODEC
logo
Analog Devices
AD7664 AD-AD7664_15 Datasheet
386Kb / 24P
   16-Bit, 570 kSPS
REV. E
AD7722 AD-AD7722_15 Datasheet
452Kb / 24P
   16-Bit, 195 kSPS
REV. B
AD7675 AD-AD7675_15 Datasheet
292Kb / 20P
   16-Bit, 100 kSPS
REV. A
logo
STMicroelectronics
PM0014 STMICROELECTRONICS-PM0014 Datasheet
299Kb / 46P
   General-purpose DSP library
logo
Analog Devices
AD766 AD-AD766_15 Datasheet
313Kb / 8P
   16-Bit DSP DACPORT
REV. A
AD766 AD-AD766 Datasheet
310Kb / 8P
   16-Bit DSP DACPORT
REV. A
logo
Texas Instruments
TLV320AIC20 TI1-TLV320AIC20 Datasheet
1Mb / 56P
[Old version datasheet]   Low-Power, Highly-Integrated, Programmable 16-Bit, 26-KSPS, Dual-Channel CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com