Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSL-AO4-U Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HSL-AO4-U
Description  4-CH Analog Output Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HSL-AO4-U Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HSL-AO4-U Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
7-9 www.adlinktech.com
HSL-AO4-U
4-CH Analog Output Module
Features
■ 4-CH analog output
■ Output voltage range selection ±12 V
■ 16-bit resolution
■ Isolation voltage: 2500 VRMS
■ Easy programming by software
■ Easy installation and wiring
Slave ID Consumption
2
Transmission Mode
Full/Half duplex
Transmission Speed
3/6/12 Mbps selectable, 6 Mbps is default setting
Analog Output Channel
4
Circuit Type
Single-ended
D/A Resolution
16-bit
Output Range
± 12 V
D/A Settling Time
10 μs (max.)
D/A Offset Error
0.5 mV (max.)
LED Indicator
Power and Link
Power Requirement
+24 VDC (±10%)
Specifications
■Windows® Platform
Windows® 7/Vista (32-bit)/XP/2000 libraries
■HSL LinkMaster Utility
The HSL LinkMaster utility is used to scan and
test slave devices.
Software Support
Ordering Information
■ HSL-AO4-U
4-CH analog output module
HSL Slave Modules
Updated 03-28, 2012. ©2012 ADLINK Technology, Inc. All Rights Reserved. All specifications are subject to change without further notice.


Similar Part No. - HSL-AO4-U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HSL-DI16-UC ETC2-HSL-DI16-UC Datasheet
175Kb / 1P
   16-CH Discrete Input 16-CH Discrete Output Modules
HSL-DI16DO16-UD ETC2-HSL-DI16DO16-UD Datasheet
227Kb / 1P
   16-CH Discrete Input-16-CH Discrete Output Modules
HSL-DI16DO16-UJ ETC2-HSL-DI16DO16-UJ Datasheet
227Kb / 1P
   16-CH Discrete Input-16-CH Discrete Output Modules
HSL-DI16DO16-US ETC2-HSL-DI16DO16-US Datasheet
227Kb / 1P
   16-CH Discrete Input-16-CH Discrete Output Modules
HSL-DI32-UD ETC2-HSL-DI32-UD Datasheet
234Kb / 1P
   32-CH Discrete Input Modules with U Profile
More results

Similar Description - HSL-AO4-U

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-5024 ADVANTECH-ADAM-5024_14 Datasheet
257Kb / 1P
   4-ch Analog Output Module
ADAM-5024 ADVANTECH-ADAM-5024 Datasheet
637Kb / 1P
   4-ch Analog Output Module
ADAM-4021 ADVANTECH-ADAM-4021_V01 Datasheet
295Kb / 1P
   1-ch Analog Output Module
27-Jun-2018
ADAM-4021 ADVANTECH-ADAM-4021 Datasheet
709Kb / 1P
   1-ch Analog Output Module
ADAM-6224 ADVANTECH-ADAM-6224_14 Datasheet
1Mb / 2P
   4-ch Isolated Analog Output Modbus TCP Module
ADAM-4016 ADVANTECH-ADAM-4016 Datasheet
286Kb / 1P
   1-ch Analog Input/Output Module, 8-ch Analog Input Module
ADAM-3617-AE ADVANTECH-ADAM-3617-AE Datasheet
289Kb / 1P
   4-ch Analog Input Module
ADAM-4060 ADVANTECH-ADAM-4060_15 Datasheet
328Kb / 1P
   4-ch Relay Output Module
ADAM-4060 ADVANTECH-ADAM-4060 Datasheet
766Kb / 1P
   4-ch Relay Output Module
ADAM-6266 ADVANTECH-ADAM-6266_14 Datasheet
1Mb / 2P
   4-ch Relay Output Modbus TCP Module with 4-ch DI
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com