Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM32-8R2M-RC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PM32-8R2M-RC
Description  SMD Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PM32-8R2M-RC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PM32-8R2M-RC Datasheet HTML 1Page - Bourns Electronic Solutions PM32-8R2M-RC Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0.9
(.035)
3.0 ± 0.3
(.118 ± .012)
MAX.
MAX.
MAX.
TYP.
3.0
(.118)
2.8 ± 0.3
(.110 ± .012)
2.5 ± 0.3
(.098 ± .012)
0.8
(.031)
1.4
(.055)
1.4
(.055)
Features
Formerly
model
Available in E12 series
Low profile of only 2.5 mm
Low inductance values
RoHS compliant*
Applications
Input/output of DC/DC converters
Power supplies for:
• Portable communication equipment
• Camcorders
• LCD TVs
• Car radios
PM32 Series - SMD Power Inductors
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
General Specifications
Test Voltage .......................................1 V
Reflow Soldering .. 230 °C, 50 sec. max.
Operating Temperature
................................-40 °C to +125 °C
(Temperature rise included)
Storage Temperature
................................-40 °C to +125 °C
Resistance to Soldering Heat
................................. 260 °C for 5 sec.
Materials
Core ...................................... Ferrite DR
Wire ............ Enameled copper wire 130
Terminal ....................................Ag/Ni/Sn
Rated Current
................... Ind. drop 10 % typ. at Isat
Temperature Rise ................. 40 °C max.
at rated Irms
Packaging.................. 1500 pcs. per reel
DIMENSIONS:
MM
(INCHES)
Product Dimensions
Electrical Specifications
Recommended Layout
Inductance 1 kHz
Test
SRF
RDC
I rms
I sat
Q
Frequency
Min.
Max.
Max.
Typ.
Bourns Part No.
(µH)
Tol. %
Ref.
(MHz)
(MHz)
(
Ω)
(A)
(A)
PM32-1R0M-RC
1.0
± 20
20
7.96
125.0
0.06
2.100
2.700
PM32-1R4M-RC
1.4
± 20
22
7.96
95.0
0.07
1.500
2.300
PM32-1R8M-RC
1.8
± 20
23
7.96
85.0
0.08
1.800
2.000
PM32-2R2M-RC
2.2
± 20
22
7.96
75.0
0.09
1.650
1.850
PM32-2R7M-RC
2.7
± 20
22
7.96
72.0
0.10
1.500
1.700
PM32-3R3M-RC
3.3
± 20
23
7.96
68.0
0.11
1.400
1.600
PM32-3R9M-RC
3.9
± 20
24
7.96
50.0
0.12
1.300
1.500
PM32-4R7M-RC
4.7
± 20
18
7.96
45.0
0.15
1.200
1.350
PM32-5R6M-RC
5.6
± 20
18
7.96
42.0
0.16
1.100
1.300
PM32-6R8M-RC
6.8
± 20
18
7.96
40.0
0.18
1.000
1.200
PM32-8R2M-RC
8.2
± 20
16
7.96
35.0
0.20
0.900
1.050
PM32-100M-RC
10.0
± 20
18
2.52
34.0
0.25
0.800
0.900
PM32-120M-RC
12.0
± 20
15
2.52
33.0
0.28
0.750
0.850
PM32-150M-RC
15.0
± 20
20
2.52
32.0
0.40
0.650
0.800
PM32-180M-RC
18.0
± 20
18
2.52
28.0
0.46
0.580
0.750
PM32-220M-RC
22.0
± 20
23
2.52
22.0
0.66
0.520
0.650
PM32-270M-RC
27.0
± 20
23
2.52
20.0
0.75
0.480
0.550
PM32-330M-RC
33.0
± 20
20
2.52
18.0
0.85
0.420
0.500
PM32-390M-RC
39.0
± 20
24
2.52
18.0
1.12
0.380
0.450
PM32-470M-RC
47.0
± 20
23
2.52
17.0
1.27
0.360
0.400
PM32-560M-RC
56.0
± 20
18
2.52
16.0
1.45
0.340
0.350
PM32-680M-RC
68.0
± 20
24
2.52
14.0
1.85
0.300
0.320
PM32-820M-RC
82.0
± 20
24
2.52
12.0
2.10
0.280
0.300
PM32-101M-RC
100.0
± 20
40
0.796
10.0
2.85
0.260
0.280
PM32-121M-RC
120.0
± 20
40
0.796
10.0
3.20
0.220
0.250
PM32-151M-RC
150.0
± 20
38
0.796
9.0
4.60
0.200
0.230
PM32-181M-RC
180.0
± 20
45
0.796
8.5
5.00
0.185
0.210
PM32-221M-RC
220.0
± 20
40
0.796
8.0
5.70
0.170
0.190
PM32-271M-RC
270.0
± 20
45
0.796
7.0
8.60
0.150
0.170
PM32-331M-RC
330.0
± 20
40
0.796
6.0
10.00
0.130
0.150
PM32-391M-RC
390.0
± 20
40
0.796
5.5
10.80
0.120
0.140
PM32-471M-RC
470.0
± 20
42
0.796
5.0
14.30
0.105
0.130
Typical Part Marking
Electrical Schematic
100


Similar Part No. - PM32-8R2M-RC

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
PM322-155.52M CONNOR-WINFIELD-PM322-155.52M Datasheet
145Kb / 2P
   5.0x7.0mm Surface Mount LVPECL Clock Oscillator Series
PM323-155.52M CONNOR-WINFIELD-PM323-155.52M Datasheet
145Kb / 2P
   5.0x7.0mm Surface Mount LVPECL Clock Oscillator Series
More results

Similar Description - PM32-8R2M-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com