Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3502AIDCNRG4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3502AIDCNRG4
Description  4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3502AIDCNRG4 Datasheet(HTML) 2 Page - Texas Instruments

  TLV3502AIDCNRG4 Datasheet HTML 1Page - Texas Instruments TLV3502AIDCNRG4 Datasheet HTML 2Page - Texas Instruments TLV3502AIDCNRG4 Datasheet HTML 3Page - Texas Instruments TLV3502AIDCNRG4 Datasheet HTML 4Page - Texas Instruments TLV3502AIDCNRG4 Datasheet HTML 5Page - Texas Instruments TLV3502AIDCNRG4 Datasheet HTML 6Page - Texas Instruments TLV3502AIDCNRG4 Datasheet HTML 7Page - Texas Instruments TLV3502AIDCNRG4 Datasheet HTML 8Page - Texas Instruments TLV3502AIDCNRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
TLV3501
TLV3502
SBOS321D − MARCH 2005 − REVISED JULY 2005
www.ti.com
2
ABSOLUTE MAXIMUM RATINGS(1)
Supply Voltage
+5.5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Signal Input Terminals, Voltage(2)
(V−) − 0.3V to (V+) + 0.3V
. . . . .
Signal Input Terminals, Current(2)
10mA
. . . . . . . . . . . . . . . . . . . . .
Output Short Circuit(3)
74mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature
−40
°C to +125°C
. . . . . . . . . . . . . . . . . . . . .
Storage Temperature
−65
°C to +150°C
. . . . . . . . . . . . . . . . . . . . . . .
Junction Temperature
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (soldering, 10s)
+300
°C
. . . . . . . . . . . . . . . . . . . .
ESD Rating (Human Body Model)
3000V
. . . . . . . . . . . . . . . . . . . .
Charged-Device Model (CDM)
500V
. . . . . . . . . . . . . . . . . . . . . . . . .
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not supported.
(2) Input terminals are diode-clamped to the power-supply rails.
Input signals that can swing more than 0.3V beyond the supply
rails should be current limited to 10mA or less.
(3) Short-circuit to ground, one comparator per package.
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE DESIGNATOR
PACKAGE MARKING
TLV3501
SOT23-6
DBV
NXA
TLV3501
SOT23-6
DBV
NXA
TLV3501
SO-8
D
TLV3501A
TLV3501
SO-8
D
TLV3501A
TLV3502
SOT23-8
DCN
NXC
TLV3502
SOT23-8
DCN
NXC
TLV3502
SO-8
D
TLV3502A
TLV3502
SO-8
D
TLV3502A
(1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site
at www.ti.com.
PIN CONFIGURATIONS
(1) Pin 1 of the SOT23-6 is determined by orienting the package marking as indicated on the diagram.
(2) NC indicates no internal connection.
1
2
3
6
5
4
SHDN
OUT
V+
TLV3501
SOT23−6(1)
−IN
V
+IN
1
2
3
4
8
7
6
5
SHDN
V+
OUT
NC(2)
NC(2)
−IN
+IN
V
TLV3501
SO−8
1
2
3
4
8
7
6
5
V+
OUT A
OUT B
V
TLV3502
SOT23−8, SO−8
+IN A
−IN A
+IN B
−IN B
A
B


Similar Part No. - TLV3502AIDCNRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3502AIDCNR TI-TLV3502AIDCNR Datasheet
381Kb / 15P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3502AIDCNR TI1-TLV3502AIDCNR Datasheet
780Kb / 21P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
More results

Similar Description - TLV3502AIDCNRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3502AIDG4 TI1-TLV3502AIDG4 Datasheet
780Kb / 21P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3502AIDCNTG4 TI-TLV3502AIDCNTG4 Datasheet
818Kb / 21P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3501 TI-TLV3501 Datasheet
381Kb / 15P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3501A-Q1 TI1-TLV3501A-Q1_15 Datasheet
998Kb / 22P
[Old version datasheet]   Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3501A-Q1 TI1-TLV3501A-Q1 Datasheet
653Kb / 18P
[Old version datasheet]   4.5-ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3502-Q1 TI1-TLV3502-Q1_14 Datasheet
1,007Kb / 23P
[Old version datasheet]   Rail-to-Rail High-Speed Comparator
logo
STMicroelectronics
TS3011 STMICROELECTRONICS-TS3011 Datasheet
239Kb / 14P
   Rail-to-rail high-speed comparator
TS3021 STMICROELECTRONICS-TS3021 Datasheet
901Kb / 17P
   Rail-to-rail 1.8V high-speed comparator
TS3021_0710 STMICROELECTRONICS-TS3021_0710 Datasheet
901Kb / 16P
   Rail-to-rail 1.8V high-speed comparator
logo
Texas Instruments
TLV3502-Q1 TI1-TLV3502-Q1 Datasheet
575Kb / 17P
[Old version datasheet]   4.5-ns RAIL-TO-RAIL HIGH-SPEED COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com