Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV62150A Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62150A
Description  4-17V 1A Step-Down Converter with DCS-Control
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV62150A Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV62150A Datasheet HTML 2Page - Texas Instruments TLV62150A Datasheet HTML 3Page - Texas Instruments TLV62150A Datasheet HTML 4Page - Texas Instruments TLV62150A Datasheet HTML 5Page - Texas Instruments TLV62150A Datasheet HTML 6Page - Texas Instruments TLV62150A Datasheet HTML 7Page - Texas Instruments TLV62150A Datasheet HTML 8Page - Texas Instruments TLV62150A Datasheet HTML 9Page - Texas Instruments TLV62150A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
COUT
VOUT
CIN
L1
VIN
FB
PG
TLV62150
R1
R2
CSS
R3
PVIN
AVIN
EN
SS/TR
DEF
FSW
SW
VOS
PG
FB
AGND
PGND
TLV62150, TLV62150A
SLVSB71B – FEBRUARY 2012 – REVISED JUNE 2013
www.ti.com
PARAMETER MEASUREMENT INFORMATION
List of Components
REFERENCE
DESCRIPTION
MANUFACTURER
IC
17V, 1A Step-Down Converter, QFN
TLV62150RGT, Texas Instruments
L1
2.2µH, 0.165 x 0.165 in
XFL4020-222MEB, Coilcraft
Cin
10µF, 25V, Ceramic
Standard
Cout
22µF, 6.3V, Ceramic
Standard
Cs
3300pF, 25V, Ceramic
R1
depending on Vout
R2
depending on Vout
R3
100k
Ω, Chip, 0603, 1/16W, 1%
Standard
spacing
Figure 3. Measurement Setup
TYPICAL CHARACTERISTICS
Table of Graphs
DESCRIPTION
FIGURE
Efficiency
vs Output Current, vs Input Voltage
4 - 15
vs Output current (Load regulation), vs Input Voltage
Output voltage
16, 17
(Line regulation)
vs Input Voltage
18
Switching Frequency
vs Output Current
19
Quiescent Current
vs Input Voltage
20
Shutdown Current
vs Input Voltage
21
Power FET RDS(on)
vs Input Voltage (High-Side, Low-Side)
22, 23
Output Voltage Ripple
vs output Current
24
Maximum Output Current
vs Input Voltage
25
Power Supply Rejection Ratio (PSSR)
vs Frequency
26, 27
PWM-PSM-PWM Mode Transition
28
Load Transient Response
29 - 31
Waveforms
Startup
32, 33
Typical PWM Mode Operation
34
Typical Power Save Mode Operation
35
6
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TLV62150 TLV62150A


Similar Part No. - TLV62150A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62150A TI1-TLV62150A Datasheet
1Mb / 35P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control
TLV62150A TI-TLV62150A Datasheet
1Mb / 38P
[Old version datasheet]   TLV62150x 4-V to 17-V 1-A Step-Down Converter With DCS-Control?
More results

Similar Description - TLV62150A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62150 TI1-TLV62150_14 Datasheet
1Mb / 35P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control
TLV62150 TI1-TLV62150 Datasheet
1Mb / 31P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control?
TLV62130ARGTR TI-TLV62130ARGTR Datasheet
1Mb / 35P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-Control
TLV62130 TI-TLV62130_13 Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
TLV62130 TI1-TLV62130 Datasheet
1Mb / 32P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
TPS62160 TI1-TPS62160 Datasheet
1Mb / 34P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TPS62160 TI1-TPS62160_14 Datasheet
1Mb / 35P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TPS62170 TI1-TPS62170 Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 0.5A Step-Down Converter with DCS-ControlTM
TLV62095 TI1-TLV62095 Datasheet
1Mb / 26P
[Old version datasheet]   4-A High Efficiency Step Down Converter with DCS-Control
logo
Taiwan Memory Technolog...
T8302 TMT-T8302 Datasheet
124Kb / 12P
   PWM Control 1A Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com