Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC3106IZQER Datasheet(PDF) 7 Page - Texas Instruments

Part # TLV320AIC3106IZQER
Description  LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC3106IZQER Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV320AIC3106IZQER Datasheet HTML 3Page - Texas Instruments TLV320AIC3106IZQER Datasheet HTML 4Page - Texas Instruments TLV320AIC3106IZQER Datasheet HTML 5Page - Texas Instruments TLV320AIC3106IZQER Datasheet HTML 6Page - Texas Instruments TLV320AIC3106IZQER Datasheet HTML 7Page - Texas Instruments TLV320AIC3106IZQER Datasheet HTML 8Page - Texas Instruments TLV320AIC3106IZQER Datasheet HTML 9Page - Texas Instruments TLV320AIC3106IZQER Datasheet HTML 10Page - Texas Instruments TLV320AIC3106IZQER Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 103 page
background image
RECOMMENDED OPERATING CONDITIONS
TLV320AIC3106
www.ti.com........................................................................................................................................ SLAS509E – DECEMBER 2006 – REVISED DECEMBER 2008
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
AVDD_DAC, DRVDD(1) Analog supply voltage
2.7
3.3
3.6
V
DVDD(1)
Digital core supply voltage
1.65
1.8
1.95
V
IOVDD(1)
Digital I/O supply voltage
1.1
1.8
3.6
V
VI
Analog full-scale 0-dB input voltage (DRVDD1 = 3.3 V)
0.707
VRMS
Stereo line output load resistance
10
k
Stereo headphone output load resistance
16
Digital output load capacitance
10
pF
TA
Operating free-air temperature
–40
85
°C
(1)
Analog voltage values are with respect to AVSS_ADC, AVSS_DAC, DRVSS; digital voltage values are with respect to DVSS.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TLV320AIC3106


Similar Part No. - TLV320AIC3106IZQER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3106IZQER TI-TLV320AIC3106IZQER Datasheet
1Mb / 99P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3106IZQER TI-TLV320AIC3106IZQER Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3106IZQER TI1-TLV320AIC3106IZQER Datasheet
2Mb / 105P
[Old version datasheet]   Low-Power Stereo Audio CODEC
TLV320AIC3106IZQER TI-TLV320AIC3106IZQER Datasheet
4Mb / 109P
[Old version datasheet]   TLV320AIC3106 Low-Power Stereo Audio CODEC for Portable Audio/Telephony
More results

Similar Description - TLV320AIC3106IZQER

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV320AIC31 BURR-BROWN-TLV320AIC31_07 Datasheet
1Mb / 77P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3105 BURR-BROWN-TLV320AIC3105_08 Datasheet
1Mb / 95P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320ALC31 BURR-BROWN-TLV320ALC31 Datasheet
1,008Kb / 74P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC32 BURR-BROWN-TLV320AIC32_07 Datasheet
1Mb / 87P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3106-Q1 TI1-TLV320AIC3106-Q1 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3101 TI1-TLV320AIC3101 Datasheet
2Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio Codec for Portable Audio/Telephony
TLV320AIC31 TI-TLV320AIC31 Datasheet
2Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3106_0706 TI-TLV320AIC3106_0706 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320AIC3105 BURR-BROWN-TLV320AIC3105 Datasheet
1Mb / 93P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3101 TI-TLV320AIC3101 Datasheet
1Mb / 95P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com