Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP100NA3KG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TMP100NA3KG4
Description  Digital Temperature Sensor with I2C Interface
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP100NA3KG4 Datasheet(HTML) 5 Page - Texas Instruments

  TMP100NA3KG4 Datasheet HTML 1Page - Texas Instruments TMP100NA3KG4 Datasheet HTML 2Page - Texas Instruments TMP100NA3KG4 Datasheet HTML 3Page - Texas Instruments TMP100NA3KG4 Datasheet HTML 4Page - Texas Instruments TMP100NA3KG4 Datasheet HTML 5Page - Texas Instruments TMP100NA3KG4 Datasheet HTML 6Page - Texas Instruments TMP100NA3KG4 Datasheet HTML 7Page - Texas Instruments TMP100NA3KG4 Datasheet HTML 8Page - Texas Instruments TMP100NA3KG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
TMP100
TMP101
SBOS231G − JANUARY 2002 − REVISED NOVEMBER 2007
www.ti.com
5
APPLICATIONS INFORMATION
The TMP100 and TMP101 are digital temperature sensors
optimal for thermal management and thermal protection
applications. The TMP100 and TMP101 are I2C and
SMBus interface-compatible and are specified over a
temperature range of −55
°C to +125°C.
The
TMP100
and
TMP101
require
no
external
components for operation except for pull-up resistors on
SCL, SDA, and ALERT, although a 0.1
µF bypass
capacitor is recommended, as shown in Figure 1 and
Figure 2.
TMP101
0.1
µF
V+
GND
2
5
3
4
ADD0
(Input)
ALERT
(Output)
1
6
SCL
SDA
To I2C
Controller
NOTE: (1) SCL, SDA and ALERT
require pull−up resistors for
I2C bus applications.
Figure 1. Typical Connections of the TMP101
TMP100
0.1
µF
V+
GND
2
5
3
4
ADD0
(Input)
ADD1
(Input)
1
6
SCL
SDA
To I2C
Controller
NOTE: (1) SCL and SDA
require pull−up resistors for
I2C bus applications.
Figure 2. Typical Connections of the TMP100
The die flag of the lead frame is connected to pin 2. The
sensing device of the TMP100 and TMP101 is the chip
itself. Thermal paths run through the package leads as well
as the plastic package. The lower thermal resistance of
metal causes the leads to provide the primary thermal
path. The GND pin of the TMP100 or TMP101 is directly
connected to the metal lead frame, and is the best choice
for thermal input.
To maintain the accuracy in applications requiring air or
surface temperature measurement, care should be taken
to isolate the package and leads from ambient air
temperature. A thermally-conductive adhesive will assist
in achieving accurate surface temperature measurement.
POINTER REGISTER
Figure 3 shows the internal register structure of the
TMP100 and TMP101. The 8-bit Pointer Register of the
TMP100 and TMP101 is used to address a given data
register. The Pointer Register uses the two LSBs to
identify which of the data registers should respond to a
read or write command. Table 1 identifies the bits of the
Pointer Register byte. Table 2 describes the pointer
address of the registers available in the TMP100 and
TMP101. Power-up Reset value of P1/P0 is 00.
I/O
Control
Interface
SCL
SDA
Temperature
Register
Configuration
Register
T
LOW
Register
T
HIGH
Register
Pointer
Register
Figure 3. Internal Register Structure of the
TMP100 and TMP101
Table 1. Pointer Register Type
P7
P6
P5
P4
P3
P2
P1
P0
0
0
0
0
0
0
Register Bits
Table 2. Pointer Addresses of the TMP100 and
TMP101 Registers
P1
P0
REGISTER
0
0
Temperature Register (READ Only)
0
1
Configuration Register (READ/WRITE)
1
0
TLOW Register (READ/WRITE)
1
1
THIGH Register (READ/WRITE)
TEMPERATURE REGISTER
The Temperature Register of the TMP100 or TMP101 is a
12-bit read-only register that stores the output of the most
recent conversion. Two bytes must be read to obtain data
and are described in Table 3 and Table 4. The first 12 bits
are used to indicate temperature with all remaining bits


Similar Part No. - TMP100NA3KG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP100NA TI-TMP100NA Datasheet
221Kb / 10P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP100NA TI-TMP100NA Datasheet
886Kb / 30P
[Old version datasheet]   TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
TMP100NA/250 TI-TMP100NA/250 Datasheet
221Kb / 10P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP100NA/250 TI-TMP100NA/250 Datasheet
886Kb / 30P
[Old version datasheet]   TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
TMP100NA/250G4 TI-TMP100NA/250G4 Datasheet
886Kb / 30P
[Old version datasheet]   TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
More results

Similar Description - TMP100NA3KG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP101NA-250G4 TI-TMP101NA-250G4 Datasheet
819Kb / 19P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP101-Q1 TI1-TMP101-Q1 Datasheet
312Kb / 19P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
TMP100 TI-TMP100 Datasheet
221Kb / 10P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP100-EP TI1-TMP100-EP Datasheet
633Kb / 22P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
TMP100-Q1 TI-TMP100-Q1_15 Datasheet
229Kb / 20P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
logo
Silicon Laboratories
SI7057-A10 SILABS-SI7057-A10 Datasheet
1Mb / 23P
   DIGITAL I2C TEMPERATURE SENSOR
Rev. 1.1 4/17
logo
AMIC Technology
ASR8601 AMICC-ASR8601 Datasheet
40Kb / 1P
   Ambient Light Sensor with I2C digital interface
logo
Microchip Technology
TC72 MICROCHIP-TC72_11 Datasheet
605Kb / 28P
   Digital Temperature Sensor with SPI Interface
05/02/11
logo
ON Semiconductor
ADT7484A ONSEMI-ADT7484A Datasheet
360Kb / 14P
   Digital Temperature Sensor with SST Interface
December, 2009 ??Rev. 4
logo
Microchip Technology
TC72 MICROCHIP-TC72 Datasheet
417Kb / 24P
   Digital Temperature Sensor with SPI??Interface
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com