Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP101NA3K Datasheet(PDF) 3 Page - Texas Instruments

Part # TMP101NA3K
Description  Digital Temperature Sensor with I2C Interface
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP101NA3K Datasheet(HTML) 3 Page - Texas Instruments

  TMP101NA3K Datasheet HTML 1Page - Texas Instruments TMP101NA3K Datasheet HTML 2Page - Texas Instruments TMP101NA3K Datasheet HTML 3Page - Texas Instruments TMP101NA3K Datasheet HTML 4Page - Texas Instruments TMP101NA3K Datasheet HTML 5Page - Texas Instruments TMP101NA3K Datasheet HTML 6Page - Texas Instruments TMP101NA3K Datasheet HTML 7Page - Texas Instruments TMP101NA3K Datasheet HTML 8Page - Texas Instruments TMP101NA3K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
TMP100
TMP101
SBOS231G − JANUARY 2002 − REVISED NOVEMBER 2007
www.ti.com
3
ELECTRICAL CHARACTERISTICS
At TA = −55°C to +125°C and V+ = 2.7V to 5.5V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
TMP100, TMP101
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE INPUT
Range
−55
+125
°C
Accuracy (temperature error)
−25
°C to +85°C
±0.5
±2.0
°C
−55
°C to +125°C
±1.0
±3.0
°C
Resolution
Selectable
±0.0625
°C
DIGITAL INPUT/OUTPUT
Input Logic Levels:
VIH
0.7(V+)
6.0
V
VIL
−0.5
0.3(V+)
V
Input Current, IIN
0V
≤ VIN ≤ 6V
1
µA
Output Logic Levels:
VOL SDA
IOL = 3mA
0
0.15
0.4
V
VOL ALERT
IOL = 4mA
0
0.15
0.4
V
Resolution
Selectable
9 to 12
Bits
Conversion Time
9-Bit
40
75
ms
10-Bit
80
150
ms
11-Bit
160
300
ms
12-Bit
320
600
ms
Conversion Rate
9-Bit
25
s/s
10-Bit
12
s/s
11-Bit
6
s/s
12-Bit
3
s/s
POWER SUPPLY
Operating Range
2.7
5.5
V
Quiescent Current
IQ
Serial Bus Inactive
45
75
µA
Serial Bus Active, SCL Frequency = 400kHz
70
µA
Serial Bus Active, SCL Frequency = 3.4MHz
150
µA
Shutdown Current
ISD
Serial Bus Inactive
0.1
1
µA
Serial Bus Active, SCL Frequency = 400kHz
20
µA
Serial Bus Active, SCL Frequency = 3.4MHz
100
µA
TEMPERATURE RANGE
Specified Range
−55
+125
°C
Storage Range
−60
+150
°C
Thermal Resistance
qJA
SOT23-6 Surface-Mount
200
°C/W


Similar Part No. - TMP101NA3K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP101NA TI-TMP101NA Datasheet
221Kb / 10P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP101NA TI-TMP101NA Datasheet
886Kb / 30P
[Old version datasheet]   TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
TMP101NA-250G4 TI-TMP101NA-250G4 Datasheet
819Kb / 19P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP101NA/250 TI-TMP101NA/250 Datasheet
221Kb / 10P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP101NA/250 TI-TMP101NA/250 Datasheet
886Kb / 30P
[Old version datasheet]   TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
More results

Similar Description - TMP101NA3K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP101NA-250G4 TI-TMP101NA-250G4 Datasheet
819Kb / 19P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP101-Q1 TI1-TMP101-Q1 Datasheet
312Kb / 19P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
TMP100 TI-TMP100 Datasheet
221Kb / 10P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP100-EP TI1-TMP100-EP Datasheet
633Kb / 22P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
TMP100-Q1 TI-TMP100-Q1_15 Datasheet
229Kb / 20P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
logo
Silicon Laboratories
SI7057-A10 SILABS-SI7057-A10 Datasheet
1Mb / 23P
   DIGITAL I2C TEMPERATURE SENSOR
Rev. 1.1 4/17
logo
AMIC Technology
ASR8601 AMICC-ASR8601 Datasheet
40Kb / 1P
   Ambient Light Sensor with I2C digital interface
logo
Microchip Technology
TC72 MICROCHIP-TC72_11 Datasheet
605Kb / 28P
   Digital Temperature Sensor with SPI Interface
05/02/11
logo
ON Semiconductor
ADT7484A ONSEMI-ADT7484A Datasheet
360Kb / 14P
   Digital Temperature Sensor with SST Interface
December, 2009 ??Rev. 4
logo
Microchip Technology
TC72 MICROCHIP-TC72 Datasheet
417Kb / 24P
   Digital Temperature Sensor with SPI??Interface
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com