Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS27C256-120JL Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS27C256-120JL
Description  TMS27C256 32768 BY 8-BIT UV ERASABLE TMS27PC256 32768 BY 8-BIT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS27C256-120JL Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS27C256-120JL Datasheet HTML 3Page - Texas Instruments TMS27C256-120JL Datasheet HTML 4Page - Texas Instruments TMS27C256-120JL Datasheet HTML 5Page - Texas Instruments TMS27C256-120JL Datasheet HTML 6Page - Texas Instruments TMS27C256-120JL Datasheet HTML 7Page - Texas Instruments TMS27C256-120JL Datasheet HTML 8Page - Texas Instruments TMS27C256-120JL Datasheet HTML 9Page - Texas Instruments TMS27C256-120JL Datasheet HTML 10Page - Texas Instruments TMS27C256-120JL Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TMS27C256 32768 BY 8BIT UV ERASABLE
TMS27PC256 32768 BY 8BIT
PROGRAMMABLE READONLY MEMORIES
SMLS256H− SEPTEMBER 1984 − REVISED NOVEMBER 1997
7
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC Supply voltage
Read mode (see Note 2)
4.5
5
5.5
V
VCC Supply voltage
SNAP! Pulse programming algorithm
6.25
6.5
6.75
V
VPP Supply voltage
Read mode
VCC −0.6
VCC+0.6
V
VPP Supply voltage
SNAP! Pulse programming algorithm
12.75
13
13.25
V
VIH
High-level dc input voltage
TTL
2
VCC+1
V
VIH
High-level dc input voltage
CMOS
VCC − 0.2
VCC+1
V
VIL
Low-level dc input voltage
TTL
− 0.5
0.8
V
VIL
Low-level dc input voltage
CMOS
− 0.5
0.2
V
TA
Operating free-air temperature
’27C256-_ _JL
’27PC256-_ _FML
0
70
°C
TA
Operating free-air temperature
’27C256-_ _JE
’27PC256-_ _FME
−40
85
°C
NOTE 2: VCC must be applied before or at the same time as VPP and removed after or at the same time as VPP. The device must not be inserted
into or removed from the board when VPP or VCC is applied.
electrical characteristics over recommended ranges of operating conditions
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH High-level dc output voltage
IOH = − 2.5 mA
3.5
V
VOH High-level dc output voltage
IOH = − 20 µA
VCC − 0.1
V
VOL
Low-level dc output voltage
IOL = 2.1 mA
0.4
V
VOL
Low-level dc output voltage
IOL = 20 µA
0.1
V
II
Input current (leakage)
VI = 0 V to 5.5 V
±1
µA
IO
Output current (leakage)
VO = 0 V to VCC
±1
µA
IPP1 VPP supply current
VPP = VCC = 5.5 V
1
10
µA
IPP2 VPP supply current (during program pulse)
VPP = 13 V
35
50
mA
ICC1
VCC supply current
TTL-input level
VCC = 5.5 V,
E = VIH
250
500
A
ICC1
VCC supply current
(standby)
CMOS-input level
VCC = 5.5 V,
E = VCC
100
250
µA
ICC2 VCC supply current (active)
VCC = 5.5 V,
E = VIL,
tcycle = minimum cycle time,
outputs open
15
30
mA
capacitance over recommended ranges of supply voltage and operating free-air temperature,
f = 1 MHz
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
UNIT
Ci
Input capacitance
VI = 0,
f = 1 MHz
6
10
pF
Co
Output capacitance
VO = 0, f = 1 MHz
10
14
pF
† Capacitance measurements are made on a sample basis only.
‡ Typical values are at TA = 25°C and nominal voltages.


Similar Part No. - TMS27C256-120JL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27C256-12 TI1-TMS27C256-12 Datasheet
196Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C256-12JL TI-TMS27C256-12JL Datasheet
182Kb / 13P
[Old version datasheet]   TMS27C256 32768 BY 8-BIT UV ERASABLE TMS27PC256 32768 BY 8-BIT PROGRAMMABLE READ-ONLY MEMORIES
More results

Similar Description - TMS27C256-120JL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27C256-2JL TI-TMS27C256-2JL Datasheet
196Kb / 13P
[Old version datasheet]   TMS27C256 32768 BY 8-BIT UV ERASABLE TMS27PC256 32768 BY 8-BIT
TMS27C256 TI-TMS27C256 Datasheet
182Kb / 13P
[Old version datasheet]   TMS27C256 32768 BY 8-BIT UV ERASABLE TMS27PC256 32768 BY 8-BIT PROGRAMMABLE READ-ONLY MEMORIES
logo
Mitsubishi Electric Sem...
M5M5256CFP-12VLL MITSUBISHI-M5M5256CFP-12VLL Datasheet
472Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM?
M5M5256CP-85LL MITSUBISHI-M5M5256CP-85LL Datasheet
451Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM???
M5M5278DP MITSUBISHI-M5M5278DP Datasheet
335Kb / 6P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5256DFP RENESAS-M5M5256DFP Datasheet
165Kb / 8P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5256DFP-70VLL-W MITSUBISHI-M5M5256DFP-70VLL-W Datasheet
47Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-10VLL MITSUBISHI-M5M5256DFP-10VLL Datasheet
63Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5256DFP-70LL RENESAS-M5M5256DFP-70LL Datasheet
160Kb / 8P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5256DP-45LL MITSUBISHI-M5M5256DP-45LL Datasheet
63Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com