Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM105-180M-RC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PM105-180M-RC
Description  SMD Power Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PM105-180M-RC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PM105-180M-RC Datasheet HTML 1Page - Bourns Electronic Solutions PM105-180M-RC Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
9.8
(.386)
MAX.
9.8
(.386)
MAX.
10.0
(.394)
MAX.
2.8
(.110)
MAX.
10.0
(.394)
MAX.
5.8
(.228)
MAX.
2.9
(.114)
TYP.
Features
Formerly
model
Available in E12 series
Small design of only 9.8 mm maximum
diameter
RoHS compliant*
Applications
Input/output of DC/DC converters
Power supplies for:
• Portable communication equipment
• Camcorders
• LCD TVs
• Car radios
PM105 Series - SMD Power Inductor
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
General Specifications
Test Frequency ............................. 1 KHz
Test Voltage .......................................1 V
Reflow Soldering .. 230 °C, 50 sec. max.
Operating Temperature
................................-40 °C to +125 °C
(Temperature rise included)
Storage Temperature .. -40 °C to +125 °C
Resistance to Soldering Heat
................................. 260 °C for 5 sec.
Materials
Core............................... Ferrite DR core
Wire .................... Enameled copper wire
Terminal ....................................Ag/Ni/Sn
Rated Current
................... Ind. drop 10 % typ. at Isat
Temperature Rise
......................40°C max. at rated Irms
Packaging.................... 500 pcs. per reel
DIMENSIONS:
MM
(INCHES)
Product Dimensions
Electrical Specifications
Recommended Layout
Inductance 1 kHz
Test
SRF
I rms
I sat
Q
Frequency
Min.
RDC
Max.
Typ.
Bourns Part No.
(µH)
Tol. %
Ref.
(MHz)
(MHz)
(
Ω)
(A)
(A)
PM105-100M-RC
10
± 20
30
2.52
21
0.060
2.60
5.10
PM105-120M-RC
12
± 20
30
2.52
20
0.070
2.45
4.50
PM105-150M-RC
15
± 20
30
2.52
16
0.080
2.25
4.00
PM105-180M-RC
18
± 20
30
2.52
15
0.090
2.15
3.80
PM105-220M-RC
22
± 20
25
2.52
13
0.10
1.95
3.50
PM105-270K-RC
27
± 10
25
2.52
11
0.11
1.75
3.40
PM105-330K-RC
33
± 10
25
2.52
10
0.12
1.50
2.90
PM105-390K-RC
39
± 10
20
2.52
9.0
0.14
1.35
2.60
PM105-470K-RC
47
± 10
20
2.52
8.0
0.17
1.25
2.30
PM105-560K-RC
56
± 10
20
2.52
7.5
0.19
1.15
2.10
PM105-680K-RC
68
± 10
15
2.52
7.0
0.22
1.10
2.00
PM105-820K-RC
82
± 10
15
2.52
6.0
0.25
1.00
1.90
PM105-101K-RC
100
± 10
15
0.796
5.2
0.35
0.97
1.70
PM105-121K-RC
120
± 10
15
0.796
5.0
0.40
0.89
1.50
PM105-151K-RC
150
± 10
15
0.796
4.5
0.47
0.78
1.40
PM105-181K-RC
180
± 10
12
0.796
4.0
0.63
0.72
1.30
PM105-221K-RC
220
± 10
12
0.796
3.8
0.73
0.66
1.10
PM105-271K-RC
270
± 10
12
0.796
3.5
0.97
0.57
1.00
PM105-331K-RC
330
± 10
12
0.796
3.2
1.15
0.52
0.85
PM105-391K-RC
390
± 10
12
0.796
3.0
1.30
0.48
0.80
PM105-471K-RC
470
± 10
12
0.796
2.5
1.48
0.42
0.80
PM105-561K-RC
560
± 10
12
0.796
2.3
1.90
0.33
0.66
PM105-681K-RC
680
± 10
12
0.796
2.1
2.25
0.28
0.65
PM105-821K-RC
820
± 10
10
0.796
2.0
2.55
0.24
0.56
Typical Part Marking
Electrical Schematic
101


Similar Part No. - PM105-180M-RC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PM105-180M ETC1-PM105-180M Datasheet
68Kb / 1P
   SMT POWER INDUCTORS
More results

Similar Description - PM105-180M-RC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com