Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS27PC512-1FML Datasheet(PDF) 6 Page - Texas Instruments

Part # TMS27PC512-1FML
Description  SMLS512G ??NOVEMBER 1985 ??REVISED SEPTEMBER 1997
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS27PC512-1FML Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS27PC512-1FML Datasheet HTML 2Page - Texas Instruments TMS27PC512-1FML Datasheet HTML 3Page - Texas Instruments TMS27PC512-1FML Datasheet HTML 4Page - Texas Instruments TMS27PC512-1FML Datasheet HTML 5Page - Texas Instruments TMS27PC512-1FML Datasheet HTML 6Page - Texas Instruments TMS27PC512-1FML Datasheet HTML 7Page - Texas Instruments TMS27PC512-1FML Datasheet HTML 8Page - Texas Instruments TMS27PC512-1FML Datasheet HTML 9Page - Texas Instruments TMS27PC512-1FML Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TMS27C512 65536 BY 8BIT UV ERASABLE
TMS27PC512 65536 BY 8BIT
PROGRAMMABLE READONLY MEMORIES
SMLS512G − NOVEMBER 1985 − REVISED SEPTEMBER 1997
6
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
logic symbols
15
[PWR DWN]
&
EN
A
A
A
A
A
A
A
A
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
E
G /VPP
10
9
8
7
6
5
4
3
25
24
21
23
2
26
27
1
20
22
EPROM
65 536
× 8
11
12
13
15
16
17
18
19
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
A
0
65 535
0
A
0
65 535
A
A
A
A
A
A
A
A
15
[PWR DWN]
&
EN
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
E
G /VPP
10
9
8
7
6
5
4
3
25
24
21
23
2
26
27
1
20
22
OTP PROM
65 536
× 8
11
12
13
15
16
17
18
19
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
0
† These symbols are in accordance with ANSI / IEEE Std 91-1984 and IEC Publication 617-12.
Pin numbers shown are for the J package.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC (see Note 1)
−0.6 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage range, VPP
−0.6 V to 14 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range (see Note 1): All inputs except A9
−0.6 V to VCC + 1 V
. . . . . . . . . . . . . . . . . . . . . . . . . . .
A9
−0.6 V to 13.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range (see Note 1)
−0.6 V to VCC + 1 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range (’27C512-_ _JL, ’27PC512-_ _FML)TA
0
°C to 70°C
. . . . . . . . . . . . . . .
Operating free-air temperature range (’27C512-_ _JE, ’27PC512-_ _FME)TA
−40
°C to 85°C
. . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to GND.


Similar Part No. - TMS27PC512-1FML

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27PC512-1FML TI-TMS27PC512-1FML Datasheet
184Kb / 13P
[Old version datasheet]   TMS27PC512 65536 BY 8-BIT PROGRAMMABLE READ-ONLY MEMORIES
More results

Similar Description - TMS27PC512-1FML

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27PC512-20NE TI-TMS27PC512-20NE Datasheet
198Kb / 13P
[Old version datasheet]   SMLS512G ??NOVEMBER 1985 ??REVISED SEPTEMBER 1997
logo
Murata Manufacturing Co...
SF2234E-1 MURATA-SF2234E-1 Datasheet
489Kb / 4P
   1985 MHz SAW Filter
logo
TE Connectivity Ltd
C-2134611 TEC-C-2134611 Datasheet
191Kb / 4P
   REVISED
logo
Projects Unlimited, Inc...
APS2709S-T-R PUI-APS2709S-T-R Datasheet
187Kb / 1P
   REVISED DIMENSIONS
AOW-4542P-B-R PUI-AOW-4542P-B-R Datasheet
172Kb / 1P
   REVISED IP RATING
AT-1224-TWT-4-R PUI-AT-1224-TWT-4-R Datasheet
189Kb / 1P
   REVISED BODY DIMENSION
logo
E-SWITCH
K200242 E-SWITCH-K200242 Datasheet
40Kb / 1P
   REVISED AND REDRAWN
logo
Projects Unlimited, Inc...
AI-2604-TF-LW115-24V-R PUI-AI-2604-TF-LW115-24V-R Datasheet
203Kb / 1P
   REVISED RESONANT FREQUENCY
AT-1224-TWT-12V-R PUI-AT-1224-TWT-12V-R Datasheet
188Kb / 1P
   REVISED BODY DIMENSION
AT-1803-T-LW50-R PUI-AT-1803-T-LW50-R Datasheet
255Kb / 1P
   REVISED RESONANT FREQUENCY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com