Electronic Components Datasheet Search |
|
TMS27C512-120JL Datasheet(PDF) 8 Page - Texas Instruments |
|
TMS27C512-120JL Datasheet(HTML) 8 Page - Texas Instruments |
8 / 13 page TMS27C512 65536 BY 8BIT UV ERASABLE TMS27PC512 65536 BY 8BIT PROGRAMMABLE READONLY MEMORIES SMLS512G − NOVEMBER 1985 − REVISED SEPTEMBER 1997 8 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 switching characteristics over recommended ranges of operating conditions PARAMETER TEST CONDITIONS (SEE NOTES 3 AND 4) ’27C512-10 ’27PC512-10 ’27C512-12 ’27PC512-12 UNIT PARAMETER (SEE NOTES 3 AND 4) MIN MAX MIN MAX UNIT ta(A) Access time from address 100 120 ns ta(E) Access time from chip enable CL = 100 pF, 100 120 ns ten(G) Output enable time from G /VPP CL = 100 pF, 1 Series 74 TTL Load, 55 55 ns tdis Output disable time from G /VPP or E, whichever occurs first† 1 Series 74 TTL Load, Input tr ≤ 20 ns, Input tf ≤ 20 ns 0 45 0 45 ns tv(A) Output data valid time after change of address, E, or G /VPP, whichever occurs first† r Input tf ≤ 20 ns 0 0 ns PARAMETER TEST CONDITIONS (SEE NOTES 3 AND 4) ’27C512-15 ’27PC512-15 UNIT PARAMETER (SEE NOTES 3 AND 4) MIN MAX UNIT ta(A) Access time from address 150 ns ta(E) Access time from chip enable CL = 100 pF, 150 ns ten(G) Output enable time from G /VPP CL = 100 pF, 1 Series 74 TTL Load, 75 ns tdis Output disable time from G /VPP or E, whichever occurs first† 1 Series 74 TTL Load, Input tr ≤ 20 ns, Input tf ≤ 20 ns 0 60 ns tv(A) Output data valid time after change of address, E, or G /VPP, whichever occurs first† r Input tf ≤ 20 ns 0 ns PARAMETER TEST CONDITIONS (SEE NOTES 3 AND 4) ’27C512-20 ’27PC512-20 ’27C512-25 ’27PC512-25 UNIT PARAMETER (SEE NOTES 3 AND 4) MIN MAX MIN MAX UNIT ta(A) Access time from address 200 250 ns ta(E) Access time from chip enable CL = 100 pF, 200 250 ns ten(G) Output enable time from G /VPP CL = 100 pF, 1 Series 74 TTL Load, 75 100 ns tdis Output disable time from G /VPP or E, whichever occurs first† 1 Series 74 TTL Load, Input tr ≤ 20 ns, Input tf ≤ 20 ns 0 60 0 60 ns tv(A) Output data valid time after change of address, E, or G /VPP, whichever occurs first† r Input tf ≤ 20 ns 0 0 ns † Value calculated from 0.5 V delta to measured output level. This parameter is only sampled. NOTES: 3. For all switching characteristics, the input pulse levels are 0.4 V to 2.4 V. Timing measurements are made at 2 V for logic high and 0.8 V for logic low (see Figure 2). 4. Common test conditions apply for tdis except during programming. switching characteristics for programming: VCC = 6.50 V and G/VPP = 13 V (SNAP! Pulse), TA = 25°C (see Note 3) PARAMETER MIN MAX UNIT tdis(G) Disable time, output from G /VPP 0 130 ns NOTE 3: For all switching characteristics, the input pulse levels are 0.4 V to 2.4 V. Timing measurements are made at 2 V for logic high and 0.8 V for logic low. |
Similar Part No. - TMS27C512-120JL |
|
Similar Description - TMS27C512-120JL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |