Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP1G32GW Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74AUP1G32GW
Description  Low-power 2-input OR-gate
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G32GW Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74AUP1G32GW Datasheet HTML 4Page - NXP Semiconductors 74AUP1G32GW Datasheet HTML 5Page - NXP Semiconductors 74AUP1G32GW Datasheet HTML 6Page - NXP Semiconductors 74AUP1G32GW Datasheet HTML 7Page - NXP Semiconductors 74AUP1G32GW Datasheet HTML 8Page - NXP Semiconductors 74AUP1G32GW Datasheet HTML 9Page - NXP Semiconductors 74AUP1G32GW Datasheet HTML 10Page - NXP Semiconductors 74AUP1G32GW Datasheet HTML 11Page - NXP Semiconductors 74AUP1G32GW Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
74AUP1G32
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 7 — 8 July 2013
8 of 21
NXP Semiconductors
74AUP1G32
Low-power 2-input OR-gate
11. Dynamic characteristics
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 9
Symbol
Parameter
Conditions
Min
Typ [1]
Max
Unit
Tamb = 25 C; CL = 5 pF
tpd
propagation delay
A, B to Y; see Figure 8
[2]
VCC = 0.8 V
-
16.8
-
ns
VCC = 1.1 V to 1.3 V
2.4
5.1
10.9
ns
VCC = 1.4 V to 1.6 V
1.6
3.6
6.6
ns
VCC = 1.65 V to 1.95 V
1.4
3.0
5.2
ns
VCC = 2.3 V to 2.7 V
1.1
2.4
3.9
ns
VCC = 3.0 V to 3.6 V
1.0
2.1
3.5
ns
Tamb = 25 C; CL = 10 pF
tpd
propagation delay
A, B to Y; see Figure 8
[2]
VCC = 0.8 V
-
20.3
-
ns
VCC = 1.1 V to 1.3 V
2.3
5.9
12.7
ns
VCC = 1.4 V to 1.6 V
1.9
4.2
7.7
ns
VCC = 1.65 V to 1.95 V
1.7
3.5
6.0
ns
VCC = 2.3 V to 2.7 V
1.4
2.9
4.6
ns
VCC = 3.0 V to 3.6 V
1.3
2.7
4.3
ns
Tamb = 25 C; CL = 15 pF
tpd
propagation delay
A, B to Y; see Figure 8
[2]
VCC = 0.8 V
-
23.8
-
ns
VCC = 1.1 V to 1.3 V
3.3
6.7
14.3
ns
VCC = 1.4 V to 1.6 V
2.3
4.8
8.6
ns
VCC = 1.65 V to 1.95 V
2.0
4.0
6.7
ns
VCC = 2.3 V to 2.7 V
1.7
3.3
5.3
ns
VCC = 3.0 V to 3.6 V
1.5
3.1
4.9
ns
Tamb = 25 C; CL = 30 pF
tpd
propagation delay
A, B to Y; see Figure 8
[2]
VCC = 0.8 V
-
34.1
-
ns
VCC = 1.1 V to 1.3 V
4.5
9.0
19.1
ns
VCC = 1.4 V to 1.6 V
3.4
6.3
11.3
ns
VCC = 1.65 V to 1.95 V
2.6
5.3
8.9
ns
VCC = 2.3 V to 2.7 V
2.3
4.4
7.0
ns
VCC = 3.0 V to 3.6 V
2.2
4.2
6.4
ns


Similar Part No. - 74AUP1G32GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G32GW PHILIPS-74AUP1G32GW Datasheet
83Kb / 16P
   Low-power 2-input OR gate
Rev. 01-2 August 2005
logo
Nexperia B.V. All right...
74AUP1G32GW NEXPERIA-74AUP1G32GW Datasheet
273Kb / 18P
   Low-power 2-input OR-gate
Rev. 11 - 17 January 2022
74AUP1G32GW-Q100 NEXPERIA-74AUP1G32GW-Q100 Datasheet
227Kb / 14P
   Low-power 2-input OR-gate
More results

Similar Description - 74AUP1G32GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G32 PHILIPS-74AUP1G32 Datasheet
83Kb / 16P
   Low-power 2-input OR gate
Rev. 01-2 August 2005
logo
Nexperia B.V. All right...
74AUP1G32 NEXPERIA-74AUP1G32 Datasheet
273Kb / 18P
   Low-power 2-input OR-gate
Rev. 11 - 17 January 2022
74AXP1G32 NEXPERIA-74AXP1G32 Datasheet
797Kb / 17P
   Low-power 2-input OR gate
74AUP1G32-Q100 NEXPERIA-74AUP1G32-Q100 Datasheet
227Kb / 14P
   Low-power 2-input OR-gate
logo
NXP Semiconductors
74AUP2G32 NXP-74AUP2G32 Datasheet
100Kb / 17P
   Low-power dual 2-input OR gate
Rev. 03-8 January 2009
logo
Nexperia B.V. All right...
74AUP2G32 NEXPERIA-74AUP2G32 Datasheet
302Kb / 20P
   Low-power dual 2-input OR gate
Rev. 9 - 24 June 2022
74AXP1G86 NEXPERIA-74AXP1G86 Datasheet
835Kb / 17P
   Low-power 2-input EXCLUSIVE-OR gate
logo
NXP Semiconductors
74AUP1G86 PHILIPS-74AUP1G86 Datasheet
67Kb / 17P
   Low-power 2-input EXCLUSIVE-OR gate
Rev. 02.00-16 May 2006
logo
Nexperia B.V. All right...
74AUP1G86-Q100 NEXPERIA-74AUP1G86-Q100 Datasheet
222Kb / 14P
   Low-power 2-input EXCLUSIVE-OR gate
74AUP1G86 NEXPERIA-74AUP1G86 Datasheet
274Kb / 18P
   Low-power 2-input EXCLUSIVE-OR gate
Rev. 8 - 24 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com