Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AVC2T45DC Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74AVC2T45DC
Description  Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AVC2T45DC Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74AVC2T45DC Datasheet HTML 2Page - NXP Semiconductors 74AVC2T45DC Datasheet HTML 3Page - NXP Semiconductors 74AVC2T45DC Datasheet HTML 4Page - NXP Semiconductors 74AVC2T45DC Datasheet HTML 5Page - NXP Semiconductors 74AVC2T45DC Datasheet HTML 6Page - NXP Semiconductors 74AVC2T45DC Datasheet HTML 7Page - NXP Semiconductors 74AVC2T45DC Datasheet HTML 8Page - NXP Semiconductors 74AVC2T45DC Datasheet HTML 9Page - NXP Semiconductors 74AVC2T45DC Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
74AVC2T45
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 7 — 8 February 2013
6 of 27
NXP Semiconductors
74AVC2T45
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
10. Static characteristics
[1]
VCCO is the supply voltage associated with the output port.
[2]
VCCI is the supply voltage associated with the data input port.
[3]
For I/O ports, the parameter IOZ includes the input leakage current.
Table 7.
Typical static characteristics at Tamb = 25 C[1][2]
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VOH
HIGH-level output voltage
VI = VIH or VIL
IO = 1.5 mA; VCC(A) =VCC(B) = 0.8 V
-
0.69
-
V
VOL
LOW-level output voltage
VI = VIH or VIL
IO = 1.5 mA; VCC(A) =VCC(B) = 0.8 V
-
0.07
-
V
II
input leakage current
DIR input; VI = 0 V or 3.6 V;
VCC(A) =VCC(B) = 0.8 V to 3.6 V
-
0.025 0.25 A
IOZ
OFF-state output current
A or B port; VO =0 V or VCCO;
VCC(A) =VCC(B) = 0.8 V to 3.6 V
[3] -
0.5
2.5
A
IOFF
power-off leakage current
A port; VI or VO = 0 V to 3.6 V;
VCC(A) =0V; VCC(B) = 0.8 V to 3.6 V
-
0.1
1
A
B port; VI or VO = 0 V to 3.6 V;
VCC(B) =0V; VCC(A) = 0.8 V to 3.6 V
-
0.1
1
A
CI
input capacitance
DIR input; VI = 0 V or 3.3 V;
VCC(A) =VCC(B) =3.3 V
-1.0
-pF
CI/O
input/output capacitance
A and B port; Suspend mode;
VO =VCCO or GND; VCC(A) =VCC(B) =3.3 V
-4.0
-pF
Table 8.
Static characteristics [1][2]
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C
Unit
Min
Max
Min
Max
VIH
HIGH-level
input voltage
data input
VCCI = 0.8 V
0.70VCCI
-
0.70VCCI
-V
VCCI = 1.1 V to 1.95 V
0.65VCCI
-
0.65VCCI
-V
VCCI = 2.3 V to 2.7 V
1.6
-
1.6
-
V
VCCI = 3.0 V to 3.6 V
2
-
2
-
V
DIR input
VCC(A) = 0.8 V
0.70VCC(A)
-0.70VCC(A)
-V
VCC(A) = 1.1 V to 1.95 V
0.65VCC(A)
-0.65VCC(A)
-V
VCC(A) = 2.3 V to 2.7 V
1.6
-
1.6
-
V
VCC(A) = 3.0 V to 3.6 V
2
-
2
-
V


Similar Part No. - 74AVC2T45DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVC2T45DC NXP-74AVC2T45DC Datasheet
139Kb / 28P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 01 - 3 July 2007
74AVC2T45DC NXP-74AVC2T45DC Datasheet
167Kb / 32P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 04-5 May 2009
logo
Nexperia B.V. All right...
74AVC2T45DC NEXPERIA-74AVC2T45DC Datasheet
362Kb / 25P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 10 - 4 November 2021
74AVC2T45DC-Q100 NEXPERIA-74AVC2T45DC-Q100 Datasheet
299Kb / 20P
   Dual-bit, dual-supply voltage level translator/transceiver 3-state
More results

Similar Description - 74AVC2T45DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVC2T45 NXP-74AVC2T45 Datasheet
139Kb / 28P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 01 - 3 July 2007
74AVCH2T45 PHILIPS-74AVCH2T45 Datasheet
143Kb / 29P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 01-3 July 2007
logo
Nexperia B.V. All right...
74AVCH2T45 NEXPERIA-74AVCH2T45 Datasheet
340Kb / 22P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 8 - 7 December 2022
logo
NXP Semiconductors
74AVCH2T45 NXP-74AVCH2T45 Datasheet
160Kb / 31P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 03-6 May 2009
74AVC2T45 PHILIPS-74AVC2T45_15 Datasheet
249Kb / 27P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 7-8 February 2013
74AVCH2T45 PHILIPS-74AVCH2T45_15 Datasheet
243Kb / 27P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 6-2 April 2013
logo
Nexperia B.V. All right...
74AVCH2T45-Q100 NEXPERIA-74AVCH2T45-Q100 Datasheet
289Kb / 18P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 1 - 7 December 2022
logo
NXP Semiconductors
74AVC2T45 NXP-74AVC2T45_09 Datasheet
167Kb / 32P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 04-5 May 2009
logo
Nexperia B.V. All right...
74AVC2T45-Q100 NEXPERIA-74AVC2T45-Q100 Datasheet
299Kb / 20P
   Dual-bit, dual-supply voltage level translator/transceiver 3-state
74AVC2T45 NEXPERIA-74AVC2T45 Datasheet
362Kb / 25P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 10 - 4 November 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com