Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMX320C6727ZDH Datasheet(PDF) 7 Page - Texas Instruments

Part # TMX320C6727ZDH
Description  Floating-Point Digital Signal Processors
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320C6727ZDH Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMX320C6727ZDH Datasheet HTML 3Page - Texas Instruments TMX320C6727ZDH Datasheet HTML 4Page - Texas Instruments TMX320C6727ZDH Datasheet HTML 5Page - Texas Instruments TMX320C6727ZDH Datasheet HTML 6Page - Texas Instruments TMX320C6727ZDH Datasheet HTML 7Page - Texas Instruments TMX320C6727ZDH Datasheet HTML 8Page - Texas Instruments TMX320C6727ZDH Datasheet HTML 9Page - Texas Instruments TMX320C6727ZDH Datasheet HTML 10Page - Texas Instruments TMX320C6727ZDH Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 114 page
background image
www.ti.com
2
Device Overview
2.1 Device Characteristics
TMS320C6727, TMS320C6726, TMS320C6722
Floating-Point Digital Signal Processors
SPRS268E – MAY 2005 – REVISED JANUARY 2007
Table 2-1 provides an overview of the C672x DSPs. The table shows significant features of each device,
including the capacity of on-chip memory, the peripherals, the execution time, and the package type with
pin count.
Table 2-1. Characteristics of the C672x Processors
HARDWARE FEATURES
C6727
C6726
C6722
dMAX
1
EMIF
1 (32-bit)
1 (16-bit)
1 (16-bit)
Peripherals
UHPI
1
0
0
Not all peripheral pins are
McASP
3
3 (McASP2 DIT only)
2
available at the same time.
(For more details, see the
SPI
2
Device Configurations section.)
I2C
2
RTI
1
32KB Program Cache
32KB Program Cache
32KB Program Cache
On-Chip Memory
Size (KB)
256KB RAM
256KB RAM
128KB RAM
384KB ROM
384KB ROM
384KB ROM
Control Status Register
CPU ID + CPU Rev ID
0x0300
(CSR.[31:16])
Frequency
MHz
300, 250
250, 225
250, 225, 200
3.3 ns (C6727-300)
4 ns (C6722-250)
4 ns (C6726-250)
Cycle Time
ns
4 ns (C6727A-250 and
4.4 ns (C6722A-225)
4.4 ns (C6726A-225)
C6727-250)
5 ns (C6722-200)
Core (V)
1.2 V
Voltage
I/O (V)
3.3 V
Prescaler
/1, /2, /3, ..., /32
Clock Generator Options
Multiplier
x4, x5, x6, ..., x25
Postscaler
/1, /2, /3, ..., /32
256-Terminal PBGA
(GDH)
17 x 17 mm
256-Terminal Green
Packages (see Section 7)
PBGA (ZDH)
144-Pin PowerPAD
144-Pin PowerPAD
20 x 20 mm
Green TQFP (RFP)
Green TQFP (RFP)
Process Technology
µm
0.13 µm
Product Preview (PP),
Product Status(1)
Advance Information (AI), or
PD
Production Data (PD)
(1)
Advance Information concerns new products in the sampling or preproduction phase of development. Characteristic data and other
specifications are subject to change without notice.
Submit Documentation Feedback
Device Overview
7


Similar Part No. - TMX320C6727ZDH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMX320C6727ZDH TI-TMX320C6727ZDH Datasheet
1Mb / 115P
[Old version datasheet]   Floating-Point Digital Signal Processors
More results

Similar Description - TMX320C6727ZDH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6712 TI1-TMS320C6712_08 Datasheet
1Mb / 116P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI1-TMS320C6727B_17 Datasheet
1Mb / 119P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727 TI-TMS320C6727 Datasheet
1Mb / 115P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711B TI-TMS320C6711B Datasheet
1Mb / 132P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6713 TI-TMS320C6713 Datasheet
2Mb / 150P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B_08 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727B TI-TMS320C6727B_07 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711 TI-TMS320C6711 Datasheet
1Mb / 129P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
SM320C6713-EP TI1-SM320C6713-EP_15 Datasheet
1Mb / 133P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727 TI-TMS320C6727_08 Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com