Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74CBTLV3253D Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74CBTLV3253D
Description  Dual 1-of-4 multiplexer/demultiplexer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74CBTLV3253D Datasheet(HTML) 1 Page - NXP Semiconductors

  74CBTLV3253D Datasheet HTML 1Page - NXP Semiconductors 74CBTLV3253D Datasheet HTML 2Page - NXP Semiconductors 74CBTLV3253D Datasheet HTML 3Page - NXP Semiconductors 74CBTLV3253D Datasheet HTML 4Page - NXP Semiconductors 74CBTLV3253D Datasheet HTML 5Page - NXP Semiconductors 74CBTLV3253D Datasheet HTML 6Page - NXP Semiconductors 74CBTLV3253D Datasheet HTML 7Page - NXP Semiconductors 74CBTLV3253D Datasheet HTML 8Page - NXP Semiconductors 74CBTLV3253D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1.
General description
The 74CBTLV3253 provides a dual 1-of-4 high-speed multiplexer/demultiplexer with two
common select inputs (S0, S1) and two output enable inputs (1OE, 2OE). The low ON
resistance of the switch allows inputs to be connected to outputs without adding
propagation delay or generating additional ground bounce noise. When pin nOE = LOW,
one of the four switches is selected (low-impedance ON-state) with pins S0 and S1. When
pin nOE = HIGH, all switches are in the high-impedance OFF-state, independent of pins
S0 and S1.
To ensure the high-impedance OFF-state during power-up or power-down, nOE should be
tied to the VCC through a pull-up resistor. The minimum value of the resistor is determined
by the current-sinking capability of the driver.
Schmitt trigger action at control input makes the circuit tolerant to slower input rise and fall
times across the entire VCC range from 2.3 V to 3.6 V.
This device is fully specified for partial power-down applications using IOFF.
The IOFF circuitry disables the output, preventing the damaging backflow current through
the device when it is powered down.
2.
Features and benefits
Supply voltage range from 2.3 V to 3.6 V
High noise immunity
Complies with JEDEC standard:
JESD8-5 (2.3 V to 2.7 V)
JESD8-B/JESD36 (2.7 V to 3.6 V)
ESD protection:
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-A exceeds 200 V
CDM AEC-Q100-011 revision B exceeds 1000 V
5
 switch connection between two ports
Rail to rail switching on data I/O ports
CMOS low power consumption
Latch-up performance exceeds 250 mA per JESD78B Class I level A
IOFF circuitry provides partial Power-down mode operation
Multiple package options
Specified from
40 Cto+85 C and 40 Cto+125 C
74CBTLV3253
Dual 1-of-4 multiplexer/demultiplexer
Rev. 4 — 15 December 2011
Product data sheet


Similar Part No. - 74CBTLV3253D

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74CBTLV3253D NEXPERIA-74CBTLV3253D Datasheet
326Kb / 18P
   Dual 1-of-4 multiplexer/demultiplexer
Rev. 6 - 24 September 2020
74CBTLV3253D-Q100 NEXPERIA-74CBTLV3253D-Q100 Datasheet
893Kb / 19P
   Dual 1-of-4 multiplexer/demultiplexer
logo
Texas Instruments
74CBTLV3253DBQRE4 TI-74CBTLV3253DBQRE4 Datasheet
897Kb / 19P
[Old version datasheet]   LOW-VOLTAGE DUAL 1-OF-4 FET MULTIP LEXER DEMULTIP LEXER
74CBTLV3253DBQRG4 TI-74CBTLV3253DBQRG4 Datasheet
897Kb / 19P
[Old version datasheet]   LOW-VOLTAGE DUAL 1-OF-4 FET MULTIP LEXER DEMULTIP LEXER
74CBTLV3253DBQRG4 TI1-74CBTLV3253DBQRG4 Datasheet
1Mb / 27P
[Old version datasheet]   FET Multiplexer/Demultiplexer
More results

Similar Description - 74CBTLV3253D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74CBTLV3253 PHILIPS-74CBTLV3253_15 Datasheet
174Kb / 19P
   Dual 1-of-4 multiplexer/demultiplexer
Rev. 4-15 December 2011
logo
Nexperia B.V. All right...
74CBTLV3253 NEXPERIA-74CBTLV3253 Datasheet
326Kb / 18P
   Dual 1-of-4 multiplexer/demultiplexer
Rev. 6 - 24 September 2020
74CBTLV3253-Q100 NEXPERIA-74CBTLV3253-Q100 Datasheet
893Kb / 19P
   Dual 1-of-4 multiplexer/demultiplexer
logo
Texas Instruments
74CB3T3253DGVRE4 TI-74CB3T3253DGVRE4 Datasheet
709Kb / 19P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
Toshiba Semiconductor
TC7MB3253FT TOSHIBA-TC7MB3253FT Datasheet
129Kb / 8P
   Dual 1-of-4 FET Multiplexer/Demultiplexer
logo
Texas Instruments
SN74CB3Q3253 TI-SN74CB3Q3253 Datasheet
338Kb / 13P
[Old version datasheet]   DUAL 1 OF 4 FET MULTIPLEXER/ DEMULTIPLEXER
logo
Nexperia B.V. All right...
CBT3253 NEXPERIA-CBT3253 Datasheet
226Kb / 11P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 4 - 23 March 2021
logo
Texas Instruments
SN74CBT3253 TI-SN74CBT3253 Datasheet
571Kb / 14P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253 PHILIPS-CBT3253 Datasheet
98Kb / 12P
   Dual 1-of-4 FET multiplexer/demultiplexer
2002 Nov 04
logo
Texas Instruments
SN74CBT3253 TI-SN74CBT3253_07 Datasheet
721Kb / 16P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com