Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC125D Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74HC125D
Description  Quad buffer/line driver; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC125D Datasheet(HTML) 1 Page - NXP Semiconductors

  74HC125D Datasheet HTML 1Page - NXP Semiconductors 74HC125D Datasheet HTML 2Page - NXP Semiconductors 74HC125D Datasheet HTML 3Page - NXP Semiconductors 74HC125D Datasheet HTML 4Page - NXP Semiconductors 74HC125D Datasheet HTML 5Page - NXP Semiconductors 74HC125D Datasheet HTML 6Page - NXP Semiconductors 74HC125D Datasheet HTML 7Page - NXP Semiconductors 74HC125D Datasheet HTML 8Page - NXP Semiconductors 74HC125D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1.
General description
The 74HC125; 74HCT125 is a quad buffer/line driver with 3-state outputs controlled by
the output enable inputs (nOE). A HIGH on nOE causes the outputs to assume a high
impedance OFF-state. Inputs include clamp diodes. This enables the use of current
limiting resistors to interface inputs to voltages in excess of VCC.
2.
Features and benefits
Complies with JEDEC standard no. 7A
Input levels:
The 74HC125: CMOS levels
The 74HCT125: TTL levels
ESD protection:
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-A exceeds 200 V
Multiple package options
Specified from
40 C to +85 C and from 40 C to +125 C
3.
Ordering information
74HC125; 74HCT125
Quad buffer/line driver; 3-state
Rev. 4 — 10 January 2013
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC125N
40 C to +125 C
DIP14
plastic dual in-line package; 14 leads (300 mil)
SOT27-1
74HCT125N
74HC125D
40 C to +125 C
SO14
plastic small outline package; 14 leads; body width
3.9 mm
SOT108-1
74HCT125D
74HC125DB
40 C to +125 C
SSOP14
plastic shrink small outline package; 14 leads; body
width 5.3 mm
SOT337-1
74HCT125DB
74HC125PW
40 C to +125 C
TSSOP14
plastic thin shrink small outline package; 14 leads; body
width 4.4 mm
SOT402-1
74HCT125PW


Similar Part No. - 74HC125D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC125D PHILIPS-74HC125D Datasheet
42Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
74HC125D NXP-74HC125D Datasheet
41Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
logo
Toshiba Semiconductor
74HC125D TOSHIBA-74HC125D Datasheet
197Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.4.0
logo
Nexperia B.V. All right...
74HC125D NEXPERIA-74HC125D Datasheet
239Kb / 13P
   Quad buffer/line driver; 3-state
Rev. 7 - 4 February 2021
logo
List of Unclassifed Man...
74HC125D,653 ETC2-74HC125D,653 Datasheet
46Kb / 7P
   74HC/HCT125 Quad buffer/line driver 3-state
More results

Similar Description - 74HC125D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC125 PHILIPS-74AHC125 Datasheet
78Kb / 16P
   Quad buffer/line driver; 3-state
1999 Sep 27
74HC126 PHILIPS-74HC126 Datasheet
40Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
74LV126 PHILIPS-74LV126 Datasheet
112Kb / 12P
   Quad buffer/line driver 3-State
1998 Apr 28
logo
Nexperia B.V. All right...
74AHC125-Q100 NEXPERIA-74AHC125-Q100 Datasheet
822Kb / 17P
   Quad buffer/line driver; 3-state
logo
NXP Semiconductors
74VHC_VHCT125 PHILIPS-74VHC_VHCT125_15 Datasheet
464Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 02-13 October 2009
74VHC_VHCT126 PHILIPS-74VHC_VHCT126_15 Datasheet
98Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 01-13 August 2009
logo
Nexperia B.V. All right...
74ALVC125-Q100 NEXPERIA-74ALVC125-Q100 Datasheet
804Kb / 15P
   Quad buffer/line driver 3-state
74ALVC125 NEXPERIA-74ALVC125 Datasheet
242Kb / 13P
   Quad buffer/line driver; 3-state
Rev. 4 - 30 April 2021
logo
NXP Semiconductors
74LV125 PHILIPS-74LV125 Datasheet
111Kb / 12P
   Quad buffer/line driver 3-State
1998 Apr 28
74HC_HCT125 PHILIPS-74HC_HCT125_15 Datasheet
184Kb / 17P
   Quad buffer/line driver; 3-state
Rev. 5-19 January 2015
74HC125D NXP-74HC125D Datasheet
41Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com