Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC44L03DB Datasheet(PDF) 5 Page - Texas Instruments

Part # TPIC44L03DB
Description  4-CHAMMEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC44L03DB Datasheet(HTML) 5 Page - Texas Instruments

  TPIC44L03DB Datasheet HTML 1Page - Texas Instruments TPIC44L03DB Datasheet HTML 2Page - Texas Instruments TPIC44L03DB Datasheet HTML 3Page - Texas Instruments TPIC44L03DB Datasheet HTML 4Page - Texas Instruments TPIC44L03DB Datasheet HTML 5Page - Texas Instruments TPIC44L03DB Datasheet HTML 6Page - Texas Instruments TPIC44L03DB Datasheet HTML 7Page - Texas Instruments TPIC44L03DB Datasheet HTML 8Page - Texas Instruments TPIC44L03DB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
TPIC44L01, TPIC44L02, TPIC44L03
4CHANNEL SERIAL AND PARALLEL LOW SIDE PREFET DRIVER
SLIS062B NOVEMBER 1996 – REVISED AUGUST 2001
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC (see Note 1)
–0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Battery supply voltage range, VBAT
–0.3 V to 60 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range,VI (at any input)
–0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (SDO and FLT)
–0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Drain-to-source voltage, VDS
–0.3 V to 60 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage, VO
–0.3 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating case temperature range, TC
–40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal resistance, junction to ambient, RθJA
135
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–40
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to GND.
recommended operating conditions
MIN
NOM
MAX
UNIT
Logic supply voltage, VCC
4.5
5
5.5
V
Battery supply voltage, VBAT
8
24
V
High-level input voltage, VIH
0.85 VCC
VCC
V
Low-level input voltage, VIL
0
0.15 VCC
V
Setup time, SDI high before SCLK rising edge, tsu (see Figure 5)
10
ns
Hold time, SDI high after SCLK rising edge, th (see Figure 5)
10
ns
Case temperature, TC
–40
125
°C


Similar Part No. - TPIC44L03DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC44L03DB TI-TPIC44L03DB Datasheet
268Kb / 20P
[Old version datasheet]   4-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
More results

Similar Description - TPIC44L03DB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPIC44L02 STMICROELECTRONICS-STPIC44L02 Datasheet
438Kb / 21P
   4 CHANNEL SERIAL AND PARALLEL LOW SIDE PRE-FET DRIVER
July 2003
logo
Texas Instruments
TPIC44L01 TI-TPIC44L01 Datasheet
268Kb / 20P
[Old version datasheet]   4-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC44H01 TI1-TPIC44H01_15 Datasheet
982Kb / 32P
[Old version datasheet]   4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
TPIC44H01 TI-TPIC44H01 Datasheet
402Kb / 28P
[Old version datasheet]   4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
TPIC46L01 TI-TPIC46L01 Datasheet
255Kb / 19P
[Old version datasheet]   6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC46L02DBRG4 TI1-TPIC46L02DBRG4 Datasheet
804Kb / 23P
[Old version datasheet]   6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
logo
Allegro MicroSystems
A3944 ALLEGRO-A3944 Datasheet
601Kb / 31P
   Automotive, Low-Side FET Pre-Driver
A3944KLPTR-T ALLEGRO-A3944KLPTR-T Datasheet
598Kb / 31P
   Automotive, Low-Side FET Pre-Driver
logo
ON Semiconductor
NCV7512 ONSEMI-NCV7512 Datasheet
268Kb / 25P
   FLEXMOS Quad Low-Side Pre-Driver
December, 2008 ??Rev. 2
NCV7520 ONSEMI-NCV7520 Datasheet
460Kb / 38P
   Hex Low-side MOSFET Pre-driver
October, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com