Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC2603NE Datasheet(PDF) 3 Page - Texas Instruments

Part # TPIC2603NE
Description  6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC2603NE Datasheet(HTML) 3 Page - Texas Instruments

  TPIC2603NE Datasheet HTML 1Page - Texas Instruments TPIC2603NE Datasheet HTML 2Page - Texas Instruments TPIC2603NE Datasheet HTML 3Page - Texas Instruments TPIC2603NE Datasheet HTML 4Page - Texas Instruments TPIC2603NE Datasheet HTML 5Page - Texas Instruments TPIC2603NE Datasheet HTML 6Page - Texas Instruments TPIC2603NE Datasheet HTML 7Page - Texas Instruments TPIC2603NE Datasheet HTML 8Page - Texas Instruments TPIC2603NE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
TPIC2603
6CHANNEL SERIAL INTERFACE LOW SIDE DRIVER
SLIS056A − FEBRUARY 1995 − REVISED MARCH 1996
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.†
I/O
DESCRIPTION
CS
8 (10)
I
Chip select. The CS is an active-low input used to select the serial interface of the device. The device accepts
serial input data and transmits fault data when CS is held low. An internal pullup resistor is provided on the CS
input.
DRAIN0
DRAIN1
DRAIN2
DRAIN3
DRAIN4
DRAIN5
19 (23)
12 (14)
10 (12)
9 (11)
2 (2)
1 (1)
O
FET drain outputs. The DRAIN terminals are low-side switches for inductive and resistive loads. Each output
provides an internal drain-gate clamp to snub inductive transients.
GND
5, 6, 15,
16 (5, 6, 7,
8, 17, 18,
19, 20)
O
Ground. These terminals provide ground return paths for the device.
SCLK
3 (3)
I
Serial clock. The SCLK clocks the shift register. Serial data is transferred into the SDI port and serial fault data
is transferred out of the SDO port of the device on the rising edges of SCLK.
SDI
4 (4)
I
Serial data input. The device receives serial data from the control device using the SDI. Serial input data can
be configured in 8-bit or 16-bit data words. Refer to Figures 2 and 4 for input protocol. An internal pulldown
resistor is provided on the SDI input.
SDO
7 (9)
O
Serial data output. This 3-state output transfers fault data to the control device after the device has been
selected by the CS terminal.
Vbat
20 (24)
I
Battery voltage. The Vbat terminal monitors the battery voltage to detect over-voltage conditions.
VCC
11 (13)
I
Supply voltage. The VCC terminal receives a 5-V supply for internal logic.
† Terminal numbers listed in parenthesis are for the 24-pin DW package.
absolute maximum ratings over the recommended operating case temperature range (unless
otherwise noted)‡
Logic supply voltage range, VCC (see Note 1)
−0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Battery supply voltage range, Vbat
−1.5 V to 60 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Logic input voltage range, VI
−0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power DMOS drain-to-source voltage, VDS (see Note 2)
68 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous drain current, each output, all outputs on, ID, TC = 25°C
350 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Pulsed drain current, single output, IDM, TC = 25°C (see Note 3)
2.25 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Single-pusle avalanche energy, EAS (see Figure 11)
100 mJ
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Avalanche current, IAS (see Note 4)
1 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature range, TJ
−40
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values are with respect to GND.
2. Each power DMOS source is internally connected to GND.
3. Pulse duration
≤ 100 µs and duty cycle ≤ 2%.
4. DRAIN supply voltage = 13 V, starting junction temperature (TJS) = 25°C, L = 150 mH, IAS = 1 A (see Figure 11).


Similar Part No. - TPIC2603NE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2603NE TI-TPIC2603NE Datasheet
243Kb / 17P
[Old version datasheet]   6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
More results

Similar Description - TPIC2603NE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2603 TI-TPIC2603 Datasheet
243Kb / 17P
[Old version datasheet]   6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
logo
ELMOS Semiconductor AG
E910.01 ELMOS-E910.01 Datasheet
122Kb / 1P
   Low side driver (8 channel, serial interface)
logo
Texas Instruments
DRV8860 TI1-DRV8860 Datasheet
1Mb / 31P
[Old version datasheet]   8 Channel Serial Interface Low-Side Driver
DRV8860 TI1-DRV8860 Datasheet
1Mb / 31P
[Old version datasheet]   8 Channel Serial Interface Low-Side Driver
DRV8860 TI1-DRV8860_16 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel Serial Interface Low-Side Driver
DRV8804 TI1-DRV8804 Datasheet
581Kb / 15P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
NOVEMBER2011
DRV8804 TI1-DRV8804_16 Datasheet
1Mb / 27P
[Old version datasheet]   Quad Serial Interface Low-Side Driver IC
DRV8806 TI1-DRV8806_16 Datasheet
1Mb / 27P
[Old version datasheet]   Quad Serial Interface Low-Side Driver IC
DRV8804 TI-DRV8804_15 Datasheet
956Kb / 21P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8804PWP TI1-DRV8804PWP Datasheet
765Kb / 18P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com