Electronic Components Datasheet Search |
|
74HCT595BQ-Q100 Datasheet(PDF) 9 Page - NXP Semiconductors |
|
74HCT595BQ-Q100 Datasheet(HTML) 9 Page - NXP Semiconductors |
9 / 23 page 74HC_HCT595_Q100 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 2 — 10 April 2013 9 of 23 NXP Semiconductors 74HC595-Q100; 74HCT595-Q100 8-bit serial-in, serial or parallel-out shift register with output latches; 3-state 74HCT595-Q100 VIH HIGH-level input voltage VCC = 4.5 V to 5.5 V 2.0 1.6 - 2.0 - V VIL LOW-level input voltage VCC = 4.5 V to 5.5 V - 1.2 0.8 - 0.8 V VOH HIGH-level output voltage VI =VIH or VIL; VCC =4.5 V all outputs IO = 20 A 4.4 4.5 - 4.4 - V Q7S output IO = 4 mA 3.84 4.32 - 3.7 - V Qn bus driver outputs IO = 6 mA 3.7 4.32 - 3.7 - V VOL LOW-level output voltage VI =VIH or VIL; VCC =4.5 V all outputs IO =20 A - 0 0.1 - 0.1 V Q7S output IO = 4.0 mA - 0.15 0.33 - 0.4 V Qn bus driver outputs IO = 6.0 mA - 0.16 0.33 - 0.4 V II input leakage current VI =VCC or GND; VCC =5.5 V - - 1.0 - 1.0 A IOZ OFF-state output current VI =VIH or VIL; VCC =5.5 V; VO =VCC or GND -- 5.0 - 10 A ICC supply current VI =VCC or GND; IO =0A; VCC =5.5 V - - 80 - 160 A I CC additional supply current per input pin; IO =0A; VI =VCC 2.1 V; other inputs at VCC or GND; VCC = 4.5 V to 5.5 V pins MR, SHCP, STCP, OE - 150 675 - 735 A pin DS - 25 113 - 123 A CI input capacitance -3.5 - - - pF Table 6. Static characteristics …continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions 40 C to +85 C 40 C to +125 C Unit Min Typ Max Min Max |
Similar Part No. - 74HCT595BQ-Q100 |
|
Similar Description - 74HCT595BQ-Q100 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |