Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC2G00DC-G Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVC2G00DC-G
Description  Dual 2-input NAND gate
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G00DC-G Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC2G00DC-G Datasheet HTML 1Page - NXP Semiconductors 74LVC2G00DC-G Datasheet HTML 2Page - NXP Semiconductors 74LVC2G00DC-G Datasheet HTML 3Page - NXP Semiconductors 74LVC2G00DC-G Datasheet HTML 4Page - NXP Semiconductors 74LVC2G00DC-G Datasheet HTML 5Page - NXP Semiconductors 74LVC2G00DC-G Datasheet HTML 6Page - NXP Semiconductors 74LVC2G00DC-G Datasheet HTML 7Page - NXP Semiconductors 74LVC2G00DC-G Datasheet HTML 8Page - NXP Semiconductors 74LVC2G00DC-G Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
74LVC2G00
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 12 — 8 April 2013
3 of 20
NXP Semiconductors
74LVC2G00
Dual 2-input NAND gate
5.
Functional diagram
6.
Pinning information
6.1 Pinning
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram (one gate)
001aah748
1A
1B
1Y
2A
2B
2Y
001aah749
&
&
mna099
B
A
Y
Fig 4.
Pin configuration SOT505-2 and SOT765-1
Fig 5.
Pin configuration SOT833-1, SOT1089,
SOT1116 and SOT1203
74LVC2G00
1A
VCC
1B
1Y
2Y
2B
GND
2A
001aab736
1
2
3
4
6
5
8
7
74LVC2G00
2B
1Y
VCC
2A
2Y
1B
1A
GND
001aab737
36
27
18
45
Transparent top view
Fig 6.
Pin configuration SOT996-2
Fig 7.
Pin configuration SOT902-2
001aai251
74LVC2G00
Transparent top view
8
7
6
5
1
2
3
4
1A
1B
2Y
GND
VCC
1Y
2B
2A
001aae980
1B
2B
1A
2Y
1Y
2A
Transparent top view
3
6
1
5
7
2
terminal 1
index area
74LVC2G00


Similar Part No. - 74LVC2G00DC-G

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC2G00DC-Q100 NEXPERIA-74LVC2G00DC-Q100 Datasheet
771Kb / 12P
   Dual 2-input NAND gate
More results

Similar Description - 74LVC2G00DC-G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WH00FU TOSHIBA-TC7WH00FU Datasheet
195Kb / 6P
   DUAL 2-INPUT NAND GATE
logo
Panasonic Semiconductor
74LVC2G00 PANASONIC-74LVC2G00 Datasheet
91Kb / 16P
   Dual 2-input NAND gate
logo
Unisonic Technologies
U74LVC2G132 UTC-U74LVC2G132_15 Datasheet
181Kb / 5P
   DUAL 2-INPUT NAND GATE
logo
ON Semiconductor
NL27WZ00 ONSEMI-NL27WZ00 Datasheet
83Kb / 8P
   Dual 2-Input NAND Gate
September, 2001 ??Rev. 1
NL27WZ00 ONSEMI-NL27WZ00_13 Datasheet
125Kb / 6P
   Dual 2-Input NAND Gate
July, 2013 ??Rev. 12
logo
Nexperia B.V. All right...
74HCT2G00 NEXPERIA-74HCT2G00 Datasheet
208Kb / 11P
   Dual 2-input NAND gate
Rev. 6 - 20 November 2018
logo
Toshiba Semiconductor
TC7W00FK TOSHIBA-TC7W00FK_09 Datasheet
221Kb / 8P
   Dual 2-Input NAND Gate
logo
NXP Semiconductors
74HC2G00 NXP-74HC2G00 Datasheet
91Kb / 13P
   Dual 2-input NAND gate
Rev. 04-3 July 2008
logo
Nexperia B.V. All right...
74AHC2G00-Q100 NEXPERIA-74AHC2G00-Q100 Datasheet
211Kb / 11P
   Dual 2-input NAND gate
logo
ON Semiconductor
NL27WZ00 ONSEMI-NL27WZ00_V01 Datasheet
184Kb / 12P
   Dual 2-Input NAND Gate
March, 2022 - Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com