Selected language     English  ▼


TDA5051AT Datasheet(PDF) 2 Page - NXP Semiconductors

Part No. TDA5051AT
Description  Home automation modem
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 2 page
background image
TDA5051A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 13 January 2011
2 of 29
NXP Semiconductors
TDA5051A
Home automation modem
4.
Quick reference data
[1]
The value of the total transmission mode current is the sum of IDD(RX/TX)(tot) + IDD(PAMP) in the Table 5 “Characteristics”.
[2]
Frequency range corresponding to the EN50065-1 band. However, the modem can operate at any lower oscillator frequency.
[3]
The minimum value can be improved by using an external amplifier; see application diagrams Figure 19 and Figure 20.
5.
Ordering information
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
supply voltage
4.75
5.0
5.25
V
IDD(tot)
total supply current
fosc =8.48MHz
Reception mode
-
28
38
mA
Transmission mode;
DATA_IN =0; ZL =30 Ω
[1] -47
68
mA
Power-down mode
-
19
25
mA
fcr
carrier frequency
[2] -
132.5
-
kHz
fosc
oscillator frequency
6.08
-
9.504
MHz
Vo(rms)
output carrier signal (RMS value)
DATA_IN = LOW;
ZL = CISPR16
120
-
122
dB
μV
Vi(rms)
input signal (RMS value)
[3] 82
-
122
dB
μV
THD
total harmonic distortion on CISPR16 load
with coupling network
-
−55
-
dB
Tamb
ambient temperature
−50
-
+100
°C
Table 2.
Ordering information
Type number
Package
Name
Description
Version
TDA5051AT
SO16
plastic small outline package; 16 leads; body width 7.5 mm
SOT162-1




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl