Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST16C654CQ100 Datasheet(PDF) 4 Page - Exar Corporation

Part # ST16C654CQ100
Description  2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C654CQ100 Datasheet(HTML) 4 Page - Exar Corporation

  ST16C654CQ100 Datasheet HTML 1Page - Exar Corporation ST16C654CQ100 Datasheet HTML 2Page - Exar Corporation ST16C654CQ100 Datasheet HTML 3Page - Exar Corporation ST16C654CQ100 Datasheet HTML 4Page - Exar Corporation ST16C654CQ100 Datasheet HTML 5Page - Exar Corporation ST16C654CQ100 Datasheet HTML 6Page - Exar Corporation ST16C654CQ100 Datasheet HTML 7Page - Exar Corporation ST16C654CQ100 Datasheet HTML 8Page - Exar Corporation ST16C654CQ100 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
ST16C654/654D
xr
2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
REV. 5.0.2
4
PIN DESCRIPTIONS
Pin Description
NAME
64-LQFP
PIN #
68-PLCC
PIN#
100-QFP
PIN #
TYPE
DESCRIPTION
DATA BUS INTERFACE
A2
A1
A0
22
23
24
32
33
34
37
38
39
I
Address data lines [2:0]. These 3 address lines select one of the
internal registers in UART channel A-D during a data bus transac-
tion.
D7
D6
D5
D4
D3
D2
D1
D0
60
59
58
57
56
55
54
53
5
4
3
2
1
68
67
66
95
94
93
92
91
90
89
88
I/O
Data bus lines [7:0] (bidirectional).
IOR#
(VCC)
40
52
66
I
When 16/68# pin is at logic 1, the Intel bus interface is selected and
this input becomes read strobe (active low). The falling edge insti-
gates an internal read cycle and retrieves the data byte from an
internal register pointed by the address lines [A2:A0], puts the data
byte on the data bus to allow the host processor to read it on the ris-
ing edge.
When 16/68# pin is at logic 0, the Motorola bus interface is selected
and this input is not used and should be connected to VCC.
IOW#
(R/W#)
9
18
15
I
When 16/68# pin is at logic 1, it selects Intel bus interface and this
input becomes write strobe (active low). The falling edge instigates
the internal write cycle and the rising edge transfers the data byte on
the data bus to an internal register pointed by the address lines.
When 16/68# pin is at logic 0, the Motorola bus interface is selected
and this input becomes read (logic 1) and write (logic 0) signal.
CSA#
(CS#)
7
16
13
I
When 16/68# pin is at logic 1, this input is chip select A (active low)
to enable channel A in the device.
When 16/68# pin is at logic 0, this input becomes the chip select
(active low) for the Motorola bus interface.
CSB#
(A3)
11
20
17
I
When 16/68# pin is at logic 1, this input is chip select B (active low)
to enable channel B in the device.
When 16/68# pin is at logic 0, this input becomes address line A3
which is used for channel selection in the Motorola bus interface.
CSC#
(A4)
38
50
64
I
When 16/68# pin is at logic 1, this input is chip select C (active low)
to enable channel C in the device.
When 16/68# pin is at logic 0, this input becomes address line A4
which is used for channel selection in the Motorola bus interface.
CSD#
(VCC)
42
54
68
I
When 16/68# pin is at logic 1, this input is chip select D (active low)
to enable channel D in the device.
When 16/68# pin is at logic 0, this input is not used and should be
connected VCC.


Similar Part No. - ST16C654CQ100

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C654CQ100 EXAR-ST16C654CQ100 Datasheet
968Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
ST16C654CQ100 EXAR-ST16C654CQ100 Datasheet
444Kb / 49P
   QUAD UART WITH 64-BYTE FIFO AND INFRARED (IrDA) ENCODER/DECODER
More results

Similar Description - ST16C654CQ100

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C654 EXAR-ST16C654 Datasheet
968Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
ST16C554DCJ68-F EXAR-ST16C554DCJ68-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
XRT16C854 EXAR-XRT16C854 Datasheet
1Mb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
ST16C554DIQ64-F EXAR-ST16C554DIQ64-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554 EXAR-ST16C554 Datasheet
757Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
XR16C864IQ-F EXAR-XR16C864IQ-F Datasheet
440Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C854D EXAR-XR16C854D Datasheet
689Kb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com