Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD1S040HA1 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # HD1S040HA1
Description  Board-to-Cable Connector for High-speed Transmission HD Series Connector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HD1S040HA1 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  HD1S040HA1 Datasheet HTML 1Page - List of Unclassifed Manufacturers HD1S040HA1 Datasheet HTML 2Page - List of Unclassifed Manufacturers HD1S040HA1 Datasheet HTML 3Page - List of Unclassifed Manufacturers HD1S040HA1 Datasheet HTML 4Page - List of Unclassifed Manufacturers HD1S040HA1 Datasheet HTML 5Page - List of Unclassifed Manufacturers HD1S040HA1 Datasheet HTML 6Page - List of Unclassifed Manufacturers HD1S040HA1 Datasheet HTML 7Page - List of Unclassifed Manufacturers HD1S040HA1 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MB-0247-1
8/8
JAE PMK Div. Proprietary. Copyright © 2012,Japan Aviation Electronics Industry, Ltd.
Related Information
- Specifications Table (JACS): JACS-10696
- Handling Instructions (JAHL): JAHL-10696-1
JAHL-10696-2 (Plug Assembly)
Notice: Products shown in this brochure are made
for the applications listed below. However, if the
above-mentioned products are to be used in aerospace
devices, marine cable-connection devices, atomic
power control systems, medical equipment for life-
support systems, or any other specific application
requiring extremely high reliability, please contact
JAE for further information.
Recommended applications: Computers, Office
machines, Measuring devices, Telecommunication
devices (Terminals, Mobile devices), AV devices,
Household applications, FA devices, etc.
Product Marketing Division
Aobadai Building, 3-1-19, Aobadai, Meguro-ku, Tokyo 153-8539
Phone: +81-3-3780-2787 FAX: +81-3-3780-2946
* The specifications in this brochure are subject to change without notice. Please contact JAE for information.


Similar Part No. - HD1S040HA1

ManufacturerPart #DatasheetDescription
logo
NEC
HD1 NEC-HD1 Datasheet
112Kb / 6P
   on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
logo
Intersil Corporation
HD1-15530-8 INTERSIL-HD1-15530-8 Datasheet
169Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
HD1-15530-8 INTERSIL-HD1-15530-8 Datasheet
281Kb / 13P
   CMOS Manchester Encoder-Decoder
HD1-15530-8 INTERSIL-HD1-15530-8 Datasheet
276Kb / 13P
   CMOS Manchester Encoder-Decoder
March 1997
logo
Renesas Technology Corp
HD1-15530-8 RENESAS-HD1-15530-8 Datasheet
724Kb / 13P
   CMOS Manchester Encoder-Decoder
March 1997
More results

Similar Description - HD1S040HA1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HD1P040MA1R6000 ETC2-HD1P040MA1R6000 Datasheet
691Kb / 8P
   Board-to-Cable Connector for High-speed Transmission HD Series Connector
logo
Japan Aviation Electron...
HD JAE-HD Datasheet
691Kb / 8P
   Board-to-Cable Connector for High-speed Transmission
FI-NX JAE-FI-NX Datasheet
1Mb / 10P
   Board-to-Cable Connector for High-Speed Differential Transmission
FI-M JAE-FI-M Datasheet
447Kb / 7P
   Board to Cable Connector for High speed Differential Transmission
FI-X30HL-B JAE-FI-X30HL-B Datasheet
255Kb / 5P
   Board-to-Cable Connector for High Speed Differential Transmission
FI-D JAE-FI-D Datasheet
735Kb / 4P
   Board to Cable Connector Compatible to High Speed Differential Transmission
HJ1 JAE-HJ1 Datasheet
633Kb / 9P
   High-speed Differential Transmission Compatible Board-to-Cable Connector
FI-G JAE-FI-G Datasheet
279Kb / 7P
   Board to Cable Connector Compatible to High-Speed Differential Transmission
TX24A JAE-TX24A Datasheet
581Kb / 4P
   1.27mm Pitch High-speed Transmission Board-to-Board Connector
logo
List of Unclassifed Man...
TM24RSG-5A-88 ETC2-TM24RSG-5A-88 Datasheet
411Kb / 5P
   Modular Jack Connector for High-Speed Transmission
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com