Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCG062HVLDA-G20 Datasheet(PDF) 6 Page - Kyocera Kinseki Corpotation

Part # TCG062HVLDA-G20
Description  6.2 inch HVGA transmissive color TFT with LED backlight and constant current circuit for LED backlight
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

TCG062HVLDA-G20 Datasheet(HTML) 6 Page - Kyocera Kinseki Corpotation

Back Button TCG062HVLDA-G20 Datasheet HTML 2Page - Kyocera Kinseki Corpotation TCG062HVLDA-G20 Datasheet HTML 3Page - Kyocera Kinseki Corpotation TCG062HVLDA-G20 Datasheet HTML 4Page - Kyocera Kinseki Corpotation TCG062HVLDA-G20 Datasheet HTML 5Page - Kyocera Kinseki Corpotation TCG062HVLDA-G20 Datasheet HTML 6Page - Kyocera Kinseki Corpotation TCG062HVLDA-G20 Datasheet HTML 7Page - Kyocera Kinseki Corpotation TCG062HVLDA-G20 Datasheet HTML 8Page - Kyocera Kinseki Corpotation TCG062HVLDA-G20 Datasheet HTML 9Page - Kyocera Kinseki Corpotation TCG062HVLDA-G20 Datasheet HTML 10Page - Kyocera Kinseki Corpotation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Spec No.
TQ3C-8EAF0-E1DEY15-00
Part No.
TCG062HVLDA-G20
Page
3
M628090
5. Electrical characteristics
Temp. = -20∼70°C
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Supply voltage
1)
VDD
-
3.0
3.3
3.6
V
Current consumption
IDD
2)
-
130
170
mA
Permissive input ripple voltage
VRP
-
-
-
100
mVp-p
VIL
"Low" level
0
-
0.3VDD
V
Input signal voltage
3)
VIH
"High" level
0.7VDD
-
VDD
V
1) VDD-turn-on conditions
0<t1≦20ms
0<t2≦50ms
0<t3≦1s
2) Display pattern:
VDD = 3.3V, Temp. = 25°C
123 456
・・・・・・・・・・・・・・・1918 1919 1920(dot)
1
2
3
:
:
:
239
240
(dot)
■□■□■□■□■□■□■□■□■□■□
□■□■□■□■□■□■□■□■□■□■
■□■□■□■□■□■□■□■□■□■□
□■□■□■□■□■□■□■□■□■□■
■□■□■□■□■□■□■□■□■□■□
□■□■□■□■□■□■□■□■□■□■
■□■□■□■□■□■□■□■□■□■□
□■□■□■□■□■□■□■□■□■□■
3) Input signal : CK, R0∼R5, G0∼G5, B0∼B5, HSYNC, VSYNC, ENAB, R/L, U/D
3.0V
3.0V
0.3V
t1
t2
t3
Signal 3)


Similar Part No. - TCG062HVLDA-G20

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
TCG062HVLDA-G20 KSS-TCG062HVLDA-G20 Datasheet
3Mb / 8P
   Display the Difference
More results

Similar Description - TCG062HVLDA-G20

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
TCG062HVLQAVNN-GN20 KSS-TCG062HVLQAVNN-GN20 Datasheet
576Kb / 21P
   6.2 inch HVGA transmissive color TFT with LED backlight
TCG121XGLPBPNN-AN40 KSS-TCG121XGLPBPNN-AN40 Datasheet
513Kb / 28P
   12.1 inch XGA transmissive color TFT with LED backlight and constant current circuit for LED backlight
T-55787GD104J-LW-AGN KSS-T-55787GD104J-LW-AGN Datasheet
629Kb / 26P
   10.4 inch SVGA transmissive color TFT with LED backlight and constant current circuit for LED backlight
February 24, 2014
TCG035QVLPDANN-GN50 KSS-TCG035QVLPDANN-GN50 Datasheet
406Kb / 22P
   3.5 inch QVGA transmissive color TFT with LED backlight
TCG084SVLPAANN-AN30 KSS-TCG084SVLPAANN-AN30 Datasheet
651Kb / 26P
   8.4 inch SVGA transmissive color TFT with LED backlight
TCG121XGLPAPNN-AN20 KSS-TCG121XGLPAPNN-AN20 Datasheet
539Kb / 28P
   12.1 inch XGA transmissive color TFT with LED backlight
TCG104VGLAAANN-AN00 KSS-TCG104VGLAAANN-AN00 Datasheet
346Kb / 22P
   10.4 inch VGA transmissive color TFT with LED backlight
TCG035QVLPAANN-AN00 KSS-TCG035QVLPAANN-AN00 Datasheet
444Kb / 23P
   3.5 inch QVGA transmissive color TFT with LED backlight
TCG104VGLABANN-AN50 KSS-TCG104VGLABANN-AN50 Datasheet
363Kb / 22P
   10.4 inch VGA transmissive color TFT with LED backlight
TCG057QVLBA-G20 KSS-TCG057QVLBA-G20 Datasheet
466Kb / 23P
   5.7 inch QVGA transmissive color TFT with LED backlight
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com