Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCG104VGLABANN-AN50 Datasheet(PDF) 4 Page - Kyocera Kinseki Corpotation

Part # TCG104VGLABANN-AN50
Description  10.4 inch VGA transmissive color TFT with LED backlight
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

TCG104VGLABANN-AN50 Datasheet(HTML) 4 Page - Kyocera Kinseki Corpotation

  TCG104VGLABANN-AN50 Datasheet HTML 1Page - Kyocera Kinseki Corpotation TCG104VGLABANN-AN50 Datasheet HTML 2Page - Kyocera Kinseki Corpotation TCG104VGLABANN-AN50 Datasheet HTML 3Page - Kyocera Kinseki Corpotation TCG104VGLABANN-AN50 Datasheet HTML 4Page - Kyocera Kinseki Corpotation TCG104VGLABANN-AN50 Datasheet HTML 5Page - Kyocera Kinseki Corpotation TCG104VGLABANN-AN50 Datasheet HTML 6Page - Kyocera Kinseki Corpotation TCG104VGLABANN-AN50 Datasheet HTML 7Page - Kyocera Kinseki Corpotation TCG104VGLABANN-AN50 Datasheet HTML 8Page - Kyocera Kinseki Corpotation TCG104VGLABANN-AN50 Datasheet HTML 9Page - Kyocera Kinseki Corpotation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Spec No.
TQ3C-8EAF0-E1YAG18-00
Part No.
TCG104VGLABANN-AN50
Page
1
M407011
1. Application
This document defines the specification of TCG104VGLABANN-AN50. (RoHS Compliant)
2. Construction and outline
LCD
Backlight system
Polarizer
Additional circuit
: Transmissive color dot matrix type TFT
: LED
: Anti-Glare treatment
: Timing controller, Power supply (3.3V input)
(without constant current circuit for LED Backlight)
3. Mechanical specifications
Item
Specification
Unit
Outline dimensions 1)
240.7(W)×(180.2)(H)×9(D)
mm
Active area
211.2(W)×158.4(H)
(26.4cm/10.4 inch(Diagonal))
mm
Dot format
640×(R,G,B)(W)×480(H)
dot
Dot pitch
0.11(W)×0.33(H)
mm
Base color
2)
Normally White
-
Mass
(470)
g
1) Projection not included. Please refer to outline for details.
2) Due to the characteristics of the LCD material, the color varies with environmental temperature.


Similar Part No. - TCG104VGLABANN-AN50

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
TCG104VGLABANN-AN50 KSS-TCG104VGLABANN-AN50 Datasheet
3Mb / 8P
   Display the Difference
More results

Similar Description - TCG104VGLABANN-AN50

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
TCG104VGLAAANN-AN00 KSS-TCG104VGLAAANN-AN00 Datasheet
346Kb / 22P
   10.4 inch VGA transmissive color TFT with LED backlight
TCG104VGLPEANN-AN60 KSS-TCG104VGLPEANN-AN60 Datasheet
560Kb / 22P
   10.4 inch VGA transmissive color TFT with LED backlight
TCG104VGLABANN-AN30 KSS-TCG104VGLABANN-AN30 Datasheet
647Kb / 23P
   10.4 inch VGA transmissive color TFT with LED backlight
TCG104VGLACANN-AN00 KSS-TCG104VGLACANN-AN00 Datasheet
612Kb / 23P
   10.4 inch VGA transmissive color TFT with LED backlight
TCG104SVLQAPNN-AN20 KSS-TCG104SVLQAPNN-AN20 Datasheet
621Kb / 27P
   10.4 inch SVGA transmissive color TFT with LED backlight
TCG104SVLQJPNN-AN41 KSS-TCG104SVLQJPNN-AN41 Datasheet
746Kb / 27P
   10.4 inch SVGA transmissive color TFT with LED backlight
TCG104XGLPAPNN-AN30 KSS-TCG104XGLPAPNN-AN30 Datasheet
480Kb / 28P
   10.4 inch XGA transmissive color TFT with LED backlight
TCG104SVLPAANN-AN20 KSS-TCG104SVLPAANN-AN20 Datasheet
560Kb / 27P
   10.4 inch SVGA transmissive color TFT with LED backlight
TCG104XGLPAPNN-AN40 KSS-TCG104XGLPAPNN-AN40 Datasheet
483Kb / 28P
   10.4 inch XGA transmissive color TFT with LED backlight
TCG084VGLAAANN-AN50 KSS-TCG084VGLAAANN-AN50 Datasheet
362Kb / 21P
   8.4 inch VGA transmissive color TFT with LED backlight
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com