Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCG121SVLPAANN-AN20 Datasheet(PDF) 6 Page - Kyocera Kinseki Corpotation

Part # TCG121SVLPAANN-AN20
Description  12.1 inch SVGA transmissive color TFT with LED backlight
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

TCG121SVLPAANN-AN20 Datasheet(HTML) 6 Page - Kyocera Kinseki Corpotation

Back Button TCG121SVLPAANN-AN20 Datasheet HTML 2Page - Kyocera Kinseki Corpotation TCG121SVLPAANN-AN20 Datasheet HTML 3Page - Kyocera Kinseki Corpotation TCG121SVLPAANN-AN20 Datasheet HTML 4Page - Kyocera Kinseki Corpotation TCG121SVLPAANN-AN20 Datasheet HTML 5Page - Kyocera Kinseki Corpotation TCG121SVLPAANN-AN20 Datasheet HTML 6Page - Kyocera Kinseki Corpotation TCG121SVLPAANN-AN20 Datasheet HTML 7Page - Kyocera Kinseki Corpotation TCG121SVLPAANN-AN20 Datasheet HTML 8Page - Kyocera Kinseki Corpotation TCG121SVLPAANN-AN20 Datasheet HTML 9Page - Kyocera Kinseki Corpotation TCG121SVLPAANN-AN20 Datasheet HTML 10Page - Kyocera Kinseki Corpotation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Spec No.
TQ3C-8EAF0-E1YAC14-00
Part No.
TCG121SVLPAANN-AN20
Page
3
M303011
5. Electrical characteristics
5-1. LCD
Temp. = -20∼70°C
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Supply voltage
1)
VDD
-
3.0
3.3
3.6
V
Current consumption
IDD
2)
-
280
340
mA
Permissive input ripple voltage
VRP
VDD=3.3V
-
-
100
mVp-p
VIL
"Low" level
0
-
0.8
V
Input signal voltage
3)
VIH
"High" level
2.0
-
VDD
V
IOL
VI3=0V
-10
-
10
μA
Input reek current
IOH
VI3=3.3V
-
-
400
μA
LVDS Input voltage
4)
VL
-
0
-
1.9
V
Differential input voltage
VID
-
250
350
450
mV
VTL
"Low" level
VCM-100
-
-
mV
Differential input
threshold voltage
4) 5)
VTH
"High" level
-
-
VCM+100
mV
Terminator
R1
-
-
100
-
Ω
t1
-
0.1
-
10
ms
t2
-
0
-
-
ms
t3
-
0
-
-
ms
t4
-
1.0
-
-
s
t5
-
200
--
-
ms
VDD-turn-on conditions
1)
t6
-
200
-
-
ms
1) VDD-turn-on conditions
* If the condition of t5, t6 doesn’t fill it, the display noise might be seen.
0.9VDD
t1
0.1VDD
t2
t5
t6
t3
0.9VDD
0.1VDD
0.9VDD
t4
VDD
Signal 3) 4)
BLEN


Similar Part No. - TCG121SVLPAANN-AN20

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
TCG121SVLPAANN-AN20 KSS-TCG121SVLPAANN-AN20 Datasheet
3Mb / 8P
   Display the Difference
More results

Similar Description - TCG121SVLPAANN-AN20

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
TCG121SVLQEPNN-AN20 KSS-TCG121SVLQEPNN-AN20 Datasheet
606Kb / 27P
   12.1 inch SVGA transmissive color TFT with LED backlight
TCG084SVLPAANN-AN20 KSS-TCG084SVLPAANN-AN20 Datasheet
545Kb / 26P
   8.4 inch SVGA transmissive color TFT with LED backlight
TCG084SVLQAPNN-AN20 KSS-TCG084SVLQAPNN-AN20 Datasheet
684Kb / 26P
   8.4 inch SVGA transmissive color TFT with LED backlight
TCG104SVLPAANN-AN20 KSS-TCG104SVLPAANN-AN20 Datasheet
560Kb / 27P
   10.4 inch SVGA transmissive color TFT with LED backlight
TCG121XGLPAPNN-AN20 KSS-TCG121XGLPAPNN-AN20 Datasheet
539Kb / 28P
   12.1 inch XGA transmissive color TFT with LED backlight
TCG104SVLQAPNN-AN20 KSS-TCG104SVLQAPNN-AN20 Datasheet
621Kb / 27P
   10.4 inch SVGA transmissive color TFT with LED backlight
TCG084SVLPAANN-AN30 KSS-TCG084SVLPAANN-AN30 Datasheet
651Kb / 26P
   8.4 inch SVGA transmissive color TFT with LED backlight
TCG104SVLQJPNN-AN41 KSS-TCG104SVLQJPNN-AN41 Datasheet
746Kb / 27P
   10.4 inch SVGA transmissive color TFT with LED backlight
T-55787GD104J-LW-AGN KSS-T-55787GD104J-LW-AGN Datasheet
629Kb / 26P
   10.4 inch SVGA transmissive color TFT with LED backlight and constant current circuit for LED backlight
February 24, 2014
TCG121XGLPBPNN-AN40 KSS-TCG121XGLPBPNN-AN40 Datasheet
513Kb / 28P
   12.1 inch XGA transmissive color TFT with LED backlight and constant current circuit for LED backlight
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com