Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-21363KSWZ-1AA Datasheet(PDF) 8 Page - Analog Devices

Part # ADSP-21363KSWZ-1AA
Description  SHARC Processors
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21363KSWZ-1AA Datasheet(HTML) 8 Page - Analog Devices

Back Button ADSP-21363KSWZ-1AA Datasheet HTML 4Page - Analog Devices ADSP-21363KSWZ-1AA Datasheet HTML 5Page - Analog Devices ADSP-21363KSWZ-1AA Datasheet HTML 6Page - Analog Devices ADSP-21363KSWZ-1AA Datasheet HTML 7Page - Analog Devices ADSP-21363KSWZ-1AA Datasheet HTML 8Page - Analog Devices ADSP-21363KSWZ-1AA Datasheet HTML 9Page - Analog Devices ADSP-21363KSWZ-1AA Datasheet HTML 10Page - Analog Devices ADSP-21363KSWZ-1AA Datasheet HTML 11Page - Analog Devices ADSP-21363KSWZ-1AA Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
Rev. G
|
Page 8 of 56
|
March 2011
ADSP-21362/ADSP-21363/ADSP-21364/ADSP-21365/ADSP-21366
audio channels in I2S, left-justified sample pair, or right-justi-
fied mode. One frame sync cycle indicates one 64-bit left/right
pair, but data is sent to the FIFO as 32-bit words (that is, one-
half of a frame at a time). The processor supports 24- and 32-bit
I2S, 24- and 32-bit left-justified, and 24-, 20-, 18- and 16-bit
right-justified formats.
Precision Clock Generator (PCG)
The precision clock generators (PCG) consist of two units, each
of which generates a pair of signals (clock and frame sync)
derived from a clock input signal. The units, A and B, are identi-
cal in functionality and operate independently of each other.
The two signals generated by each unit are normally used as a
serial bit clock/frame sync pair.
Peripheral Timers
The following three general-purpose timers can generate peri-
odic interrupts and be independently set to operate in one of
three modes:
• Pulse waveform generation mode
• Pulse width count/capture mode
• External event watchdog mode
Each general-purpose timer has one bidirectional pin and four
registers that implement its mode of operation: a 6-bit configu-
ration register, a 32-bit count register, a 32-bit period register,
and a 32-bit pulse width register. A single control and status
register enables or disables all three general-purpose timers
independently.
I/O PROCESSOR FEATURES
The processor’s I/O provides many channels of DMA and con-
trols the extensive set of peripherals described in the previous
sections.
DMA Controller
The processor’s on-chip DMA controllers allow data transfers
without processor intervention. The DMA controller operates
independently and invisibly to the processor core, allowing
DMA operations to occur while the core is simultaneously exe-
cuting its program instructions. DMA transfers can occur
between the processor’s internal memory and its serial ports, the
SPI-compatible (serial peripheral interface) ports, the IDP
(input data port), the parallel data acquisition port (PDAP), or
the parallel port (PP). See Table 4.
SYSTEM DESIGN
The following sections provide an introduction to system design
options and power supply issues.
Program Booting
The internal memory of the processor boots at system power-up
from an 8-bit EPROM via the parallel port, an SPI master, an
SPI slave, or an internal boot. Booting is determined by the boot
configuration (BOOT_CFG1–0) pins in Table 5. Selection of the
boot source is controlled via the SPI as either a master or slave
device, or it can immediately begin executing from ROM.
Phase-Locked Loop
The processors use an on-chip phase-locked loop (PLL) to gen-
erate the internal clock for the core. On power-up, the
CLK_CFG1–0 pins are used to select ratios of 32:1, 16:1, and
6:1. After booting, numerous other ratios can be selected via
software control.
The ratios are made up of software configurable numerator val-
ues from 1 to 64 and software configurable divisor values of 1, 2,
4, and 8.
Power Supplies
The processor has a separate power supply connection for the
internal (VDDINT), external (VDDEXT), and analog (AVDD/AVSS)
power supplies. The internal and analog supplies must meet the
1.2 V requirement for K, B, and Y grade models, and the 1.0 V
requirement for Y models. (For information on the temperature
ranges offered for this product, see Operating Conditions on
Page 14, Package Information on Page 15, and Ordering Guide
on Page 54.) The external supply must meet the 3.3 V require-
ment. All external supply pins must be connected to the same
power supply.
Note that the analog supply pin (AVDD) powers the processor’s
internal clock generator PLL. To produce a stable clock, it is rec-
ommended that PCB designs use an external filter circuit for the
AVDD pin. Place the filter components as close as possible to the
AVDD/AVSS pins. For an example circuit, see Figure 3. (A
recommended ferrite chip is the muRata BLM18AG102SN1D.)
To reduce noise coupling, the PCB should use a parallel pair of
power and ground planes for VDDINT and GND. Use wide traces
to connect the bypass capacitors to the analog power (AVDD)
and ground (AVSS) pins. Note that the AVDD and AVSS pins
specified in Figure 3 are inputs to the processor and not the ana-
log ground plane on the board—the AVSS pin should connect
directly to digital ground (GND) at the chip.
Table 4. DMA Channels
Peripheral
ADSP-2136x
SPORTs
12
IDP/PDAP
8
SPI
2
MTM/DTCP
2
Parallel Port
1
Total DMA Channels
25
Table 5. Boot Mode Selection
BOOT_CFG1–0
Booting Mode
00
SPI Slave Boot
01
SPI Master Boot
10
Parallel Port Boot via EPROM
11
No booting occurs. Processor executes
from internal ROM after reset.


Similar Part No. - ADSP-21363KSWZ-1AA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21363KBC-1AA AD-ADSP-21363KBC-1AA Datasheet
2Mb / 52P
   SHARC Processor
REV. A
ADSP-21363KBCZ-1AA AD-ADSP-21363KBCZ-1AA Datasheet
2Mb / 52P
   SHARC Processor
REV. A
More results

Similar Description - ADSP-21363KSWZ-1AA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21367 AD-ADSP-21367_06 Datasheet
1Mb / 56P
   SHARC Processors
REV. A
ADSP-21367 AD-ADSP-21367_08 Datasheet
760Kb / 56P
   SHARC Processors
REV. C
ADSP-21369KSWZ-2A AD-ADSP-21369KSWZ-2A Datasheet
1Mb / 60P
   SHARC Processors
Rev. E
ADSP-21262 AD-ADSP-21262 Datasheet
1Mb / 44P
   SHARC Processor
REV. A
ADSP-21362 AD-ADSP-21362 Datasheet
2Mb / 52P
   SHARC Processor
REV. A
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
949Kb / 64P
   SHARC Processor
Rev. F
ADSP-21489BSWZ-4B AD-ADSP-21489BSWZ-4B Datasheet
1Mb / 68P
   SHARC Processor
REV. B
ADSP-21477KCPZ-1A AD-ADSP-21477KCPZ-1A Datasheet
1Mb / 76P
   SHARC Processor
REV. C
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
ADSP-21062LCSZ-160 AD-ADSP-21062LCSZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com