Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA204X-600F Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BTA204X-600F
Description  Three quadrant triacs guaranteed commutation
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BTA204X-600F Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BTA204X-600F Datasheet HTML 3Page - NXP Semiconductors BTA204X-600F Datasheet HTML 4Page - NXP Semiconductors BTA204X-600F Datasheet HTML 5Page - NXP Semiconductors BTA204X-600F Datasheet HTML 6Page - NXP Semiconductors BTA204X-600F Datasheet HTML 7Page - NXP Semiconductors BTA204X-600F Datasheet HTML 8Page - NXP Semiconductors BTA204X-600F Datasheet HTML 9Page - NXP Semiconductors BTA204X-600F Datasheet HTML 10Page - NXP Semiconductors BTA204X-600F Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
BTA204X_SER_D_E_F
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 3 November 2011
7 of 13
NXP Semiconductors
BTA204X series D, E and F
Three quadrant triacs guaranteed commutation
8.
Dynamic characteristics
Table 7.
Dynamic characteristics
Symbol Parameter
Conditions
BTA204X-600D
BTA204X-600E
BTA204X-600F
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
dVD/dt
critical rate of
rise of off-state
voltage
VDM =67%
VDRM(max);
Tj =125 C;
exponential
waveform; gate
open circuit
20
--
30
--
50
--
V/
s
dIcom/dt
critical rate of
change of
commutating
current
VDM = 400 V;
Tj =125 C;
IT(RMS) = 4 A;
dVcom/dt = 10 V/s;
gate open circuit
1.1
-
-
2.1
-
-
3
-
-
A/
s
VDM = 400 V;
Tj =125 C;
IT(RMS) = 4 A;
dVcom/dt = 0.1 V/s;
gate open circuit
4.5
--
8
--
15
--
A/
s
tgt
gate controlled
turn-on time
ITM =20A;
VD =VDRM(max);
IG =0.1 A;
dIG/dt = 5 A/s
-2-
-
2-
-
2
-
s
(1) T2
 G
(2) T2+ G
(3) T2+ G+
Fig 7.
Normalized gate trigger voltage as a function
of junction temperature
Fig 8.
Normalized gate trigger current as a function
of junction temperature
Tj (°C)
−50
150
100
50
0
001aac334
0.8
1.2
1.6
VGT
0.4
VGT (25°C)
Tj (°C)
−50
150
100
50
0
001aac335
1
2
3
IGT(Tj)
0
(1)
(2)
(3)
IGT(25°C)


Similar Part No. - BTA204X-600F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA204X-600F PHILIPS-BTA204X-600F Datasheet
120Kb / 13P
   Three quadrant triacs guaranteed commutation
Rev. 5-3 November 2011
BTA204X-600F PHILIPS-BTA204X-600F Datasheet
53Kb / 7P
   Three quadrant triacs guaranteed commutation
December 1998 Rev 1.000
logo
WeEn Semiconductors
BTA204X-600F WEEN-BTA204X-600F Datasheet
343Kb / 13P
   3Q Hi-Com Triac
More results

Similar Description - BTA204X-600F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA208 PHILIPS-BTA208 Datasheet
18Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.200
BTA208B PHILIPS-BTA208B Datasheet
22Kb / 4P
   Three quadrant triacs guaranteed commutation
September 1997 Rev 1.200
BTA216 PHILIPS-BTA216 Datasheet
43Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.100
BTA208SD PHILIPS-BTA208SD Datasheet
50Kb / 6P
   Three quadrant triacs guaranteed commutation
February 2000 Rev 1.000
BTA208X PHILIPS-BTA208X Datasheet
49Kb / 7P
   Three quadrant triacs guaranteed commutation
October 1999
BTA212 PHILIPS-BTA212 Datasheet
44Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1997 Rev 1.000
BTA204XD PHILIPS-BTA204XD Datasheet
53Kb / 7P
   Three quadrant triacs guaranteed commutation
December 1998 Rev 1.000
BTA216BD PHILIPS-BTA216BD Datasheet
49Kb / 6P
   Three quadrant triacs guaranteed commutation
February 2000 Rev 1.000
logo
WeEn Semiconductors
BTA216-600D WEEN-BTA216-600D Datasheet
404Kb / 8P
   Three quadrant triacs guaranteed commutation
logo
NXP Semiconductors
BTA216X PHILIPS-BTA216X Datasheet
48Kb / 5P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.000
BTA208S PHILIPS-BTA208S Datasheet
22Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com