Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P80C51SFA Datasheet(PDF) 3 Page - NXP Semiconductors

Part # P80C51SFA
Description  80C51 8-bit microcontroller family 4 K/8 K OTP/ROM low voltage (2.7 V??.5 V)
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P80C51SFA Datasheet(HTML) 3 Page - NXP Semiconductors

  P80C51SFA Datasheet HTML 1Page - NXP Semiconductors P80C51SFA Datasheet HTML 2Page - NXP Semiconductors P80C51SFA Datasheet HTML 3Page - NXP Semiconductors P80C51SFA Datasheet HTML 4Page - NXP Semiconductors P80C51SFA Datasheet HTML 5Page - NXP Semiconductors P80C51SFA Datasheet HTML 6Page - NXP Semiconductors P80C51SFA Datasheet HTML 7Page - NXP Semiconductors P80C51SFA Datasheet HTML 8Page - NXP Semiconductors P80C51SFA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
Philips Semiconductors
Product specification
80C51/87C51/80C52/87C52
80C51 8-bit microcontroller family
4 K/8 K OTP/ROM low voltage (2.7 V–5.5 V),
low power, high speed (33 MHz), 128/256 B RAM
2000 Aug 07
3
80C51/87C51 ORDERING INFORMATION
MEMORY SIZE
4K
× 8
TEMPERATURE RANGE
°C
AND PACKAGE
VOLTAGE
RANGE
FREQ.
(MHz)
DWG. #
ROM
P80C51SBPN
0 to +70 Plastic Dual In line Package
2 7Vto5 5V
0to16
SOT129 1
OTP
P87C51SBPN
0 to +70, Plastic Dual In-line Package
2.7 V to 5.5 V
0 to 16
SOT129-1
ROM
P80C51SBAA
0 to +70 Plastic Leaded Chip Carrier
2 7Vto5 5V
0to16
SOT187 2
OTP
P87C51SBAA
0 to +70, Plastic Leaded Chip Carrier
2.7 V to 5.5 V
0 to 16
SOT187-2
ROM
P80C51SBBB
0 to +70 Plastic Quad Flat Pack
2 7Vto5 5V
0to16
SOT307 2
OTP
P87C51SBBB
0 to +70, Plastic Quad Flat Pack
2.7 V to 5.5 V
0 to 16
SOT307-2
ROM
P80C51SFP N
40 to +85 Plastic Dual In line Package
2 7Vto5 5V
0to16
SOT129 1
OTP
P87C51SFP N
–40 to +85, Plastic Dual In-line Package
2.7 V to 5.5 V
0 to 16
SOT129-1
ROM
P80C51SFA A
40 to +85 Plastic Leaded Chip Carrier
2 7Vto5 5V
0to16
SOT187 2
OTP
P87C51SFA A
–40 to +85, Plastic Leaded Chip Carrier
2.7 V to 5.5 V
0 to 16
SOT187-2
ROM
P80C51SFB B
40 to +85 Plastic Quad Flat Pack
2 7Vto5 5V
0to16
SOT307 2
OTP
P87C51SFB B
–40 to +85, Plastic Quad Flat Pack
2.7 V to 5.5 V
0 to 16
SOT307-2
ROM
P80C51UBAA
0 to +70 Plastic Leaded Chip Carrier
5V
0to33
SOT187 2
OTP
P87C51UBAA
0 to +70, Plastic Leaded Chip Carrier
5 V
0 to 33
SOT187-2
ROM
P80C51UBPN
0 to +70 Plastic Dual In line Package
5V
0to33
SOT129 1
OTP
P87C51UBPN
0 to +70, Plastic Dual In-line Package
5 V
0 to 33
SOT129-1
ROM
P80C51UFA A
40 to +85 Plastic Leaded Chip Carrier
5V
0to33
SOT187 2
OTP
P87C51UFA A
–40 to +85, Plastic Leaded Chip Carrier
5 V
0 to 33
SOT187-2
PART NUMBER DERIVATION
DEVICE
NUMBER
DEVICE
NUMBER
OPERATING FREQUENCY, MAX (S)
TEMPERATURE RANGE (B)
PACKAGE (AA)
ROM
P80C51
S = 16 MHz
B = 0
_ to +70_C
AA = PLCC
ROM
P80C52
S = 16 MHz
B = 0
_ to +70_C
AA = PLCC
OTP
P87C51
U = 33 MHz
F = –40
_C to +85_C
BB = PQFP
OTP
P87C52
U = 33 MHz
F = –40
_C to +85_C
BB = PQFP


Similar Part No. - P80C51SFA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P80C51SFAA PHILIPS-P80C51SFAA Datasheet
350Kb / 38P
   80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V, low power, high speed 33 MHz
2000 Jan 20
More results

Similar Description - P80C51SFA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
8XC51_8XC52 PHILIPS-8XC51_8XC52_15 Datasheet
263Kb / 38P
   80C51 8-bit microcontroller family 4 K/8 K OTP/ROM low voltage (2.7 V??.5 V), lowpower, high speed (33 MHz), 128/256 B RAM
2000 Aug 07
87C750 PHILIPS-87C750 Datasheet
137Kb / 16P
   80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
83C748 PHILIPS-83C748 Datasheet
131Kb / 18P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count
1999 Apr 15
83C750 PHILIPS-83C750 Datasheet
158Kb / 16P
   80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
87C748 PHILIPS-87C748 Datasheet
147Kb / 18P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count
1999 Apr 15
87C751 PHILIPS-87C751 Datasheet
172Kb / 24P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, I2C, low pin count
1998 May 01
83C751 PHILIPS-83C751 Datasheet
211Kb / 24P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, I2C, low pin count
1998 May 01
XA-S3 PHILIPS-XA-S3 Datasheet
295Kb / 52P
   XA 16-bit microcontroller 32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16 MB address range
2000 Dec 01
8XC54_51FX_51RX PHILIPS-8XC54_51FX_51RX_15 Datasheet
371Kb / 56P
   80C51 8-bit microcontroller family 8K??4K/256??K OTP/ROM/ROMless, low voltage (2.7V??.5V), low power, high speed (33 MHz)
2000 Aug 07
83C453 PHILIPS-83C453 Datasheet
188Kb / 26P
   80C51 8-bit microcontroller family 8K/256 OTP/ROM, expanded I/O
1998 Apr 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com