Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM134 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM134
Description  LM134/LM234/LM334 3-Terminal Adjustable Current Sources
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM134 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM134 Datasheet HTML 5Page - Texas Instruments LM134 Datasheet HTML 6Page - Texas Instruments LM134 Datasheet HTML 7Page - Texas Instruments LM134 Datasheet HTML 8Page - Texas Instruments LM134 Datasheet HTML 9Page - Texas Instruments LM134 Datasheet HTML 10Page - Texas Instruments LM134 Datasheet HTML 11Page - Texas Instruments LM134 Datasheet HTML 12Page - Texas Instruments LM134 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
LM134, LM234, LM334
www.ti.com
SNVS746E – MARCH 2000 – REVISED MAY 2013
(8)
This circuit will eliminate most of the LM134's temperature coefficient, and it does a good job even if the
estimates of the diode's characteristics are not accurate (as the following example will show). For lowest tempco
with a specific diode at the desired ISET, however, the circuit should be built and tested over temperature. If the
measured tempco of ISET is positive, R2 should be reduced. If the resulting tempco is negative, R2 should be
increased. The recommended diode for use in this circuit is the 1N457 because its tempco is centered at 11
times the tempco of the LM134, allowing R2 = 10 R1. You can also use this circuit to create a current source with
non-zero tempcos by setting the tempco component of the tempco equation to the desired value instead of 0.
EXAMPLE: A 1mA, Zero-Tempco Current Source
First, solve for R1 and R2:
(9)
The values of R1 and R2 can be changed to standard 1% resistor values (R1 = 133Ω and R2 = 1.33kΩ) with less
than a 0.75% error.
If the forward voltage drop of the diode was 0.65V instead of the estimate of 0.6V (an error of 8%), the actual set
current will be
(10)
an error of less than 5%.
If the estimate for the tempco of the diode's forward voltage drop was off, the tempco cancellation is still
reasonably effective. Assume the tempco of the diode is 2.6mV/°C instead of 2.5mV/°C (an error of 4%). The
tempco of the circuit is now:
(11)
A 1mA LM134 current source with no temperature compensation would have a set resistor of 68
Ω and a
resulting tempco of
(12)
So even if the diode's tempco varies as much as ±4% from its estimated value, the circuit still eliminates 98% of
the LM134's inherent tempco.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM134 LM234 LM334


Similar Part No. - LM134

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM134 NSC-LM134 Datasheet
273Kb / 14P
   3-Terminal Adjustable Current Sources
logo
STMicroelectronics
LM134 STMICROELECTRONICS-LM134 Datasheet
109Kb / 10P
   THREE TERMINAL ADJUSTABLE CURRENT SOURCES
LM134 STMICROELECTRONICS-LM134 Datasheet
1Mb / 11P
   THREE TERMINAL ADJUSTABLE CURRENT SOURCES
logo
Linear Technology
LM134 LINER-LM134 Datasheet
156Kb / 12P
   Constant Current Source and Temperature Sensor
logo
National Semiconductor ...
LM134 NSC-LM134 Datasheet
755Kb / 14P
   3-Terminal Adjustable Current Sources
More results

Similar Description - LM134

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM334M TI1-LM334M Datasheet
1Mb / 26P
[Old version datasheet]   LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM334M TI-LM334M Datasheet
1Mb / 26P
[Old version datasheet]   LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM234Z-6 TI1-LM234Z-6 Datasheet
1Mb / 25P
[Old version datasheet]   LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM134 TI-LM134_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM134/LM234/LM334 3-Terminal Adjustable Current Sources
logo
National Semiconductor ...
LM134 NSC-LM134_05 Datasheet
755Kb / 14P
   3-Terminal Adjustable Current Sources
LM134 NSC-LM134 Datasheet
273Kb / 14P
   3-Terminal Adjustable Current Sources
logo
Texas Instruments
LM134 TI1-LM134_16 Datasheet
1Mb / 26P
[Old version datasheet]   3-Terminal Adjustable Current Sources
logo
STMicroelectronics
LM134-LM234 STMICROELECTRONICS-LM134-LM234 Datasheet
109Kb / 10P
   THREE TERMINAL ADJUSTABLE CURRENT SOURCES
LM134 STMICROELECTRONICS-LM134_07 Datasheet
500Kb / 16P
   Three terminal adjustable current sources
LM134 STMICROELECTRONICS-LM134_03 Datasheet
1Mb / 11P
   THREE TERMINAL ADJUSTABLE CURRENT SOURCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com