Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM234 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM234
Description  LM134/LM234/LM334 3-Terminal Adjustable Current Sources
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM234 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM234 Datasheet HTML 2Page - Texas Instruments LM234 Datasheet HTML 3Page - Texas Instruments LM234 Datasheet HTML 4Page - Texas Instruments LM234 Datasheet HTML 5Page - Texas Instruments LM234 Datasheet HTML 6Page - Texas Instruments LM234 Datasheet HTML 7Page - Texas Instruments LM234 Datasheet HTML 8Page - Texas Instruments LM234 Datasheet HTML 9Page - Texas Instruments LM234 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LM134, LM234, LM334
SNVS746E – MARCH 2000 – REVISED MAY 2013
www.ti.com
APPLICATION HINTS
The LM134 has been designed for ease of application, but a general discussion of design features is presented
here to familiarize the designer with device characteristics which may not be immediately obvious. These include
the effects of slewing, power dissipation, capacitance, noise, and contact resistance.
Calculating RSET
The total current through the LM134 (ISET) is the sum of the current going through the SET resistor (IR) and the
LM134's bias current (IBIAS), as shown in Figure 13.
Figure 13. Basic Current Source
A graph showing the ratio of these two currents is supplied under Ratio of ISET to IBIAS in Typical Performance
Characteristics. The current flowing through RSET is determined by VR, which is approximately 214μV/°K (64
mV/298°K
∼ 214μV/°K).
(1)
Since (for a given set current) IBIAS is simply a percentage of ISET, the equation can be rewritten
where
n is the ratio of ISET to IBIAS as specified in Electrical Characteristics and shown in the graph
(2)
Since n is typically 18 for 2
μA ≤ ISET ≤ 1mA, the equation can be further simplified to
(3)
for most set currents.
Slew Rate
At slew rates above a given threshold (see curve), the LM134 may exhibit non-linear current shifts. The slewing
rate at which this occurs is directly proportional to ISET. At ISET = 10μA, maximum dV/dt is 0.01V/μs; at ISET =
1mA, the limit is 1V/
μs. Slew rates above the limit do not harm the LM134, or cause large currents to flow.
Thermal Effects
Internal heating can have a significant effect on current regulation for ISET greater than 100μA. For example, each
1V increase across the LM134 at ISET = 1 mA will increase junction temperature by ≈0.4°C in still air. Output
current (ISET) has a temperature coefficient of ≈0.33%/°C, so the change in current due to temperature rise will be
(0.4) (0.33) = 0.132%. This is a 10:1 degradation in regulation compared to true electrical effects. Thermal
effects, therefore, must be taken into account when DC regulation is critical and ISET exceeds 100μA. Heat
sinking of the TO package or the TO-92 leads can reduce this effect by more than 3:1.
6
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM134 LM234 LM334


Similar Part No. - LM234

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM234 STMICROELECTRONICS-LM234 Datasheet
109Kb / 10P
   THREE TERMINAL ADJUSTABLE CURRENT SOURCES
LM234 STMICROELECTRONICS-LM234 Datasheet
1Mb / 11P
   THREE TERMINAL ADJUSTABLE CURRENT SOURCES
logo
National Semiconductor ...
LM234 NSC-LM234 Datasheet
755Kb / 14P
   3-Terminal Adjustable Current Sources
logo
STMicroelectronics
LM234 STMICROELECTRONICS-LM234 Datasheet
500Kb / 16P
   Three terminal adjustable current sources
logo
Texas Instruments
LM234 TI-LM234 Datasheet
1Mb / 26P
[Old version datasheet]   LM134/LM234/LM334 3-Terminal Adjustable Current Sources
More results

Similar Description - LM234

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM334M TI1-LM334M Datasheet
1Mb / 26P
[Old version datasheet]   LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM334M TI-LM334M Datasheet
1Mb / 26P
[Old version datasheet]   LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM234Z-6 TI1-LM234Z-6 Datasheet
1Mb / 25P
[Old version datasheet]   LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM134 TI-LM134_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM134/LM234/LM334 3-Terminal Adjustable Current Sources
logo
National Semiconductor ...
LM134 NSC-LM134_05 Datasheet
755Kb / 14P
   3-Terminal Adjustable Current Sources
LM134 NSC-LM134 Datasheet
273Kb / 14P
   3-Terminal Adjustable Current Sources
logo
Texas Instruments
LM134 TI1-LM134_16 Datasheet
1Mb / 26P
[Old version datasheet]   3-Terminal Adjustable Current Sources
logo
STMicroelectronics
LM134-LM234 STMICROELECTRONICS-LM134-LM234 Datasheet
109Kb / 10P
   THREE TERMINAL ADJUSTABLE CURRENT SOURCES
LM134 STMICROELECTRONICS-LM134_07 Datasheet
500Kb / 16P
   Three terminal adjustable current sources
LM134 STMICROELECTRONICS-LM134_03 Datasheet
1Mb / 11P
   THREE TERMINAL ADJUSTABLE CURRENT SOURCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com