Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM334 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM334
Description  LM134/LM234/LM334 3-Terminal Adjustable Current Sources
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM334 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM334 Datasheet HTML 4Page - Texas Instruments LM334 Datasheet HTML 5Page - Texas Instruments LM334 Datasheet HTML 6Page - Texas Instruments LM334 Datasheet HTML 7Page - Texas Instruments LM334 Datasheet HTML 8Page - Texas Instruments LM334 Datasheet HTML 9Page - Texas Instruments LM334 Datasheet HTML 10Page - Texas Instruments LM334 Datasheet HTML 11Page - Texas Instruments LM334 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
LM134, LM234, LM334
SNVS746E – MARCH 2000 – REVISED MAY 2013
www.ti.com
Application as a Zero Temperature Coefficent Current Source
Adding a diode and a resistor to the standard LM134 configuration can cancel the temperature-dependent
characteristic of the LM134. The circuit shown in Figure 15 balances the positive tempco of the LM134 (about
+0.23 mV/°C) with the negative tempco of a forward-biased silicon diode (about
−2.5 mV/°C).
Figure 15. Zero Tempco Current Source
The set current (ISET) is the sum of I1 and I2, each contributing approximately 50% of the set current, and IBIAS.
IBIAS is usually included in the I1 term by increasing the VR value used for calculations by 5.9%. (See
CALCULATING RSET.)
(5)
The first step is to minimize the tempco of the circuit, using the following equations. An example is given using a
value of +227
μV/°C as the tempco of the LM134 (which includes the IBIAS component), and −2.5 mV/°C as the
tempco of the diode (for best results, this value should be directly measured or obtained from the manufacturer
of the diode).
(6)
(7)
With the R1 to R2 ratio determined, values for R1 and R2 should be determined to give the desired set current.
The formula for calculating the set current at T = 25°C is shown below, followed by an example that assumes the
forward voltage drop across the diode (VD) is 0.6V, the voltage across R1 is 67.7mV (64 mV + 5.9% to account
for IBIAS), and R2/R1 = 10 (from the previous calculations).
8
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM134 LM234 LM334


Similar Part No. - LM334

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM334 NSC-LM334 Datasheet
273Kb / 14P
   3-Terminal Adjustable Current Sources
logo
STMicroelectronics
LM334 STMICROELECTRONICS-LM334 Datasheet
109Kb / 10P
   THREE TERMINAL ADJUSTABLE CURRENT SOURCES
LM334 STMICROELECTRONICS-LM334 Datasheet
904Kb / 10P
   2.5V VOLTAGE REFERENCES
LM334 STMICROELECTRONICS-LM334 Datasheet
1Mb / 11P
   THREE TERMINAL ADJUSTABLE CURRENT SOURCES
logo
National Semiconductor ...
LM334 NSC-LM334 Datasheet
755Kb / 14P
   3-Terminal Adjustable Current Sources
More results

Similar Description - LM334

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM334M TI1-LM334M Datasheet
1Mb / 26P
[Old version datasheet]   LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM334M TI-LM334M Datasheet
1Mb / 26P
[Old version datasheet]   LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM234Z-6 TI1-LM234Z-6 Datasheet
1Mb / 25P
[Old version datasheet]   LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM134 TI-LM134_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM134/LM234/LM334 3-Terminal Adjustable Current Sources
logo
National Semiconductor ...
LM134 NSC-LM134_05 Datasheet
755Kb / 14P
   3-Terminal Adjustable Current Sources
LM134 NSC-LM134 Datasheet
273Kb / 14P
   3-Terminal Adjustable Current Sources
logo
Texas Instruments
LM134 TI1-LM134_16 Datasheet
1Mb / 26P
[Old version datasheet]   3-Terminal Adjustable Current Sources
logo
STMicroelectronics
LM134-LM234 STMICROELECTRONICS-LM134-LM234 Datasheet
109Kb / 10P
   THREE TERMINAL ADJUSTABLE CURRENT SOURCES
LM134 STMICROELECTRONICS-LM134_07 Datasheet
500Kb / 16P
   Three terminal adjustable current sources
LM134 STMICROELECTRONICS-LM134_03 Datasheet
1Mb / 11P
   THREE TERMINAL ADJUSTABLE CURRENT SOURCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com