Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2623 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM2623
Description  LM2623 General Purpose, Gated Oscillator Based, DC/DC Boost Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2623 Datasheet(HTML) 4 Page - Texas Instruments

  LM2623 Datasheet HTML 1Page - Texas Instruments LM2623 Datasheet HTML 2Page - Texas Instruments LM2623 Datasheet HTML 3Page - Texas Instruments LM2623 Datasheet HTML 4Page - Texas Instruments LM2623 Datasheet HTML 5Page - Texas Instruments LM2623 Datasheet HTML 6Page - Texas Instruments LM2623 Datasheet HTML 7Page - Texas Instruments LM2623 Datasheet HTML 8Page - Texas Instruments LM2623 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LM2623
SNVS188G – MAY 2004 – REVISED DECEMBER 2005
www.ti.com
ELECTRICAL CHARACTERISTICS
Limits in standard typeface are for TJ = 25°C, and limits in boldface type apply over the full operating temperature range of
−40°C to +85°C. Unless otherwise specified: VDD= VOUT= 3.3V.
Symbol
Parameter
Condition
Typ
Min
Max
Units
VDD_ST
Start-Up Supply Voltage 25°C
ILOAD = 0mA
(1)
1.1
V
VIN_OP
Minimum Operating Supply
ILOAD = 0mA
0.65
.8
V
Voltage (once started)
VFB
FB Pin Voltage
1.24
1.2028
1.2772
V
VOUT_MAX
Maximum Output Voltage
14
V
η
Efficiency
VIN = 3.6V; VOUT = 5V; ILOAD =
87
500mA
%
VIN = 2.5V; VOUT = 3.3V; ILOAD =
87
200mA
D
Switch Duty Cycle
17
%
IDD
Operating Quiescent Current (2)
FB Pin > 1.3V; EN Pin at VDD
80
110
µA
ISD
Shutdown Quiescent Current (3)
VDD, BOOT and SW Pins at 5.0V;
0.01
2.5
µA
EN Pin <200mV
ICL
Switch Peak Current Limit
LM2623A
2. 85
2.2
A
IC
Switch Peak Current Limit
LM2623
1.2
A
RDS_ON
MOSFET Switch On Resistance
0.17
0.26
Ω
θJA
Thermal Resistance
DGK Package, Junction to
240
°C/W
Ambient(4)
θJA
Thermal Resistance
WSON Package, Junction to
40
°C/W
Ambient(4) (5)
θJA
Thermal Resistance
WSON Package, Junction to
56
°C/W
Ambient(4) (6)
Enable Section
VEN_LO
EN Pin Voltage Low (7)
0.15VDD
V
VEN_HI
EN Pin Voltage High (7)
0.7VDD
V
(1)
VDD tied to Boot and EN pins. Frequency pin tied to VDD through 121K resistor. VDD_ST = VDD when startu-up occurs. VIN is VDD + D1
voltage (usually 10-50 mv at start-up)
(2)
This is the current into the VDD pin.
(3)
This is the total current into pins VDD, BOOT, SW and FREQ.
(4)
The maximum power dissipation must be derated at elevated temperatures and is dictated by Tjmax (maximum junction temperature),
θJA (junction to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any
temperature is Pdmax = (Tjmax - TA)/ θJA or the number given in the Absolute Maximum Ratings, whichever is lower.
(5)
Junction to ambient thermal resistance (
θJA) is taken from a thermal modeling result, performed under the conditions and guidelines set
forthe in the JEDEC standard JESD51-17. The test board is a 4 layer FR-4 board measuring 102mm x 76mm x 1.6mm with a 3 x 2
array of thermal vias. The ground plane on the board is 50mm x 50 mm. Thickness of copper layers are 36mm/18mm/18mm/36mm
(1.5oz/10z/1oz/1.5ox). Ambient temperature in simulation is 22°C, still air. Power dissipation is 1W. (The DAP is soldered.) Fore more
information on WSON thermal topics, as well as WSON mounting and soldering specifications please refer to (SNOA401) Application
Note 1187 : Leadless Leadframe Package (LLP).
(6)
Exposed DAP soldered to an exposed 1sq. inch area of 1 oz. copper. Thermal resistance can be decreased by using more copper are
to dissipate heat.
(7)
When the EN pin is below VEN_LO, the regulator is shut down; when it is above VEN_HI, the regulator is operating.
4
Submit Documentation Feedback
Copyright © 2004–2005, Texas Instruments Incorporated
Product Folder Links: LM2623


Similar Part No. - LM2623

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2623 NSC-LM2623 Datasheet
216Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
LM2623 NSC-LM2623 Datasheet
215Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
LM2623 NSC-LM2623 Datasheet
595Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
logo
Texas Instruments
LM2623 TI1-LM2623 Datasheet
958Kb / 16P
[Old version datasheet]   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
LM2623 TI-LM2623 Datasheet
1Mb / 22P
[Old version datasheet]   General-Purpose, Gated-Oscillator-Based DC/DC Boost Converter
More results

Similar Description - LM2623

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2623 TI-LM2623_15 Datasheet
1Mb / 21P
[Old version datasheet]   LM2623 General-Purpose, Gated-Oscillator-Based DC/DC Boost Converter
LM2623 TI1-LM2623_14 Datasheet
958Kb / 16P
[Old version datasheet]   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
logo
National Semiconductor ...
LM2623 NSC-LM2623_05 Datasheet
595Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
logo
Texas Instruments
LM2623 TI-LM2623_15 Datasheet
1Mb / 22P
[Old version datasheet]   General-Purpose, Gated-Oscillator-Based DC/DC Boost Converter
logo
National Semiconductor ...
LM2623 NSC-LM2623_04 Datasheet
215Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
LM2623 NSC-LM2623 Datasheet
216Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
logo
Texas Instruments
LM2623-Q1 TI1-LM2623-Q1 Datasheet
428Kb / 20P
[Old version datasheet]   Automotive Gated-Oscillator-Based DC-DC Boost Converter
logo
Mitsubishi Electric Sem...
M62212P MITSUBISHI-M62212P Datasheet
52Kb / 8P
   GENERAL PURPOSE DC-DC CONVERTER
logo
Renesas Technology Corp
M62212P RENESAS-M62212P Datasheet
109Kb / 9P
   General Purpose DC/DC Converter
M62215FP RENESAS-M62215FP Datasheet
148Kb / 11P
   General Purpose Multifunction DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com