Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2743MTCX Datasheet(PDF) 7 Page - Texas Instruments

Part # LM2743MTCX
Description  LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2743MTCX Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM2743MTCX Datasheet HTML 3Page - Texas Instruments LM2743MTCX Datasheet HTML 4Page - Texas Instruments LM2743MTCX Datasheet HTML 5Page - Texas Instruments LM2743MTCX Datasheet HTML 6Page - Texas Instruments LM2743MTCX Datasheet HTML 7Page - Texas Instruments LM2743MTCX Datasheet HTML 8Page - Texas Instruments LM2743MTCX Datasheet HTML 9Page - Texas Instruments LM2743MTCX Datasheet HTML 10Page - Texas Instruments LM2743MTCX Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
20mV/div
100 Ps/DIV
2A/div
VOUT
IOUT
20 mV/div
40 Ps/DIV
2A/div
VOUT
IOUT
50 mV/div
40 Ps/DIV
2A/div
VOUT
IOUT
LM2743
www.ti.com
SNVS276G – APRIL 2004 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Start-Up (No-Load)
Start-Up (Full-Load)
VCC = 3.3V, VIN = 5V, VOUT = 1.2V
VCC = 3.3V, VIN = 5V, VOUT = 1.2V
CSS = 12nF, fSW = 300 kHz
IOUT = 4A, CSS = 12nF, fSW = 300 kHz
Figure 15.
Figure 16.
Shutdown (Full-Load)
Load Transient Response (IOUT = 0A to 4A)
VCC = 3.3V, VIN = 5V, VOUT = 1.2V
VCC = 3.3V, VIN = 5V, VOUT = 1.2V
IOUT = 4A, CSS = 12nF, fSW = 300 kHz
CSS = 12nF, fSW = 300 kHz
Figure 17.
Figure 18.
Load Transient Response (IOUT = 4A to 0A)
Load Transient Response
VCC = 3.3V, VIN = 5V, VOUT = 1.2V
VCC = 3.3V, VIN = 5V, VOUT = 1.2V
CSS = 12nF, fSW = 300 kHz
CSS = 12nF, fSW = 300 kHz
Figure 19.
Figure 20.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM2743


Similar Part No. - LM2743MTCX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2743MTCX NSC-LM2743MTCX Datasheet
1Mb / 23P
   N-Channel FET Synchronous Buck Regulator Controller for Conversion from 3.3V
logo
Texas Instruments
LM2743MTCX TI1-LM2743MTCX Datasheet
1Mb / 41P
[Old version datasheet]   LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
LM2743MTCX/NOPB TI1-LM2743MTCX/NOPB Datasheet
1Mb / 41P
[Old version datasheet]   LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
More results

Similar Description - LM2743MTCX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2743 TI1-LM2743 Datasheet
1Mb / 41P
[Old version datasheet]   LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
LM2743 TI-LM2743_15 Datasheet
1Mb / 41P
[Old version datasheet]   LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
logo
National Semiconductor ...
LM2746 NSC-LM2746 Datasheet
1Mb / 24P
   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
logo
Texas Instruments
LM2743 TI1-LM2743_14 Datasheet
1Mb / 37P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
LM2744 TI1-LM2744 Datasheet
1Mb / 32P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
LM2744 TI-LM2744_15 Datasheet
1Mb / 33P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
logo
National Semiconductor ...
LM2744 NSC-LM2744 Datasheet
663Kb / 22P
   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
logo
Winbond
W83321S WINBOND-W83321S Datasheet
795Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83320G NUVOTON-W83320G Datasheet
422Kb / 20P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Winbond
W83320S WINBOND-W83320S Datasheet
506Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com