Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2745 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM2745
Description  LM2745 / LM2748 Synchronous Buck Controller with Pre-Bias Startup, and Optional Clock
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2745 Datasheet(HTML) 3 Page - Texas Instruments

  LM2745 Datasheet HTML 1Page - Texas Instruments LM2745 Datasheet HTML 2Page - Texas Instruments LM2745 Datasheet HTML 3Page - Texas Instruments LM2745 Datasheet HTML 4Page - Texas Instruments LM2745 Datasheet HTML 5Page - Texas Instruments LM2745 Datasheet HTML 6Page - Texas Instruments LM2745 Datasheet HTML 7Page - Texas Instruments LM2745 Datasheet HTML 8Page - Texas Instruments LM2745 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
LM2745, LM2748
www.ti.com
SNOSAL2E – APRIL 2005 – REVISED APRIL 2013
Absolute Maximum Ratings
(1) (2)
VCC
-0.3 to 7V
BOOT Voltage
-0.3 to 18V
ISEN
-0.3 to 14V
FREQ/SYNC Voltage
-0.5 to VCC + 0.3V
All other pins
-0.3 to VCC + 0.3V
Junction Temperature
150°C
Storage Temperature
−65°C to 150°C
Soldering Information
Lead Temperature (soldering, 10sec)
260°C
Infrared or Convection (20sec)
235°C
ESD Rating (3)
2kV
(1)
Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating ratings indicate conditions for
which the device operates correctly. Operating Ratings do not imply specified performance limits.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
ESD using the human body model which is a 100pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
Operating Ratings
Supply Voltage Range, VCC
(1)
3V to 6V
BOOT Voltage Range
1V to 17V
Junction Temperature Range (TJ)
−40°C to +125°C
Thermal Resistance (
θJA)
155°C/W
(1)
The power MOSFETs can run on a separate 1V to 14V rail (Input voltage, VIN). Practical lower limit of VIN depends on selection of the
external MOSFET. See the MOSFET GATE DRIVERS section under Application Information for further details.
Electrical Characteristics
VCC = 3.3V unless otherwise indicated. Typicals and limits appearing in plain type apply for TA= TJ= 25°C. Limits appearing in
boldface type apply over full Operating Temperature Range. Datasheet min/max specification limits are specified by design,
test, or statistical analysis.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VFB
FB Pin Voltage
VCC = 3V to 6V
0.591
0.6
0.609
V
VON
UVLO Thresholds
VCC Rising
2.79
V
VCC Falling
2.42
VCC = 3.3V, VSD = 3.3V
LM2745
1.1
1.7
2.3
fSW = 600 kHz
LM2748
1.0
1.5
2.1
Operating VCC Current
mA
IQ_VCC
VCC = 5V, VSD = 3.3V
LM2745
1.3
2
2.6
fSW = 600 kHz
LM2748
1.0
1.8
2.6
Shutdown VCC Current
VCC = 3.3V, VSD = 0V
1
3
µA
tPWGD1
PWGD Pin Response Time
VFB Rising
10
µs
tPWGD2
PWGD Pin Response Time
VFB Falling
10
µs
ISS-ON
SS Pin Source Current
VSS = 0V
7
10
14
µA
ISS-OC
SS Pin Sink Current During Over
VSS = 2.0V
90
µA
Current
ISEN-TH
ISEN Pin Source Current Trip Point
25
40
55
µA
IFB
FB Pin Current
Sourcing
20
nA
ERROR AMPLIFIER
GBW
Error Amplifier Unity Gain Bandwidth
9
MHz
G
Error Amplifier DC Gain
118
dB
SR
Error Amplifier Slew Rate
2
V/µs
IEAO
EAO Pin Current Sourcing and
14
mA
Sinking Capability
16
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2745 LM2748


Similar Part No. - LM2745

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2745 NSC-LM2745 Datasheet
1Mb / 23P
   Synchronous Buck Controller with Pre-bias Startup, and Optional Clock Synchronization
LM2745MTC NSC-LM2745MTC Datasheet
1Mb / 23P
   Synchronous Buck Controller with Pre-bias Startup, and Optional Clock Synchronization
logo
Texas Instruments
LM2745MTC/NOPB TI1-LM2745MTC/NOPB Datasheet
1Mb / 37P
[Old version datasheet]   LM2745 / LM2748 Synchronous Buck Controller with Pre-Bias Startup
logo
National Semiconductor ...
LM2745MTCX NSC-LM2745MTCX Datasheet
1Mb / 23P
   Synchronous Buck Controller with Pre-bias Startup, and Optional Clock Synchronization
logo
Texas Instruments
LM2745MTCX/NOPB TI1-LM2745MTCX/NOPB Datasheet
1Mb / 37P
[Old version datasheet]   LM2745 / LM2748 Synchronous Buck Controller with Pre-Bias Startup
More results

Similar Description - LM2745

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2748MTC TI1-LM2748MTC Datasheet
1Mb / 37P
[Old version datasheet]   LM2745 / LM2748 Synchronous Buck Controller with Pre-Bias Startup
LM2747 TI-LM2747_15 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Buck Controller with Pre-Bias Startup, and Optional Clock Synchronization
logo
National Semiconductor ...
LM2745 NSC-LM2745 Datasheet
1Mb / 23P
   Synchronous Buck Controller with Pre-bias Startup, and Optional Clock Synchronization
LM2747 NSC-LM2747 Datasheet
1,009Kb / 23P
   Synchronous Buck Controller with Pre-bias Startup, and Optional Clock Synchronization
logo
International Rectifier
IR3621 IRF-IR3621 Datasheet
375Kb / 29P
   2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
logo
Delta Electronics, Inc.
DNL DELTA-DNL Datasheet
936Kb / 15P
   Pre-bias startup
DNT12SIP05 DELTA-DNT12SIP05 Datasheet
716Kb / 13P
   Pre-bias startup
logo
Texas Instruments
UCC28250 TI1-UCC28250_12 Datasheet
980Kb / 53P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
logo
Intersil Corporation
ISL6608CB INTERSIL-ISL6608CB Datasheet
333Kb / 11P
   Synchronous Rectified MOSFET Driver with Pre-Biased Load Startup Capability
March 2004
logo
Renesas Technology Corp
ISL6608 RENESAS-ISL6608 Datasheet
611Kb / 11P
   Synchronous Rectified MOSFET Driver with Pre-Biased Load Startup Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com