Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2900J Datasheet(PDF) 4 Page - Texas Instruments

Part # LM2900J
Description  QUADRUPLE NORTON OPERATIONAL AMPLIFIERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2900J Datasheet(HTML) 4 Page - Texas Instruments

  LM2900J Datasheet HTML 1Page - Texas Instruments LM2900J Datasheet HTML 2Page - Texas Instruments LM2900J Datasheet HTML 3Page - Texas Instruments LM2900J Datasheet HTML 4Page - Texas Instruments LM2900J Datasheet HTML 5Page - Texas Instruments LM2900J Datasheet HTML 6Page - Texas Instruments LM2900J Datasheet HTML 7Page - Texas Instruments LM2900J Datasheet HTML 8Page - Texas Instruments LM2900J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LM2900, LM3900
QUADRUPLE NORTON OPERATIONAL AMPLIFIERS
SLOS059 – JULY 1979 – REVISED SEPTEMBER 1990
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 1
INPUT BIAS CURRENT (INVERTING INPUT)
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
0
–75
10
20
30
40
50
60
70
80
– 50
– 25
0
25
50
75
100
VCC = 15 V
VO = 7.5 V
II + = 0
Figure 2
0.9
TA – Free-Air Temperature – °C
MIRROR GAIN
vs
FREE-AIR TEMPERATURE
125
100
75
50
25
0
–25
–50
1.2
1.15
1.1
1.05
1
0.95
0.85
–75
0.8
II + = 10 µA
VCC = 15 V
Figure 3
f – Frequency – Hz
LARGE SIGNAL
DIFFERENTIAL VOLTAGE AMPLIFICATION
vs
FREQUENCY
1
100
1 k
10 k
100 k
1 M
10 M
10
102
103
104
RL ≥ 10 kΩ
RL = 2 kΩ
VCC = 15 V
TA = 25°C
Figure 4
VCC – Supply Voltage – V
LARGE SIGNAL
DIFFERENTIAL VOLTAGE AMPLIFICATION
vs
SUPPLY VOLTAGE
0
104
103
102
10
1
510
15
20
25
30
TA = 25°C
RL = 10 kΩ
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.


Similar Part No. - LM2900J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2900 NSC-LM2900 Datasheet
323Kb / 20P
   LM2900/LM3900/LM3301 Quad Amplifiers
logo
Motorola, Inc
LM2900 MOTOROLA-LM2900 Datasheet
548Kb / 10P
   QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LM2900 TI-LM2900 Datasheet
618Kb / 16P
[Old version datasheet]   QUADRUPLE NORTON OPERATIONAL AMPLIFIERS
LM2900 TI1-LM2900 Datasheet
491Kb / 26P
[Old version datasheet]   Quad Amplifiers
LM2900-N TI1-LM2900-N Datasheet
491Kb / 26P
[Old version datasheet]   Quad Amplifiers
More results

Similar Description - LM2900J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2900DE4 TI-LM2900DE4 Datasheet
618Kb / 16P
[Old version datasheet]   QUADRUPLE NORTON OPERATIONAL AMPLIFIERS
logo
Estek Electronics Co. L...
LM324M ESTEK-LM324M Datasheet
146Kb / 2P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM324K TI-LM324K Datasheet
526Kb / 18P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
logo
Linear Dimensions Semic...
LND324 LINEAR_DIMENSIONS-LND324 Datasheet
121Kb / 5P
   Quadruple Operational Amplifiers
logo
Guangdong Youtai Semico...
LM124 UMW-LM124 Datasheet
1Mb / 10P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM324NE3 TI1-LM324NE3 Datasheet
1Mb / 35P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED MARCH 2010
logo
Shenzhen Luguang Electr...
LM324 LUGUANG-LM324 Datasheet
484Kb / 4P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM148 TI-LM148_06 Datasheet
399Kb / 12P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
logo
Panasonic Semiconductor
AN1324 PANASONIC-AN1324 Datasheet
34Kb / 3P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM148 TI1-LM148_16 Datasheet
766Kb / 15P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com