Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3900 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM3900
Description  QUADRUPLE NORTON OPERATIONAL AMPLIFIERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3900 Datasheet(HTML) 1 Page - Texas Instruments

  LM3900 Datasheet HTML 1Page - Texas Instruments LM3900 Datasheet HTML 2Page - Texas Instruments LM3900 Datasheet HTML 3Page - Texas Instruments LM3900 Datasheet HTML 4Page - Texas Instruments LM3900 Datasheet HTML 5Page - Texas Instruments LM3900 Datasheet HTML 6Page - Texas Instruments LM3900 Datasheet HTML 7Page - Texas Instruments LM3900 Datasheet HTML 8Page - Texas Instruments LM3900 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LM2900, LM3900
QUADRUPLE NORTON OPERATIONAL AMPLIFIERS
SLOS059 – JULY 1979 – REVISED SEPTEMBER 1990
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Wide Range of Supply Voltages, Single or
Dual Supplies
D Wide Bandwidth
D Large Output Voltage Swing
D Output Short-Circuit Protection
D Internal Frequency Compensation
D Low Input Bias Current
D Designed to Be Interchangeable With
National Semiconductor LM2900 and
LM3900, Respectively
description
These devices consist of four independent, high-
gain frequency-compensated Norton operational
amplifiers that were designed specifically to
operate from a single supply over a wide range of
voltages. Operation from split supplies is also
possible. The low supply current drain is
essentially independent of the magnitude of the
supply voltage. These devices provide wide band-
width and large output voltage swing.
The LM2900 is characterized for operation from
–40
°C to 85°C, and the LM3900 is characterized
for operation from 0
°C to 70°C.
schematic (each amplifier)
Constant
Current
Generator
VCC
200
µA
OUT
1.3 mA
IN +
IN –
Copyright
© 1990, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
+
IN +
IN –
OUT
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1IN +
2IN +
2IN –
2OUT
1OUT
1IN –
GND
VCC
3IN +
4IN +
4IN –
4OUT
3OUT
3IN –
N PACKAGE
(TOP VIEW)
symbol (each amplifier)


Similar Part No. - LM3900

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM3900 MOTOROLA-LM3900 Datasheet
548Kb / 10P
   QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LM3900 TI-LM3900 Datasheet
618Kb / 16P
[Old version datasheet]   QUADRUPLE NORTON OPERATIONAL AMPLIFIERS
LM3900 TI1-LM3900 Datasheet
491Kb / 26P
[Old version datasheet]   Quad Amplifiers
LM3900-N TI1-LM3900-N Datasheet
491Kb / 26P
[Old version datasheet]   Quad Amplifiers
logo
Motorola, Inc
LM3900D MOTOROLA-LM3900D Datasheet
548Kb / 10P
   QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIERS
More results

Similar Description - LM3900

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2900J TI-LM2900J Datasheet
618Kb / 16P
[Old version datasheet]   QUADRUPLE NORTON OPERATIONAL AMPLIFIERS
logo
Estek Electronics Co. L...
LM324M ESTEK-LM324M Datasheet
146Kb / 2P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM324K TI-LM324K Datasheet
526Kb / 18P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
logo
Linear Dimensions Semic...
LND324 LINEAR_DIMENSIONS-LND324 Datasheet
121Kb / 5P
   Quadruple Operational Amplifiers
logo
Guangdong Youtai Semico...
LM124 UMW-LM124 Datasheet
1Mb / 10P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM324NE3 TI1-LM324NE3 Datasheet
1Mb / 35P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED MARCH 2010
logo
Shenzhen Luguang Electr...
LM324 LUGUANG-LM324 Datasheet
484Kb / 4P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM148 TI-LM148_06 Datasheet
399Kb / 12P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
logo
Panasonic Semiconductor
AN1324 PANASONIC-AN1324 Datasheet
34Kb / 3P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM148 TI1-LM148_16 Datasheet
766Kb / 15P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com