Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3401MMX Datasheet(PDF) 11 Page - Texas Instruments

Part # LM3401MMX
Description  LM3401 Hysteretic PFET Controller for High Power LED Drive
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3401MMX Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3401MMX Datasheet HTML 7Page - Texas Instruments LM3401MMX Datasheet HTML 8Page - Texas Instruments LM3401MMX Datasheet HTML 9Page - Texas Instruments LM3401MMX Datasheet HTML 10Page - Texas Instruments LM3401MMX Datasheet HTML 11Page - Texas Instruments LM3401MMX Datasheet HTML 12Page - Texas Instruments LM3401MMX Datasheet HTML 13Page - Texas Instruments LM3401MMX Datasheet HTML 14Page - Texas Instruments LM3401MMX Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
PDFET_SW =
fSW x ILED x VIN x (Pon + Poff)
2
LM3401
www.ti.com
SNVS516C – AUGUST 2007 – REVISED MAY 2013
LED average DC current and peak inductor current are not affected by the ripple reduction capacitor. However,
LED peak current is reduced and switching frequency may shift slightly.
Any type of capacitor can be used, provided the working voltage rating is sufficient. In general, higher
capacitance and lower ESR will provide more ripple reduction; a typical value greater than 100 nF is
recommended. Smaller capacitance values will be less effective, and large ESR values may actually increase
LED ripple current.
Despite its effectiveness to smooth LED ripple current, there are two notable disadvantages to using a ripple
reduction capacitor.
First, when used, care must be taken to avoid shorting the LED anode to ground. If this occurs, the capacitor will
force a large negative voltage spike at the SNS pin which could damage the IC.
Second, this capacitor will limit the maximum PWM dimming frequency because it takes some additional time to
charge and discharge. Additionally, ceramic capacitors can generate audible noise due to fast voltage changes
during dimming. To reduce audible noise, use the smallest possible case size, use dimming frequencies below
500 Hz, or use a non-ceramic ripple reduction capacitor.
A small bypass capacitor, in the range of 100 pF to 200 pF can also be used to reduce high frequency switching
noise. This is recommended in higher current applications, where switching noise can adversely affect the SNS
or DIM pins. A small capacitor for noise reduction will have little to no effect on the LED ripple current or dimming
but may help solve potential EMI problems.
HG AND PFET SELECTION
When switching, the HG pin swings from VIN (off state) to 4.7V below VIN (typical). As long as the DIM pin is high
and the SNS pin is below the upper threshold, HG will stay low, driving the PFET on.
The PFET should be selected based on the maximum Drain-Source voltage (VDS), Drain current rating (Id),
maximum Gate-Source voltage (VGS), on-resistance (RDS(on)), and Gate capacitance.
The voltage across the PFET in the off state is equal to the sum of the input voltage and the diode forward
voltage. The VDS must therefore be selected to provide some margin beyond this voltage.
Since the peak current through the PFET is equal to the peak current through the inductor, Id must be rated
higher than the maximum ILED_PK. The LM3401 is capable of 100% duty cycle, therefore, the PFET drain current
should be rated to handle ILED_PK continuously. In this case there is no ripple, so IPK = IAVE.
Although the typical HG voltage is VIN - 4.7V, this voltage can go much lower during the initial PFET turn-on time.
How far HG swings at turn-on depends on several factors including the gate capacitance, on-time, and input
voltage. As shown in the Typical Performance Characteristics, the initial HG voltage swing increases with
decreasing PFET gate capacitance. Therefore, A PFET must be selected with a maximum VGS rating larger than
the initial HG voltage. Conversely, when driving PFETs with larger gate capacitance, the initial HG voltage will be
lower. In some cases, a low VGS threshold PFET may be required to ensure complete turn-on. Use the Typical
Performance curve as a guideline to selecting a proper PFET.
Note that HG will eventually settle around the typical voltage of VIN - 4.7V regardless of the PFET gate
capacitance.
HG has an absolute minimum voltage of 1.2V typically. When the input voltage is below approximately 6V, this
minimum limit causes a reduction in drive voltage. At 5V input, for example, HG will swing to 1.2V (or a gate
drive voltage of -3.8V). This may not be sufficient to drive some PFETs, and at this reduced HG voltage, RDS(on)
is likely to increase and trigger current limit. Therefore, a low VGS threshold PFET is also recommended for lower
input voltage applications.
The power loss in the PFET consists of switching losses and conducting losses. Although switching losses are
difficult to precisely calculate, the equations below can be used to estimate total power dissipation, which is the
sum of PDCOND and PDSW.
PDFET_COND = RDS(on) x ILED
2 x D
(12)
(13)
Where Pon = PFET turn-on time, Poff = PFET turn-off time, and D is the duty cycle. A value of 10 ns to 50 ns is
typical for ton and toff. Longer PFET on and off times will degrade both efficiency and accuracy.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3401


Similar Part No. - LM3401MMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3401MMX NSC-LM3401MMX Datasheet
387Kb / 18P
   Hysteretic PFET Controller for High Power LED Drive
LM3401MMX NSC-LM3401MMX Datasheet
401Kb / 18P
   Hysteretic PFET Controller for High Power LED Drive
logo
Texas Instruments
LM3401MMX/NOPB TI1-LM3401MMX/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Hysteretic PFET Controller for High Power LED Drive
More results

Similar Description - LM3401MMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3401 TI1-LM3401 Datasheet
549Kb / 23P
[Old version datasheet]   Hysteretic PFET Controller for High Power LED Drive
logo
National Semiconductor ...
LM3401 NSC-LM3401_08 Datasheet
401Kb / 18P
   Hysteretic PFET Controller for High Power LED Drive
logo
Texas Instruments
LM3401 TI1-LM3401_15 Datasheet
1Mb / 27P
[Old version datasheet]   Hysteretic PFET Controller for High Power LED Drive
logo
National Semiconductor ...
LM3401 NSC-LM3401 Datasheet
387Kb / 18P
   Hysteretic PFET Controller for High Power LED Drive
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3475 NSC-LM3475 Datasheet
305Kb / 14P
   Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com