Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3414SDX Datasheet(PDF) 11 Page - Texas Instruments

Part # LM3414SDX
Description  1A 60W Common Anode Capable Constant Current Buck LED Driver Requires No
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3414SDX Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3414SDX Datasheet HTML 7Page - Texas Instruments LM3414SDX Datasheet HTML 8Page - Texas Instruments LM3414SDX Datasheet HTML 9Page - Texas Instruments LM3414SDX Datasheet HTML 10Page - Texas Instruments LM3414SDX Datasheet HTML 11Page - Texas Instruments LM3414SDX Datasheet HTML 12Page - Texas Instruments LM3414SDX Datasheet HTML 13Page - Texas Instruments LM3414SDX Datasheet HTML 14Page - Texas Instruments LM3414SDX Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
(VIN -VLED)
2L x VIN x fSW
VLED
'IL =
+ ILED(AVG)
VIN -VLED
1.2 x ILED
x
LMIN =
VLED
VIN
x
1
fSW
VIN - VLED
L
x D x T
'IL =
ILED
ILX
IL1
1/fSW
tON
Time
ILED = IL(AVERAGE) = Mid-point of ILX during tON
LM3414, LM3414HV
www.ti.com
SNVS678E – JUNE 2010 – REVISED MAY 2013
Figure 16. Waveforms of a Floating Buck LED Driver with PLM
INDUCTOR SELECTION
To ensure proper output current regulation, the LM3414/14HV must operate in Continuous Conduction Mode
(CCM). With the incorporation of PLM, the peak-to-peak inductor current ripple can be set as high as ±60% of
the defined average output current. The minimum inductance of the inductor is decided by the defined average
LED current and allowable inductor current ripple. The minimum inductance can be found by the equations
shown below:
Since:
(4)
Thus:
(5)
The LM3414/14HV can maintain LED current regulation without output filter capacitor. This is because the
inductor of the floating buck structure provides continuous current to the LED throughout the entire switching
cycle. When LEDs are driven without filter capacitor, the LED peak current must not set exceeding the rated
current of the LED. The peak LED current is governed by the following equation:
(6)
INTERNAL N_MOS POWER SWITCH
The LM3414/14HV features an integrated N-channel power MOSFET that connects between the LX and GND
pins for power switching. With the switch turned ON, the resistance across the LX and GND pins is 1.8
maximum.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3414 LM3414HV


Similar Part No. - LM3414SDX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3414SDX NSC-LM3414SDX Datasheet
401Kb / 20P
   1A 60W* Common Anode Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
logo
Texas Instruments
LM3414SDX TI1-LM3414SDX Datasheet
1Mb / 30P
[Old version datasheet]   Common Anode-Capable Constant Current Buck LED Driver
LM3414SDX/NOPB TI1-LM3414SDX/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   60-W Common Anode-Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
More results

Similar Description - LM3414SDX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3414 NSC-LM3414 Datasheet
401Kb / 20P
   1A 60W* Common Anode Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
logo
Texas Instruments
LM3414 TI1-LM3414_15 Datasheet
1Mb / 30P
[Old version datasheet]   Common Anode-Capable Constant Current Buck LED Driver
LM3414 TI1-LM3414 Datasheet
1Mb / 32P
[Old version datasheet]   60-W Common Anode-Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
logo
Mean Well Enterprises C...
LPFH-60D MEANWELL-LPFH-60D Datasheet
131Kb / 8P
   60W Constant Current LED Driver
LPFH-60 MEANWELL-LPFH-60 Datasheet
107Kb / 6P
   60W Constant Voltage Constant Current LED Driver
logo
MY-SEMI INC.
MY8103 MY-SEMI-MY8103 Datasheet
502Kb / 17P
   65V 1A Common Anode Capable LED Driver With Internal Switch and Wide-Range Current Sense
Mar. 2015 Ver. 0.6
logo
Shenzhen Huazhimei Semi...
HM9804 HMSEMI-HM9804 Datasheet
803Kb / 11P
   80V 1A Switching Current Buck PFM LED Constant Current Driver
logo
XLSEMI
XL8004 XLSEMI-XL8004 Datasheet
351Kb / 11P
   80V 1A Switching Current Buck PFM LED Constant Current Driver
logo
List of Unclassifed Man...
XL8004 ETC2-XL8004 Datasheet
351Kb / 11P
   80V 1A Switching Current Buck PFM LED Constant Current Driver
logo
Texas Instruments
TPS92511 TI1-TPS92511 Datasheet
1Mb / 31P
[Old version datasheet]   500-mA, 65-V Common Anode Constant Current Buck LED Driver Without External Current Sensing Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com