Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3490IM5-3.3 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM3490IM5-3.3
Description  LM3490 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3490IM5-3.3 Datasheet(HTML) 1 Page - Texas Instruments

  LM3490IM5-3.3 Datasheet HTML 1Page - Texas Instruments LM3490IM5-3.3 Datasheet HTML 2Page - Texas Instruments LM3490IM5-3.3 Datasheet HTML 3Page - Texas Instruments LM3490IM5-3.3 Datasheet HTML 4Page - Texas Instruments LM3490IM5-3.3 Datasheet HTML 5Page - Texas Instruments LM3490IM5-3.3 Datasheet HTML 6Page - Texas Instruments LM3490IM5-3.3 Datasheet HTML 7Page - Texas Instruments LM3490IM5-3.3 Datasheet HTML 8Page - Texas Instruments LM3490IM5-3.3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LM3490
www.ti.com
SNVS012E – JUNE 1999 – REVISED APRIL 2013
LM3490 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-
Controlled ON/OFF
Check for Samples: LM3490
1
FEATURES
DESCRIPTION
The LM3490 is an integrated linear voltage regulator.
2
3.3, 5, 12, and 15V Versions Available
It features operation from an input as high as 30V
Logic-Controlled ON/OFF
and a specified maximum dropout of 1.2V at the full
Packaged in the Tiny 5-Lead SOT-23 Package
100 mA load. Standard packaging for the LM3490 is
the
5-lead
SOT-23
package.
A
logic-controlled
ON/OFF
feature
makes
the
LM3490
ideal
for
APPLICATIONS
powering subsystems ON and OFF as needed.
Tiny Alternative to LM78LXX Series and
The 5, 12, and 15V members of the LM3490 series
Similar Devices
are intended as tiny alternatives to industry standard
Tiny 5V±5% to 3.3V, 100 mA Converter
LM78LXX series and similar devices. The 1.2V quasi
Post Regulator for Switching DC/DC Converter
low dropout of LM3490 series devices makes them a
Bias Supply for Analog Circuits
nice fit in many applications where the 2 to 2.5V
dropout of LM78LXX series devices precludes their
(LM78LXX series devices) use.
KEY SPECIFICATIONS
The LM3490 series features a 3.3V member. The
30V Maximum Input for Operation
SOT packaging and quasi low dropout features of the
1.2V Specified Maximum Dropout over Full
LM3490 series converge in this device to provide a
Load and Temperature Ranges
very nice, very tiny 3.3V, 100 mA bias supply that
100 mA Specified Load Current
regulates directly off the system 5V±5% power
supply.
±5% Specified Output Voltage Tolerance over
Full Load and Temperature Ranges
−40 to +125°C Junction Temperature Range for
Operation
Typical Application Circuit
Connection Diagram
Figure 1. Top View
SOT-23 Package
5-Lead, Molded-Plastic Small-Outline Transistor
(SOT) Package
Package Code DBV0005A
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3490IM5-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3490IM5-3.3 NSC-LM3490IM5-3.3 Datasheet
291Kb / 10P
   100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
LM3490IM5-3.3 NSC-LM3490IM5-3.3 Datasheet
310Kb / 12P
   100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
logo
Texas Instruments
LM3490IM5-3.3 TI1-LM3490IM5-3.3 Datasheet
1Mb / 17P
[Old version datasheet]   LM3490 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
LM3490IM5-3.3/NOPB TI1-LM3490IM5-3.3/NOPB Datasheet
1Mb / 17P
[Old version datasheet]   LM3490 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
More results

Similar Description - LM3490IM5-3.3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3490IM5-5 TI1-LM3490IM5-5 Datasheet
1Mb / 17P
[Old version datasheet]   LM3490 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
logo
TECH PUBLIC Electronics...
TLV76033DBZR TECHPUBLIC-TLV76033DBZR Datasheet
1Mb / 4P
   100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
LM3480IM3X-3.3 TECHPUBLIC-LM3480IM3X-3.3 Datasheet
2Mb / 4P
   100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
National Semiconductor ...
LM3480 NSC-LM3480 Datasheet
277Kb / 9P
   100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
Texas Instruments
LM3480 TI-LM3480_15 Datasheet
1,021Kb / 20P
[Old version datasheet]   LM3480 100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
LM3480IM3X-15 TI-LM3480IM3X-15 Datasheet
996Kb / 15P
[Old version datasheet]   LM3480 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
National Semiconductor ...
LM3490 NSC-LM3490 Datasheet
291Kb / 10P
   100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
LM3490 NSC-LM3490_07 Datasheet
310Kb / 12P
   100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
logo
Analog Devices
ADP3307 AD-ADP3307_15 Datasheet
1Mb / 8P
   100 mA Low Dropout Linear Regulator
REV. A
logo
Texas Instruments
LP2981-N TI1-LP2981-N Datasheet
1Mb / 24P
[Old version datasheet]   Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com