Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM25007MMX Datasheet(PDF) 10 Page - Texas Instruments

Part # LM25007MMX
Description  LM25007 42V, 0.5A Step-Down Switching Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25007MMX Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM25007MMX Datasheet HTML 6Page - Texas Instruments LM25007MMX Datasheet HTML 7Page - Texas Instruments LM25007MMX Datasheet HTML 8Page - Texas Instruments LM25007MMX Datasheet HTML 9Page - Texas Instruments LM25007MMX Datasheet HTML 10Page - Texas Instruments LM25007MMX Datasheet HTML 11Page - Texas Instruments LM25007MMX Datasheet HTML 12Page - Texas Instruments LM25007MMX Datasheet HTML 13Page - Texas Instruments LM25007MMX Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
VIN
VIN
RON
RON/SD
7V SERIES
REGULATOR
ON TIMER
VIN
START
COMPLETE
RON
STOP
RUN
LM25007
LM25007
SNVS401C – JANUARY 2006 – REVISED FEBRUARY 2013
www.ti.com
Figure 8. Shutdown Implementation
Current Limit
The LM25007 contains an intelligent current limit off-timer intended to reduce the foldback characteristic inherent
with fixed off-time over-current protection. If the current in the Buck switch exceeds 725mA the present cycle on-
time is immediately terminated (cycle by cycle current limit). Following the termination of the cycle a non-
resetable current limit off timer is initiated. The duration of the off time is a function of the external resistor (RCL)
and the FB pin voltage. When the FB pin voltage equals zero, the current limit off-time is internally preset to
17µs. This condition occurs in short circuit operation when a maximum amount of off-time is required.
In cases of overload (not complete short circuit) the current limit off-time is reduced as a function of the output
voltage (measured at the FB pin). Reducing the off-time with smaller overloads reduces the amount of foldback
and also reduces the initial start-up time. The current limit off time for a given FB pin voltage and RCL resistor can
be calculated by the following equation:
Toff = 10
-5 / (0.59 + (V
FB / 7.22 x 10
-6 x R
CL))
(5)
Applications utilizing low resistance inductors and/or a low voltage drop rectifier may require special evaluation at
high line, short circuit conditions. In this special case the preset 17µs (FB = 0V) off-time may be insufficient to
balance the inductor volt*time product. Additional inductor resistance, output resistance or a larger voltage drop
rectifier may be necessary to balance the inductor cycle volt*time product and limit the short circuit current.
N - Channel Buck Switch and Driver
The LM25007 integrates an N-Channel Buck switch and associated floating high voltage gate driver. The gate
driver circuit works in conjunction with an external bootstrap capacitor and an internal high voltage diode. The
bootstrap capacitor is charged by VCC through the internal high voltage diode. A 0.01uF ceramic capacitor
connected between the BST pin and SW pin is recommended.
During each cycle when the Buck switch turns off, the SW pin is approximately 0V. When the SW pin voltage is
low, the bootstrap capacitor is charged from Vcc through the internal diode. The minimum off timer, set to 300ns,
ensures that there will be a minimum interval every cycle to recharge the bootstrap capacitor.
An external re-circulating diode from the SW pin to ground is necessary to carry the inductor current after the
internal Buck switch turns off. This external diode must be of the Ultra-fast or Schottky type to reduce turn-on
losses and current over-shoot. The reverse voltage rating of the re-circulating diode must be greater than the
maximum line input voltage.
10
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM25007


Similar Part No. - LM25007MMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25007MMX NSC-LM25007MMX Datasheet
617Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
LM25007MMX NSC-LM25007MMX Datasheet
282Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25007MMX TI1-LM25007MMX Datasheet
950Kb / 19P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
LM25007MMX/NOPB TI1-LM25007MMX/NOPB Datasheet
950Kb / 19P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
More results

Similar Description - LM25007MMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25007 TI-LM25007_15 Datasheet
956Kb / 20P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
LM25007MMX TI1-LM25007MMX Datasheet
950Kb / 19P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25007 NSC-LM25007_08 Datasheet
282Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
LM25007 NSC-LM25007 Datasheet
617Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25007 TI1-LM25007_14 Datasheet
933Kb / 17P
[Old version datasheet]   42V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_14 Datasheet
929Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25574_0703 NSC-LM25574_0703 Datasheet
414Kb / 22P
   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25574 TI1-LM25574_16 Datasheet
973Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
logo
TelCom Semiconductor, I...
TC2574 TELCOM-TC2574 Datasheet
219Kb / 25P
   0.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com