Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM25007MM Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM25007MM
Description  LM25007 42V, 0.5A Step-Down Switching Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25007MM Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM25007MM Datasheet HTML 2Page - Texas Instruments LM25007MM Datasheet HTML 3Page - Texas Instruments LM25007MM Datasheet HTML 4Page - Texas Instruments LM25007MM Datasheet HTML 5Page - Texas Instruments LM25007MM Datasheet HTML 6Page - Texas Instruments LM25007MM Datasheet HTML 7Page - Texas Instruments LM25007MM Datasheet HTML 8Page - Texas Instruments LM25007MM Datasheet HTML 9Page - Texas Instruments LM25007MM Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
100
1000
10000
0
20
INPUT VOLTAGE VIN (V)
42
30
10
RON = 300k
200k
100k
0
0.5
1
1.5
2
2.5
0
2
4
6
8
10
12
14
16
18
20
V
FB
(V)
600k
400k
200k
100k
50k
0
100
200
300
400
500
70
80
90
100
LOAD CURRENT (mA)
VIN = 15V
30V
42V
LM25007
SNVS401C – JANUARY 2006 – REVISED FEBRUARY 2013
www.ti.com
Typical Performance Characteristics
Operational Waveforms
Operational Waveforms
LM25007 Operation: VOUT = 10V, VIN = 20V, IOUT = 250mA
LM25007 Operation: VOUT = 10V, VIN = 42V, IOUT = 250mA
CH1: Switch Node, CH2: VOUT (AC), CH4: Inductor Current
CH1: Switch Node, CH2: VOUT (AC), CH4: Inductor Current
Figure 1.
Figure 2.
Current Limit Off-Time
LM25007 10V Output Efficiency
vs VFB
Figure 3.
Figure 4.
VIN
vs TON
RON = 100k, 200k, 300k
Figure 5.
6
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM25007


Similar Part No. - LM25007MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25007MM NSC-LM25007MM Datasheet
617Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
LM25007MM NSC-LM25007MM Datasheet
282Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25007MM TI1-LM25007MM Datasheet
950Kb / 19P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
LM25007MM/NOPB TI1-LM25007MM/NOPB Datasheet
950Kb / 19P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25007MMX NSC-LM25007MMX Datasheet
617Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
More results

Similar Description - LM25007MM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25007 TI-LM25007_15 Datasheet
956Kb / 20P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
LM25007MMX TI1-LM25007MMX Datasheet
950Kb / 19P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25007 NSC-LM25007_08 Datasheet
282Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
LM25007 NSC-LM25007 Datasheet
617Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25007 TI1-LM25007_14 Datasheet
933Kb / 17P
[Old version datasheet]   42V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_14 Datasheet
929Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25574_0703 NSC-LM25574_0703 Datasheet
414Kb / 22P
   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25574 TI1-LM25574_16 Datasheet
973Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
logo
TelCom Semiconductor, I...
TC2574 TELCOM-TC2574 Datasheet
219Kb / 25P
   0.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com