Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM22671QMR-5.0 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM22671QMR-5.0
Description  LM22671/LM22671-Q1 42V, 500mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM22671QMR-5.0 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM22671QMR-5.0 Datasheet HTML 5Page - Texas Instruments LM22671QMR-5.0 Datasheet HTML 6Page - Texas Instruments LM22671QMR-5.0 Datasheet HTML 7Page - Texas Instruments LM22671QMR-5.0 Datasheet HTML 8Page - Texas Instruments LM22671QMR-5.0 Datasheet HTML 9Page - Texas Instruments LM22671QMR-5.0 Datasheet HTML 10Page - Texas Instruments LM22671QMR-5.0 Datasheet HTML 11Page - Texas Instruments LM22671QMR-5.0 Datasheet HTML 12Page - Texas Instruments LM22671QMR-5.0 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
LM22671
www.ti.com
SNVS589M – SEPTEMBER 2008 – REVISED APRIL 2013
Where Fsw is the switching frequency and TON is the minimum on-time; both found in the Electrical
Characteristics table. If the frequency adjust feature is used, that value should be used for Fsw. Nominal values
should be used. The worst case is lowest output voltage, and highest switching frequency. If this input voltage is
exceeded, the regulator will skip cycles, effectively lowering the switching frequency. The consequences of this
are higher output voltage ripple and a degradation of the output voltage accuracy.
The second limitation is the maximum duty cycle before the output voltage will "dropout" of regulation. The
following equation can be used to approximate the minimum input voltage before dropout occurs:
(4)
The values of TOFF and RDS(ON) are found in the Electrical Characteristics table. The worst case here is highest
switching frequency and highest load. In this equation, RL is the D.C. inductor resistance. Of course, the lowest
input voltage to the regulator must not be less than 4.5V (typ.).
Current Limit
The LM22671 has current limiting to prevent the switch current from exceeding safe values during an accidental
overload on the output. This peak current limit is found in the Electrical Characteristics table under the heading of
ICL. The maximum load current that can be provided, before current limit is reached, is determined from the
following equation:
(5)
Where L is the value of the power inductor.
When the LM22671 enters current limit, the output voltage will drop and the peak inductor current will be fixed at
ICL at the end of each cycle. The switching frequency will remain constant while the duty cycle drops. The load
current will not remain constant, but will depend on the severity of the overload and the output voltage.
For very severe overloads ("short-circuit"), the regulator changes to a low frequency current foldback mode of
operation. The frequency foldback is about 1/5 of the nominal switching frequency. This will occur when the
current limit trips before the minimum on-time has elapsed. This mode of operation is used to prevent inductor
current "run-away", and is associated with very low output voltages when in overload. The following equation can
be used to determine what level of output voltage will cause the part to change to low frequency current foldback:
(6)
Where Fsw is the normal switching frequency and Vin is the maximum for the application. If the overload drives
the output voltage to less than or equal to Vx, the part will enter current foldback mode. If a given application can
drive the output voltage to
≤Vx, during an overload, then a second criterion must be checked. The next equation
gives the maximum input voltage, when in this mode, before damage occurs:
(7)
Where Vsc is the value of output voltage during the overload and Fsw is the normal switching frequency. If the
input voltage should exceed this value, while in foldback mode, the regulator and/or the diode may be
damaged. It is important to note that the voltages in these equations are measured at the inductor. Normal trace
and wiring resistance will cause the voltage at the inductor to be higher than that at a remote load. Therefore,
even if the load is shorted with zero volts across its terminals, the inductor will still see a finite voltage. It is this
value that should be used for Vx and Vsc in the calculations. In order to return from foldback mode, the load must
be reduced to a value much lower than that required to initiate foldback. This load "hysteresis" is a normal aspect
of any type of current limit foldback associated with voltage regulators.
If the frequency synchronization feature is used, the current limit frequency fold-back is not operational, and the
system may not survive a hard short-circuit at the output.
The safe operating areas, when in short circuit mode, are shown in Figure 15 through Figure 17, for different
switching frequencies. Operating points below and to the right of the curve represent safe operation. Note that
these curves are not valid when the LM22671 is in frequency synchronization mode.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM22671


Similar Part No. - LM22671QMR-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM22671QMR-5.0 NSC-LM22671QMR-5.0 Datasheet
429Kb / 18P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
More results

Similar Description - LM22671QMR-5.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM22671 TI-LM22671_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22671/-Q1 42 V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM25575QMH TI1-LM25575QMH Datasheet
999Kb / 30P
[Old version datasheet]   LM25575/LM25575-Q1 SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM25576 TI-LM25576_15 Datasheet
980Kb / 29P
[Old version datasheet]   LM25576/LM25576-Q1 SIMPLE SWITCHER짰 42V, 3A Step-Down Switching Regulator
LM25575 TI-LM25575 Datasheet
999Kb / 30P
[Old version datasheet]   LM25575/LM25575-Q1 SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM22676 TI-LM22676_13 Datasheet
2Mb / 27P
[Old version datasheet]   LM22676/LM22676-Q1 42V, 3A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM25574 TI1-LM25574_14 Datasheet
929Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25574_0703 NSC-LM25574_0703 Datasheet
414Kb / 22P
   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25575 TI1-LM25575_14 Datasheet
989Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25576_0703 NSC-LM25576_0703 Datasheet
434Kb / 24P
   SIMPLE SWITCHER짰 42V, 3A Step-Down Switching Regulator
logo
Texas Instruments
LM22674 TI-LM22674 Datasheet
2Mb / 22P
[Old version datasheet]   LM22674/LM22674-Q1 42V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com