Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC6B596 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC6B596
Description  POWER LOGIC 8-BIT SHIFT REGISTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC6B596 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPIC6B596 Datasheet HTML 6Page - Texas Instruments TPIC6B596 Datasheet HTML 7Page - Texas Instruments TPIC6B596 Datasheet HTML 8Page - Texas Instruments TPIC6B596 Datasheet HTML 9Page - Texas Instruments TPIC6B596 Datasheet HTML 10Page - Texas Instruments TPIC6B596 Datasheet HTML 11Page - Texas Instruments TPIC6B596 Datasheet HTML 12Page - Texas Instruments TPIC6B596 Datasheet HTML 13Page - Texas Instruments TPIC6B596 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
TPIC6B596
POWER LOGIC 8BIT SHIFT REGISTER
SLIS095A − MARCH 2000 − REVISED MAY 2005
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
THERMAL INFORMATION
Figure 10
MAXIMUM CONTINUOUS
DRAIN CURRENT OF EACH OUTPUT
vs
NUMBER OF OUTPUTS CONDUCTING
SIMULTANEOUSLY
N − Number of Outputs Conducting Simultaneously
0
12
3
4
5
6
7
8
VCC = 5 V
TC = 25°C
TC = 125°C
0.45
0.4
0.35
0.3
0.25
0.2
0.15
0.1
0.05
TC = 100°C
Figure 11
MAXIMUM PEAK DRAIN CURRENT
OF EACH OUTPUT
vs
NUMBER OF OUTPUTS CONDUCTING
SIMULTANEOUSLY
N − Number of Outputs Conducting Simultaneously
0.15
0.05
0.4
0
12
3
4
5
0.3
0.2
0.35
0.5
67
8
0.45
0.25
0.1
VCC = 5 V
TC = 25°C
d = tw/tperiod
= 1 ms/tperiod
d = 10%
d = 20%
d = 50%
d = 80%
Revision History
DATE
REV
PAGE
SECTION
DESCRIPTION
5/18/05
A
5
Figure 1
Changed SRCLR timing diagram
3/2000
*
Original reversion
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.


Similar Part No. - TPIC6B596

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC6B596 TI-TPIC6B596 Datasheet
163Kb / 11P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6B596DW TI-TPIC6B596DW Datasheet
163Kb / 11P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6B596DW TI1-TPIC6B596DW Datasheet
901Kb / 17P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6B596DWG4 TI1-TPIC6B596DWG4 Datasheet
901Kb / 17P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6B596DWR TI1-TPIC6B596DWR Datasheet
901Kb / 17P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
More results

Similar Description - TPIC6B596

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC6A595 TI-TPIC6A595 Datasheet
177Kb / 12P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6B595 TI-TPIC6B595 Datasheet
146Kb / 10P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596 TI-TPIC6C596 Datasheet
194Kb / 12P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6595 TI1-TPIC6595_16 Datasheet
1Mb / 18P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596 TI-TPIC6C596_05 Datasheet
495Kb / 17P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A596 TI-TPIC6A596 Datasheet
198Kb / 13P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C595 TI-TPIC6C595 Datasheet
180Kb / 11P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
logo
STMicroelectronics
STPIC6D595 STMICROELECTRONICS-STPIC6D595 Datasheet
337Kb / 20P
   Power logic 8-bit shift register
logo
Texas Instruments
TPIC6C595DRG4 TI-TPIC6C595DRG4 Datasheet
976Kb / 20P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A595DWR TI1-TPIC6A595DWR Datasheet
568Kb / 17P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
logo
STMicroelectronics
STPIC6C595 STMICROELECTRONICS-STPIC6C595_08 Datasheet
420Kb / 22P
   Power logic 8-bit shift register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com