Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERP610VH2680M Datasheet(PDF) 2 Page - Kemet Corporation

Part # ERP610VH2680M
Description  Ceramic AC Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ERP610VH2680M Datasheet(HTML) 2 Page - Kemet Corporation

  ERP610VH2680M Datasheet HTML 1Page - Kemet Corporation ERP610VH2680M Datasheet HTML 2Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2.2 nF to 4.7 nF
33 pF to 1.5 nF
All approval marks are also shown on the
label.
ARTICLE TABLE
APPROVALS/REFERENCE DOCUMENTS
Certification Body
Specification
Approval reference
VDE
EN 132400
40001993, 40001996
UL
UL 1414 (U
R = 250 VAC)
E73869
CSA
C 22.2 No. 1-M90 (U
R=250 VAC)
216038
(cUL recognition)
ORDERING INFORMATION
Article code
1st block
2nd block
See article table
See separate brochure:
Pos. 13 Capacitance tolerance code:
Ceramic Disc, EMI and Safety Capacitors,
M = ± 20% standard
General information
K = ± 10% option
Page 5
See article table and page 19 in the Evox Rifa Film Capacitors 2003 catalogue. For
options, see Ceramic Disc, EMI and Safety Capacitors, General information, Page 5.
PACKING
The box dimensions for bulk packaging
are 245 x 145 x 80 mm. Quantity/package
as per article table.
Reels with taped capacitors are packed
10 in a box with dimension 370 x 370 x
560 mm. Quantity/reel according to article
table. The standard quantity/reel is for
360 mm reel. If 500 mm reel is required,
it must be specified when ordering and
the quantity is 2 x the given quantity.
MARKING
DATA SHEET ERP610
Specifications subject to change
without notice
©
KEMET
ERP610
Capaci-
Dimensions
tance
D x s Max
p±1*
d±0.05*
V±0.5*
Article code
Ceramic
pF
(mm)
(mm)
(mm)
(mm)
1 st block
dielectric
33
8.0 x 6.0 12.5
0.6
1.9
ERP610VH2330M
N 750
47
8.0 x 6.0 12.5
0.6
2.3
ERP610VH2470M
K 1200
68
8.0 x 6.0 12.5
0.6
2.3
ERP610VH2680M
K 1200
100
8.0 x 6.0 12.5
0.6
2.3
ERP610VH3100M
K 1500
150
8.0 x 6.0 12.5
0.6
2.3
ERP610VH3150M
K 2000
220
8.0 x 6.0 12.5
0.6
2.3
ERP610VH3220M
K 2000
330
8.0 x 6.0 12.5
0.6
2.5
ERP610VH3330M
K 2000
470
8.0 x 5.0 12.5
0.6
2.1
ERP610VH3470M
K 4000
680
8.0 x 5.0 12.5
0.6
2.1
ERP610VH3680M
K 4000
1000
9.0 x 5.0 12.5
0.8
2.1
ERP610VH4100M
K 4000
1500
10.0 x 5.0 12.5
0.8
2.1
ERP610VH4150M
K 4000
2200
12.0 x 5.0 12.5
0.8
2.1
ERP610VH4220M
K 4000
2700
13.0 x 5.0 12.5
0.8
2.1
ERP610VH4270M
K 4000
3300
15.0 x 5.0 12.5
0.8
2.1
ERP610VH4330M
K 4000
3900
15.0 x 5.0 12.5
0.8
2.1
ERP610VH4390M
K 4000
4700
17.0 x 5.0 12.5
0.8
2.1
ERP610VH4470M
K 4000
* Standard lead configuration, other lead spacing and diameter available on request.
ERP
760~X1
500~Y1
33p M
IEC 384-14/2
760 500 250~
X1 Y1
c � us
ERP 2n2 M
ERP
ERP
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute –
and we specifically disclaim – any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who
have the requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise
provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - ERP610VH2680M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ERP610W101 KEMET-ERP610W101 Datasheet
1Mb / 10P
   Radial Leaded Ceramic Disc Capacitors
ERP610W102 KEMET-ERP610W102 Datasheet
1Mb / 10P
   Radial Leaded Ceramic Disc Capacitors
ERP610W102MDF0 KEMET-ERP610W102MDF0 Datasheet
1Mb / 10P
   Radial Leaded Ceramic Disc Capacitors
ERP610W102MEF0 KEMET-ERP610W102MEF0 Datasheet
83Kb / 1P
   Ceramic, Safety, ERP610, 1000 pF, 20%, Y5U, Lead Spacing = 12.5mm
ERP610W151 KEMET-ERP610W151 Datasheet
1Mb / 10P
   Radial Leaded Ceramic Disc Capacitors
More results

Similar Description - ERP610VH2680M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ERO610 KEMET-ERO610 Datasheet
693Kb / 2P
   Ceramic AC Capacitors
ERK610 KEMET-ERK610 Datasheet
721Kb / 2P
   Ceramic AC Capacitors
logo
Vishay Siliconix
WKP472MCPEF VISHAY-WKP472MCPEF Datasheet
140Kb / 4P
   AC Line Rated Ceramic Disc Capacitors
Revision: 19-Dec-13
440L VISHAY-440L_18 Datasheet
174Kb / 5P
   AC Line Rated Ceramic Disc Capacitors
Revision: 29-Mar-18
VY1222M47Y5UQ63V0 VISHAY-VY1222M47Y5UQ63V0 Datasheet
133Kb / 6P
   Ceramic Disc Capacitors Safety Standard Approved Disc AC Capacitors
Revision: 15-Oct-09
logo
RFE international
5SB101KT252A67 RFE-5SB101KT252A67 Datasheet
71Kb / 1P
   CERAMIC CAPACITORS CLASS 5 Series: AC X1, Y1 & Y2 Capacitors
logo
Vishay Siliconix
AY1 VISHAY-AY1 Datasheet
306Kb / 12P
   Automotive Grade AC Line Rated Ceramic Disc Capacitors
AY2 VISHAY-AY2_18 Datasheet
355Kb / 13P
   Automotive Grade AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 29-Mar-18
logo
M-System Co.,Ltd.
AY1 MSYSTEM-AY1 Datasheet
306Kb / 12P
   Automotive Grade AC Line Rated Ceramic Disc Capacitors
logo
RFE international
5-KLF472MAC2K510Y5 RFE-5-KLF472MAC2K510Y5 Datasheet
3Mb / 8P
   Ceramic Capacitors CLASS 5 Series: AC X1Y1 & X1Y2
21-JUL-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com