Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GNM314R61A105MA13D Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # GNM314R61A105MA13D
Description  CHIP MONOLITHIC CERAMIC CAPACITOR GNM314R61A105MA13_ (1206, X5R, 1uF, 10Vdc)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GNM314R61A105MA13D Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

Back Button GNM314R61A105MA13D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GNM314R61A105MA13D Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GNM314R61A105MA13D Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GNM314R61A105MA13D Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GNM314R61A105MA13D Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GNM314R61A105MA13D Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GNM314R61A105MA13D Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GNM314R61A105MA13D Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. GNM314R61A105MA13D Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
There are two type of packaging for chip monolithic ceramic capacitor.
Please specify the packaging code.
1.Bulk Packaging(Packaging Code=B):In a bag.
Minimum Quantity : 1000(pcs./bag)
2.Tape Carrier Packaging(Packaging Code:D/L/J/K)
2.1 Minimum Quantity(pcs./reel)
φ180mm reel
φ330mm reel
Paper Tape
Plastic Tape
Paper Tape
Plastic Tape
Code:D
Code:L
Code:J
Code:K
10000
50000
T:0.5mm
4000
10000
T:0.6mm
4000
10000
T:0.8mm
4000
10000
T:0.6mm
4000
10000
T:0.85mm
4000
10000
T:0.8mm
4000
10000
T:1.0mm
3000
10000
T:1.15mm
3000
10000
2.2 Dimensions of Tape
(1)GNM0M2 Paper Tape
(in:mm)
Code
GNM0M2
A
0.72±0.5
B
1.02±0.5
0.8 max.
Type
GNM02
GNM1M
GNM21
GNM31
Package
GNM Type
*1,2:2.0±0.05
*2
4.0±0.1
0.05以下
*1
φ1.5 +0.1
-0
t
*1,2:2.0±0.05
4.0±0.1
*1
φ1.5
+0.1
-0
t
*2
0.05 max.
JEMCCP-0008L
6


Similar Part No. - GNM314R61A105MA13D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GNM314R61C105MA15 MURATA-GNM314R61C105MA15 Datasheet
705Kb / 25P
   CHIP MONOLITHIC CERAMIC CAPACITOR
More results

Similar Description - GNM314R61A105MA13D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM155R61A105K MURATA-GRM155R61A105K Datasheet
59Kb / 1P
   Chip Monolithic Ceramic Capacitor 0402 X5R 1uF 10V
GRM31CR72A105K MURATA-GRM31CR72A105K Datasheet
62Kb / 1P
   Chip Monolithic Ceramic Capacitor 1206 X7R 1uF 100V
GRM31CR60J107M MURATA-GRM31CR60J107M Datasheet
58Kb / 1P
   Chip Monolithic Ceramic Capacitor 1206 X5R 100uF 6.3V
GRM31CR60J226K MURATA-GRM31CR60J226K Datasheet
58Kb / 1P
   Chip Monolithic Ceramic Capacitor 1206 X5R 22關F 6.3V
GRM316R61C225K MURATA-GRM316R61C225K Datasheet
64Kb / 1P
   Chip Monolithic Ceramic Capacitor 1206 X5R 2.2關F 16V
GRM319R61A106K MURATA-GRM319R61A106K Datasheet
57Kb / 1P
   Chip Monolithic Ceramic Capacitor 1206 X5R 10關F 10V
GRM319R61C475K MURATA-GRM319R61C475K Datasheet
58Kb / 1P
   Chip Monolithic Ceramic Capacitor 1206 X5R 4.7關F 16V
GRM319R61E105K MURATA-GRM319R61E105K Datasheet
64Kb / 1P
   Chip Monolithic Ceramic Capacitor 1206 X5R 1關F 25V
GRM31CR61C226K MURATA-GRM31CR61C226K Datasheet
60Kb / 1P
   Chip Monolithic Ceramic Capacitor 1206 X5R 22關F 16V
GRM31CR61C475K MURATA-GRM31CR61C475K Datasheet
58Kb / 1P
   Chip Monolithic Ceramic Capacitor 1206 X5R 4.7關F 16V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com